Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN6069SE-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN6069SE-13
Description  Low on-resistance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6069SE-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN6069SE-13 Datasheet HTML 1Page - Diodes Incorporated DMN6069SE-13 Datasheet HTML 2Page - Diodes Incorporated DMN6069SE-13 Datasheet HTML 3Page - Diodes Incorporated DMN6069SE-13 Datasheet HTML 4Page - Diodes Incorporated DMN6069SE-13 Datasheet HTML 5Page - Diodes Incorporated DMN6069SE-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN6069SE
Datasheet number: DS36474 Rev. 2 - 2
4 of 6
www.diodes.com
January 2014
© Diodes Incorporated
DMN6069SE
0.5
1
1.5
2
2.5
3
-50-25
0
25
50
75100
125 150
T , JUNCTION TEMPERATURE ( C)
Figure 7 Gate Threshold Variation vs. Ambient Temperature
J
I= 1mA
D
I = 250µA
D
0
5
10
15
20
0
0.3
0.6
0.9
1.2
1.5
V , SOURCE-DRAIN VOLTAGE (V)
SD
Figure 8 Diode Forward Voltage vs. Current
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
10
100
1000
10000
010
20
30
40
V , DRAIN-SOURCE VOLTAGE (V)
DS
Figure 9 Typical Junction Capacitance
Ciss
f = 1MHz
Coss
Crss
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
12
14
16
18
Q(nC)
g, TOTAL GATE CHARGE
Figure 10 Gate Charge
V
= 30V
I=
A
DS
D
12
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, PULSE DURATION TIME (sec)
Figure 11 Transient Thermal Resistance
D = 0.5
D = 0.7
D = 0.9
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
R
(t) = r(t) * R
R
= 94°C/W
Duty Cycle, D = t1/ t2

JA
JA
JA


Similar Part No. - DMN6069SE-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN6069SEQ DIODES-DMN6069SEQ Datasheet
694Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
February 2023 Rev. 2 - 2
DMN6069SEQ-13 DIODES-DMN6069SEQ-13 Datasheet
694Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
February 2023 Rev. 2 - 2
DMN6069SE DIODES-DMN6069SE_15 Datasheet
322Kb / 6P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN6069SE-13

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com