Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V211L15J Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT72V211L15J
Description  3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V211L15J Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT72V211L15J Datasheet HTML 1Page - Integrated Device Technology IDT72V211L15J Datasheet HTML 2Page - Integrated Device Technology IDT72V211L15J Datasheet HTML 3Page - Integrated Device Technology IDT72V211L15J Datasheet HTML 4Page - Integrated Device Technology IDT72V211L15J Datasheet HTML 5Page - Integrated Device Technology IDT72V211L15J Datasheet HTML 6Page - Integrated Device Technology IDT72V211L15J Datasheet HTML 7Page - Integrated Device Technology IDT72V211L15J Datasheet HTML 8Page - Integrated Device Technology IDT72V211L15J Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
3.3 VOLT CMOS SyncFIFO™
256 x 9, 512 x 9,
1,024 x 9, 2,048 x 9,
4,096 x 9 and 8,192 x 9
IDT72V201, IDT72V211
IDT72V221, IDT72V231
IDT72V241, IDT72V251
©2002 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-4092/2
FEBRUARY 2002
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc. SyncFIFO is a trademark of Integrated Device Technology, Inc.
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
clocked read and write controls. The architecture, functional operation and pin
assignments are identical to those of the IDT72201/72211/72221/72231/
72241/72251, but operate at a power supply voltage (Vcc) between 3.0V and
3.6V. These devices have a 256, 512, 1,024, 2,048, 4,096 and 8,192 x 9-bit
memory array, respectively. These FIFOs are applicable for a wide variety of
databufferingneedssuchasgraphics,localareanetworksandinterprocessor
communication.
These FIFOs have 9-bit input and output ports. The input port is
controlled by a free-running clock (WCLK), and two Write Enable pins
(
WEN1, WEN2). Data is written into the Synchronous FIFO on every rising
clock edge when the Write Enable pins are asserted. The output port is
controlled by another clock pin (RCLK) and two Read Enable pins (
REN1,
REN2). The Read Clock can be tied to the Write Clock for single clock
operation or the two clocks can run asynchronous of one another for dual-
clock operation. An Output Enable pin (
OE) is provided on the read port
for three-state control of the output.
The Synchronous FIFOs have two fixed flags, Empty (
EF) and Full (FF).
Two programmable flags, Almost-Empty (
PAE) and Almost-Full (PAF), are
provided for improved system control. The programmable flags default to
Empty+7 and Full-7 for
PAE and PAF, respectively. The programmable flag
offsetloadingiscontrolledbyasimplestatemachineandisinitiatedbyasserting
the Load pin (
LD).
These FIFOs are fabricated using IDT's high-speed submicron CMOS
technology.
FEATURES:
••••• 256 x 9-bit organization IDT72V201
••••• 512 x 9-bit organization IDT72V211
••••• 1,024 x 9-bit organization IDT72V221
••••• 2,048 x 9-bit organization IDT72V231
••••• 4,096 x 9-bit organization IDT72V241
••••• 8,192 x 9-bit organization IDT72V251
••••• 10 ns read/write cycle time
••••• 5V input tolerant
••••• Read and Write clocks can be independent
••••• Dual-Ported zero fall-through time architecture
••••• Empty and Full Flags signal FIFO status
••••• Programmable Almost-Empty and Almost-Full flags can be set to
any depth
••••• Programmable Almost-Empty and Almost-Full flags default to
Empty+7, and Full-7, respectively
••••• Output Enable puts output data bus in high-impedance state
••••• Advanced submicron CMOS technology
••••• Available in 32-pin plastic leaded chip carrier (PLCC) and 32-pin
plastic Thin Quad FlatPack (TQFP)
••••• Industrial temperature range (–40
°°°°°C to +85°°°°°C) is available
DESCRIPTION:
TheIDT72V201/72V211/72V221/72V231/72V241/72V251SyncFIFOs™
are very high-speed, low-power First-In, First-Out (FIFO) memories with
FUNCTIONAL BLOCK DIAGRAM
WCLK
WEN1
WEN2
D0 - D8
LD
OFFSET REGISTER
INPUT REGISTER
RAM ARRAY
256 x 9, 512 x 9,
1,024 x 9, 2,048 x 9,
4,096 x 9, 8,192 x 9
WRITE CONTROL
LOGIC
WRITE POINTER
RESET LOGIC
OUTPUT REGISTER
OE
RS
Q0 - Q8
RCLK
REN1
REN2
READ CONTROL
LOGIC
READ POINTER
FLAG
LOGIC
EF
PAE
PAF
FF
4092 drw 01


Similar Part No. - IDT72V211L15J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V211 IDT-IDT72V211 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V211 RENESAS-IDT72V211 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V2111 IDT-IDT72V2111 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2111 IDT-IDT72V2111 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
logo
Renesas Technology Corp
IDT72V2111 RENESAS-IDT72V2111 Datasheet
388Kb / 28P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO™ 262,144 x 9 524,288 x 9
JANUARY 2018
More results

Similar Description - IDT72V211L15J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V801 RENESAS-IDT72V801 Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
   CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com