Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELH277M350AR4 Datasheet(PDF) 8 Page - Kemet Corporation

Part # ELH277M350AR4
Description  Snap-In Aluminum Electrolytic Capacitors ELH Series
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ELH277M350AR4 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button ELH277M350AR4 Datasheet HTML 4Page - Kemet Corporation ELH277M350AR4 Datasheet HTML 5Page - Kemet Corporation ELH277M350AR4 Datasheet HTML 6Page - Kemet Corporation ELH277M350AR4 Datasheet HTML 7Page - Kemet Corporation ELH277M350AR4 Datasheet HTML 8Page - Kemet Corporation ELH277M350AR4 Datasheet HTML 9Page - Kemet Corporation ELH277M350AR4 Datasheet HTML 10Page - Kemet Corporation ELH277M350AR4 Datasheet HTML 11Page - Kemet Corporation ELH277M350AR4 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4018_ELH • 2/10/2016
Snap-In Aluminum Electrolytic Capacitors – ELH Series, +85ºC
VDC
VDC Surge
Voltage
Rated
Capacitance
120 Hz 20°C
(µF)
Case Size
D x L (mm)
DF
120 Hz 20°C
(tan δ %)*
RC
120 Hz 85°C
(A)
LC 20°C
5 Minutes
(mA)
Part Number
63
79
3300
25 x 30
25
2.65
3.0
ELH338M063AR2(1)
63
79
3300
30 x 25
25
2.70
3.0
ELH338M063AS1(1)
63
79
3900
22 x 45
25
2.95
3.0
ELH398M063AQ5(1)
63
79
3900
25 x 35
25
2.95
3.0
ELH398M063AR3(1)
63
79
3900
30 x 30
25
3.00
3.0
ELH398M063AS2(1)
63
79
4700
22 x 50
25
3.40
3.0
ELH478M063AQ6(1)
63
79
4700
25 x 40
25
3.35
3.0
ELH478M063AR4(1)
63
79
4700
30 x 30
25
3.35
3.0
ELH478M063AS2(1)
63
79
4700
35 x 25
25
3.40
3.0
ELH478M063AT1(1)
63
79
5600
25 x 45
25
3.70
3.0
ELH568M063AR5(1)
63
79
5600
30 x 35
25
3.75
3.0
ELH568M063AS3(1)
63
79
5600
35 x 30
25
3.75
3.0
ELH568M063AT2(1)
63
79
6800
30 x 40
25
4.25
3.0
ELH688M063AS4(1)
63
79
6800
35 x 30
25
4.20
3.0
ELH688M063AT2(1)
63
79
8200
30 x 45
25
4.80
3.0
ELH828M063AS5(1)
63
79
8200
35 x 35
25
4.80
3.0
ELH828M063AT3(1)
63
79
10000
30 x 50
25
5.50
3.0
ELH109M063AS6(1)
63
79
10000
35 x 40
25
5.45
3.0
ELH109M063AT4(1)
63
79
12000
35 x 45
25
6.20
3.0
ELH129M063AT5(1)
80
100
1200
22 x 25
25
1.65
1.9
ELH128M080AQ1(1)
80
100
1500
22 x 30
25
1.90
2.4
ELH158M080AQ2(1)
80
100
1500
25 x 25
25
1.90
2.4
ELH158M080AR1(1)
80
100
1800
22 x 35
25
2.20
2.9
ELH188M080AQ3(1)
80
100
1800
25 x 30
25
2.20
2.9
ELH188M080AR2(1)
80
100
1800
30 x 25
25
2.20
2.9
ELH188M080AS1(1)
80
100
2200
22 x 40
25
2.45
3.0
ELH228M080AQ4(1)
80
100
2200
25 x 30
25
2.45
3.0
ELH228M080AR2(1)
80
100
2200
30 x 25
25
2.50
3.0
ELH228M080AS1(1)
80
100
2700
22 x 45
25
2.80
3.0
ELH278M080AQ5(1)
80
100
2700
25 x 35
25
2.80
3.0
ELH278M080AR3(1)
80
100
2700
30 x 30
25
2.85
3.0
ELH278M080AS2(1)
80
100
2700
35 x 25
25
2.85
3.0
ELH278M080AT1(1)
80
100
3300
22 x 50
25
3.15
3.0
ELH338M080AQ6(1)
80
100
3300
25 x 40
25
3.20
3.0
ELH338M080AR4(1)
80
100
3300
30 x 30
25
3.20
3.0
ELH338M080AS2(1)
80
100
3300
35 x 25
25
3.20
3.0
ELH338M080AT1(1)
80
100
3900
25 x 45
25
3.60
3.0
ELH398M080AR5(1)
80
100
3900
30 x 35
25
3.60
3.0
ELH398M080AS3(1)
80
100
3900
35 x 30
25
3.60
3.0
ELH398M080AT2(1)
80
100
4700
25 x 50
25
4.05
3.0
ELH478M080AR6(1)
80
100
4700
30 x 40
25
4.05
3.0
ELH478M080AS4(1)
80
100
4700
35 x 35
25
4.10
3.0
ELH478M080AT3(1)
80
100
5600
30 x 45
25
4.55
3.0
ELH568M080AS5(1)
80
100
5600
35 x 35
25
4.50
3.0
ELH568M080AT3(1)
80
100
6800
30 x 50
25
5.15
3.0
ELH688M080AS6(1)
80
100
6800
35 x 40
25
5.15
3.0
ELH688M080AT4(1)
80
100
8200
35 x 45
25
5.85
3.0
ELH828M080AT5(1)
80
100
10000
35 x 50
25
6.60
3.0
ELH109M080AT6(1)
100
125
820
22 x 25
25
1.85
1.6
ELH827M100AQ1(1)
100
125
1000
22 x 30
25
2.10
2.0
ELH108M100AQ2(1)
100
125
1000
25 x 25
25
2.10
2.0
ELH108M100AR1(1)
100
125
1200
22 x 35
25
2.40
2.4
ELH128M100AQ3(1)
100
125
1200
25 x 30
25
2.45
2.4
ELH128M100AR2(1)
100
125
1500
22 x 40
25
2.70
3.0
ELH158M100AQ4(1)
100
125
1500
25 x 30
25
2.75
3.0
ELH158M100AR2(1)
100
125
1500
30 x 25
25
2.75
3.0
ELH158M100AS1(1)
100
125
1800
22 x 45
25
3.10
3.0
ELH188M100AQ5(1)
VDC
VDC Surge
Rated
Capacitance
Case Size
DF
RC
LC
Part Number
Table 1 – Ratings & Part Number Reference cont'd
(1) Insert packaging code. See Ordering Options Table for available options.
* When capacitance exceeds 1,000 µF, the DF value (%) is increased by 2% for every additional 1,000 µF.


Similar Part No. - ELH277M350AR4

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ELH228M063AQ2AA KEMET-ELH228M063AQ2AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 85C, ELH, 2200 uF, 20%, 63 V, -40/85C
ELH228M100AR4AA KEMET-ELH228M100AR4AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 85C, ELH, 2200 uF, 20%, 100 V, -40/85C
ELH228M200AT6AA KEMET-ELH228M200AT6AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 85C, ELH, 2200 uF, 20%, 200 V, -25/85C
ELH229M016AR4AA KEMET-ELH229M016AR4AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 85C, ELH, 0.022 F, 20%, 16 V, -40/85C
ELH229M035AS6AA KEMET-ELH229M035AS6AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 85C, ELH, 0.022 F, 20%, 35 V, -40/85C
More results

Similar Description - ELH277M350AR4

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com