Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V221L10J Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT72V221L10J
Description  3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V221L10J Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT72V221L10J Datasheet HTML 4Page - Integrated Device Technology IDT72V221L10J Datasheet HTML 5Page - Integrated Device Technology IDT72V221L10J Datasheet HTML 6Page - Integrated Device Technology IDT72V221L10J Datasheet HTML 7Page - Integrated Device Technology IDT72V221L10J Datasheet HTML 8Page - Integrated Device Technology IDT72V221L10J Datasheet HTML 9Page - Integrated Device Technology IDT72V221L10J Datasheet HTML 10Page - Integrated Device Technology IDT72V221L10J Datasheet HTML 11Page - Integrated Device Technology IDT72V221L10J Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
IDT72V201/72V211/72V221/72V231/72V241/72V251 3.3V CMOS SyncFIFO™
256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
NOTES:
1. Holding WEN2/
LD HIGH during reset will make the pin act as a second write enable pin. Holding WEN2/LD LOW during reset will make the pin act as a load enable for the programmable
flag offset registers.
2. After reset, the outputs will be LOW if
OE = 0 and high-impedance if OE = 1.
3.
The clocks (RCLK, WCLK) can be free-running during reset.
Figure 4. Reset Timing
NOTE:
1. tSKEW1 is the minimum time between a rising RCLK edge and a rising WCLK edge for
FF to change during the current clock cycle. If the time between
the rising edge of RCLK and the rising edge of WCLK is less than tSKEW1, then
FF may not change state until the next WCLK edge.
Figure 5. Write Cycle Timing
tRS
tRSR
RS
REN1,
REN2
tRSF
tRSF
OE = 1
OE = 0
(2)
EF, PAE
FF, PAF
Q0 - Q8
4092 drw06
WEN1
(1)
tRSS
tRSF
tRSR
tRSS
tRSR
tRSS
WEN2/
LD
tDH
tENH
tSKEW1(1)
tCLK
tCLKH
tCLKL
tDS
tENS
tWFF
tWFF
WCLK
D0 - D8
WEN1
WEN2/
(If Applicable)
FF
RCLK
REN1,
REN2
NO OPERATION
NO OPERATION
4092 drw07
DATA IN VALID
tENH
tENS


Similar Part No. - IDT72V221L10J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V221 IDT-IDT72V221 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V221 RENESAS-IDT72V221 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
More results

Similar Description - IDT72V221L10J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V801 RENESAS-IDT72V801 Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
   CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com