Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELH128M250AT4 Datasheet(PDF) 3 Page - Kemet Corporation

Part # ELH128M250AT4
Description  Snap-In Aluminum Electrolytic Capacitors ELH Series
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ELH128M250AT4 Datasheet(HTML) 3 Page - Kemet Corporation

  ELH128M250AT4 Datasheet HTML 1Page - Kemet Corporation ELH128M250AT4 Datasheet HTML 2Page - Kemet Corporation ELH128M250AT4 Datasheet HTML 3Page - Kemet Corporation ELH128M250AT4 Datasheet HTML 4Page - Kemet Corporation ELH128M250AT4 Datasheet HTML 5Page - Kemet Corporation ELH128M250AT4 Datasheet HTML 6Page - Kemet Corporation ELH128M250AT4 Datasheet HTML 7Page - Kemet Corporation ELH128M250AT4 Datasheet HTML 8Page - Kemet Corporation ELH128M250AT4 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4018_ELH • 2/10/2016
Snap-In Aluminum Electrolytic Capacitors – ELH Series, +85ºC
Environmental Compliance
As an environmentally conscious company, KEMET is working continuously with improvements concerning the environmental effects
of both our capacitors and their production. In Europe (RoHS Directive) and in some other geographical areas like China, legislation
has been put in place to prevent the use of some hazardous materials, such as lead (Pb), in electronic equipment. All products in this
catalog are produced to help our customers’ obligations to guarantee their products and fulfill these legislative requirements. The only
material of concern in our products has been lead (Pb), which has been removed from all designs to fulfill the requirement of containing
less than 0.1% of lead in any homogeneous material. KEMET will closely follow any changes in legislation world wide and makes any
necessary changes in its products, whenever needed.
Some customer segments such as medical, military and automotive electronics may still require the use of lead in electrode coatings.
To clarify the situation and distinguish products from each other, a special symbol is used on the packaging labels for RoHS compatible
capacitors.
Because of customer requirements, there may appear additional markings such as LF = Lead Free or LFW = Lead Free Wires on the
label.
Performance Characteristics
Item
Performance Characteristics
Capacitance Range
820 – 120000 µF
47 – 2,200 µF
Capacitance Tolerance
±20% at 120 Hz / 20°C
Rated Voltage
6.3 – 100 VDC
160 – 500 VDC
Life Test
2,000 hours (see conditions in Test Methods & Performance)
Operating Temperature
-40°C to +85°C
-25°C to +85°C
Leakage Current
I = 0.02 CV (mA) or 3 mA, whichever is smaller
C = rated capacitance (µF), V = rated voltage (VDC). Voltage applied for 5 minutes at 20°C.
Impedance Z Characteristics at 120 Hz
Rated Voltage (VDC)
6.3 – 16
25
35
50 – 63 80 – 100 160 – 400 420 – 500
Z (-25°C) / Z (20°C)
3
3
3
2
2
4
8
Z (-40°C) / Z (20°C)
12
10
8
6
5
Compensation Factor of Ripple Current (RC) vs. Frequency
Rated Voltage (VDC)
50 Hz
60 Hz
120 Hz
1 kHz
10 kHz
6.3 – 100
0.88
0.90
1.00
1.15
1.16
160 – 250
0.75
0.78
1.00
1.30
1.50
350 – 450
0.74
0.76
1.00
1.35
1.45
500
0.72
0.74
1.00
1.20
1.30


Similar Part No. - ELH128M250AT4

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ELH107M400AQ2AA KEMET-ELH107M400AQ2AA Datasheet
57Kb / 1P
   ELH, Aluminum Electrolytic, 85C, 100 uF, 20%, 400 V, -25/85C
ELH107M450AR2AA KEMET-ELH107M450AR2AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 85C, ELH, 100 uF, 20%, 450 V, -25/85C
ELH109M016AQ2AA KEMET-ELH109M016AQ2AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 85C, ELH, 0.01 F, 20%, 16 V, -40/85C
ELH109M035AR4AA KEMET-ELH109M035AR4AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 85C, ELH, 0.01 F, 20%, 35 V, -40/85C
ELH109M050AS5AA KEMET-ELH109M050AS5AA Datasheet
56Kb / 1P
   ELH, Aluminum Electrolytic, 85C, 0.01 F, 20%, 50 V, -40/85C
More results

Similar Description - ELH128M250AT4

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com