Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F464AE223K160C Datasheet(PDF) 10 Page - Kemet Corporation

Part # F464AE223K160C
Description  General Purpose, Pulse and DC Transient Suppression Single Metallized Polypropylene Film
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F464AE223K160C Datasheet(HTML) 10 Page - Kemet Corporation

Back Button F464AE223K160C Datasheet HTML 6Page - Kemet Corporation F464AE223K160C Datasheet HTML 7Page - Kemet Corporation F464AE223K160C Datasheet HTML 8Page - Kemet Corporation F464AE223K160C Datasheet HTML 9Page - Kemet Corporation F464AE223K160C Datasheet HTML 10Page - Kemet Corporation F464AE223K160C Datasheet HTML 11Page - Kemet Corporation F464AE223K160C Datasheet HTML 12Page - Kemet Corporation F464AE223K160C Datasheet HTML 13Page - Kemet Corporation F464AE223K160C Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3028_F461-464 • 5/3/2016 10
Film Capacitors
General Purpose, Pulse and DC Transient Suppression – F461 – 464 Series Single Metallized Polypropylene Film
Table 1 – Ratings & Part Number Reference cont'd
(1) J = 5%, K = 10%, other tolerances on request.
(2) Insert lead and packaging code. See Ordering Options Table for available options.
VDC
VAC
Capacitance
Value (µF) Size Code
Max Dimensions in mm Lead Spacing
(p)
dV/dt
(V/µs)
Part Number
B
H
L
160
90
1.8
DI
7.0
16.0
26.0
22.5
60
F461DI185(1)160(2)
160
90
2.2
DJ
8.5
17.0
26.0
22.5
60
F461DJ225(1)160(2)
160
90
2.7
DM
9.0
18.5
26.0
22.5
60
F461DM275(1)160(2)
160
90
3.3
DM
9.0
18.5
26.0
22.5
60
F461DM335(1)160(2)
160
90
3.9
DP
11.0
20.0
26.0
22.5
60
F461DP395(1)160(2)
160
90
4.7
DU
13.0
22.0
26.0
22.5
60
F461DU475(1)160(2)
160
90
5.6
DU
13.0
22.0
26.0
22.5
60
F461DU565(1)160(2)
160
90
6.8
DY
15.5
24.5
26.0
22.5
60
F461DY685(1)160(2)
160
90
8.2
DY
15.5
24.5
26.0
22.5
60
F461DY825(1)160(2)
160
90
2.2
FB
9.0
17.0
31.5
27.5
50
F461FB225(1)160(2)
160
90
2.7
FB
9.0
17.0
31.5
27.5
50
F461FB275(1)160(2)
160
90
3.3
FB
9.0
17.0
31.5
27.5
50
F461FB335(1)160(2)
160
90
3.9
FC
11.0
20.0
31.5
27.5
50
F461FC395(1)160(2)
160
90
4.7
FC
11.0
20.0
31.5
27.5
50
F461FC475(1)160(2)
160
90
5.6
FI
13.0
25.0
31.5
27.5
50
F461FI565(1)160(2)
160
90
6.8
FI
13.0
25.0
31.5
27.5
50
F461FI685(1)160(2)
160
90
8.2
FI
13.0
25.0
31.5
27.5
50
F461FI825(1)160(2)
160
90
10.0
FR
17.5
28.0
31.5
27.5
50
F461FR106(1)160(2)
160
90
12.0
FR
17.5
28.0
31.5
27.5
50
F461FR126(1)160(2)
160
90
15.0
FY
22.0
37.0
31.5
27.5
50
F461FY156(1)160(2)
160
90
18.0
FY
22.0
37.0
31.5
27.5
50
F461FY186(1)160(2)
160
90
22.0
FY
22.0
37.0
31.5
27.5
50
F461FY226(1)160(2)
160
90
6.8
RB
11.0
22.0
41.0
37.5
35
F461RB685(1)160(2)
160
90
8.2
RB
11.0
22.0
41.0
37.5
35
F461RB825(1)160(2)
160
90
10.0
RF
13.0
24.0
41.0
37.5
35
F461RF106(1)160(2)
160
90
12.0
RH
15.0
26.0
41.0
37.5
35
F461RH126(1)160(2)
160
90
15.0
RC
16.0
28.5
41.0
37.5
35
F461RC156(1)160(2)
160
90
18.0
RD
19.0
32.0
41.0
37.5
35
F461RD186(1)160(2)
160
90
22.0
RD
19.0
32.0
41.0
37.5
35
F461RD226(1)160(2)
160
90
27.0
RP
21.0
38.0
41.0
37.5
35
F461RP276(1)160(2)
160
90
33.0
RO
24.0
44.0
41.0
37.5
35
F461RO336(1)160(2)
160
90
39.0
RO
24.0
44.0
41.0
37.5
35
F461RO396(1)160(2)
160
90
47.0
RU
30.0
45.0
41.0
37.5
35
F461RU476(1)160(2)
160
90
56.0
RU
30.0
45.0
41.0
37.5
35
F461RU566(1)160(2)
250
160
0.01
JF
2.5
6.5
7.2
5.0
250
F461JF103(1)250(2)
250
160
0.012
JF
2.5
6.5
7.2
5.0
250
F461JF123(1)250(2)
250
160
0.015
JF
2.5
6.5
7.2
5.0
250
F461JF153(1)250(2)
250
160
0.022
JG
3.5
7.5
7.2
5.0
250
F461JG223(1)250(2)
250
160
0.027
JG
3.5
7.5
7.2
5.0
250
F461JG273(1)250(2)
250
160
0.033
JM
4.5
9.5
7.2
5.0
250
F461JM333(1)250(2)
250
160
0.039
JM
4.5
9.5
7.2
5.0
250
F461JM393(1)250(2)
250
160
0.047
JQ
5.0
10.0
7.2
5.0
250
F461JQ473(1)250(2)
250
160
0.056
JQ
5.0
10.0
7.2
5.0
250
F461JQ563(1)250(2)
250
160
0.068
JT
6.0
11.0
7.2
5.0
250
F461JT683(1)250(2)
250
160
0.082
JT
6.0
11.0
7.2
5.0
250
F461JT823(1)250(2)
250
160
0.1
JU
7.2
13.0
7.2
5.0
250
F461JU104(1)250(2)
250
160
0.12
JU
7.2
13.0
7.2
5.0
250
F461JU124(1)250(2)
250
160
0.15
JU
7.2
13.0
7.2
5.0
250
F461JU154(1)250(2)
250
160
0.01
KE
2.5
6.0
10.0
7.5
650
F461KE103(1)250(2)
250
160
0.012
KE
2.5
6.0
10.0
7.5
650
F461KE123(1)250(2)
250
160
0.015
KF
3.0
8.0
10.0
7.5
650
F461KF153(1)250(2)
250
160
0.018
KF
3.0
8.0
10.0
7.5
650
F461KF183(1)250(2)
250
160
0.022
KF
3.0
8.0
10.0
7.5
650
F461KF223(1)250(2)
250
160
0.027
KF
3.0
8.0
10.0
7.5
650
F461KF273(1)250(2)
250
160
0.033
KF
3.0
8.0
10.0
7.5
650
F461KF333(1)250(2)
250
160
0.039
KG
4.0
8.0
10.0
7.5
650
F461KG393(1)250(2)
250
160
0.047
KG
4.0
8.0
10.0
7.5
650
F461KG473(1)250(2)
250
160
0.056
KG
4.0
8.0
10.0
7.5
650
F461KG563(1)250(2)
250
160
0.068
KJ
5.0
10.5
10.0
7.5
650
F461KJ683(1)250(2)
250
160
0.082
KJ
5.0
10.5
10.0
7.5
650
F461KJ823(1)250(2)
VDC
VAC
Capacitance
Value (µF)
Size Code
B (mm)
H (mm)
L (mm)
Lead Spacing (p)
dV/dt (V/µs)
Part Number


Similar Part No. - F464AE223K160C

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F464BB102J2K5A KEMET-F464BB102J2K5A Datasheet
56Kb / 1P
   F464, Film, Metallized Polypropylene, Commercial Grade, 1000 pF, 5%, 2,500 V, 85C, Lead Spacing = 15mm
F464BB222J2K5A KEMET-F464BB222J2K5A Datasheet
56Kb / 1P
   F464, Film, Metallized Polypropylene, Commercial Grade, 2200 pF, 5%, 2,500 V, 85C, Lead Spacing = 15mm
F464BE472J2K5A KEMET-F464BE472J2K5A Datasheet
56Kb / 1P
   F464, Film, Metallized Polypropylene, Commercial Grade, 4700 pF, 5%, 2,500 V, 85C, Lead Spacing = 15mm
F464BP103J2K5A KEMET-F464BP103J2K5A Datasheet
57Kb / 1P
   F464, Film, Metallized Polypropylene, Commercial Grade, 0.01 uF, 5%, 2,500 V, 85C, Lead Spacing = 15mm
F464BY223J2K5A KEMET-F464BY223J2K5A Datasheet
56Kb / 1P
   F464, Film, Metallized Polypropylene, Commercial Grade, 0.022 uF, 5%, 2,500 V, 85C, Lead Spacing = 15mm
More results

Similar Description - F464AE223K160C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
R75 KEMET-R75 Datasheet
2Mb / 34P
   R75, Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
3/26/2021
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
Kemet Corporation
R75PN2820AA30K KEMET-R75PN2820AA30K_16 Datasheet
1Mb / 27P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
R75PN2820AA30K KEMET-R75PN2820AA30K Datasheet
722Kb / 26P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
logo
Kemet Corporation
PHE844RD6100MR06L2 KEMET-PHE844RD6100MR06L2 Datasheet
1Mb / 14P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463N31500001M KEMET-R463N31500001M_16 Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com