Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2105S Datasheet(PDF) 9 Page - International Rectifier

Part # IR2105S
Description  High Voltage, High Speed Power MOSFET and IGBT Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2105S Datasheet(HTML) 9 Page - International Rectifier

Back Button IR2105S Datasheet HTML 4Page - International Rectifier IR2105S Datasheet HTML 5Page - International Rectifier IR2105S Datasheet HTML 6Page - International Rectifier IR2105S Datasheet HTML 7Page - International Rectifier IR2105S Datasheet HTML 8Page - International Rectifier IR2105S Datasheet HTML 9Page - International Rectifier IR2105S Datasheet HTML 10Page - International Rectifier IR2105S Datasheet HTML 11Page - International Rectifier IR2105S Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
IR2105
www.irf.com
Figure 13A. Logic "0"(HO) & Logic "1"(LO)
Input Voltage vs Temperature
Figure 13B. Logic "0"(HO) & Logic "1"(LO)
Input Voltage vs Voltage
Figure 14A. High Level Output vs Temperature
Figure 14B. High Level Output vs Voltage
Figure 15A. Low Level Output
vs Temperature
Figure 15B. Low Level Output vs Voltage
0
0.2
0.4
0.6
0.8
1
10
12
14
16
18
20
Max .
Vcc Supply Voltage (V)
Vcc Supply Voltage (V)
0
0.8
1.6
2.4
3.2
4
10
12
14
16
18
20
Max.
Vcc Supply Voltage (V)
0
0.8
1.6
2.4
3.2
4
- 5 0
- 25
0
2 5
5 0
7 5
1 0 0
12 5
Ma x .
Temperature (
oC)
0
0.2
0.4
0.6
0.8
1
10
12
14
16
18
20
Max.
0
0.2
0.4
0.6
0.8
1
-50
-25
0
25
50
75
100
125
Max .
Temperature (
oC)
0
0.2
0.4
0.6
0.8
1
- 5 0
- 25
0
2 5
5 0
7 5
100
125
Ma x .
Temperature (
oC)


Similar Part No. - IR2105S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2101 IRF-IR2101 Datasheet
396Kb / 6P
   HIGH AND LOW SIDE DRIVER
IR2101 IRF-IR2101 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
IR2101 IRF-IR2101 Datasheet
138Kb / 13P
   HIGH AND LOW SIDE DRIVER
IR2101 IRF-IR2101 Datasheet
144Kb / 14P
   HIGH AND LOW SIDE DRIVER Product Summary
IR2101 IRF-IR2101 Datasheet
144Kb / 14P
   HIGH AND LOW SIDE DRIVER
More results

Similar Description - IR2105S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IX2127 CLARE-IX2127 Datasheet
1Mb / 11P
   High-Voltage Power MOSFET & IGBT Driver
IX2127 CLARE-IX2127_11 Datasheet
1Mb / 12P
   High-Voltage Power MOSFET & IGBT Driver
logo
IXYS Corporation
IXSH35N120A IXYS-IXSH35N120A Datasheet
64Kb / 4P
   High Voltage, High speed IGBT
logo
AiT Semiconductor Inc.
AG2113 AITSEMI-AG2113 Datasheet
888Kb / 16P
   MOSFET/IGBT GATE DRIVER HIGH AND LOW SIDE DRIVER
REV1.0
AG2136 AITSEMI-AG2136 Datasheet
834Kb / 13P
   MOSFET/IGBT GATE DRIVER 3-PHASE HIGH VOLTAGE DRIVER
REV2.0
AG2101 AITSEMI-AG2101 Datasheet
585Kb / 8P
   MOSFET/IGBT GATE DRIVER HIGH AND LOW SIDE DRIVER
REV1.0
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
   High Speed Synchronous Power MOSFET Driver
SC1205H SEMTECH-SC1205H Datasheet
228Kb / 13P
   high speed syncronous power mosfet driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
   High Speed Synchronous Power MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com