Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCRF200I1M08D Datasheet(PDF) 5 Page - Microchip Technology

Part # MCRF200I1M08D
Description  125 kHz microID??Passive RFID Device
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCRF200I1M08D Datasheet(HTML) 5 Page - Microchip Technology

  MCRF200I1M08D Datasheet HTML 1Page - Microchip Technology MCRF200I1M08D Datasheet HTML 2Page - Microchip Technology MCRF200I1M08D Datasheet HTML 3Page - Microchip Technology MCRF200I1M08D Datasheet HTML 4Page - Microchip Technology MCRF200I1M08D Datasheet HTML 5Page - Microchip Technology MCRF200I1M08D Datasheet HTML 6Page - Microchip Technology MCRF200I1M08D Datasheet HTML 7Page - Microchip Technology MCRF200I1M08D Datasheet HTML 8Page - Microchip Technology MCRF200I1M08D Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
 2003 Microchip Technology Inc.
DS21219H-page 5
MCRF200
2.2
Configuration Register and
Control Logic
The configuration register determines the operational
parameters of the device. The configuration register
can
not
be
programmed
contactlessly;
it
is
programmed during wafer probe at the Microchip
factory. CB11 is always a zero; CB12 is set when
successful contact or contactless programming of the
data array has been completed. Once CB12 is set,
device programming and erasing is disabled. Table 2-4
contains a description of the bit functions of the control
register.
2.2.1
BAUD RATE TIMING OPTION
The chip will access data at a baud rate determined by
bits CB2, CB3 and CB4 of the configuration register.
For example, MOD32 (CB2 = 0, CB3 = 1, CB4 = 1) has
32 RF cycles per bit. This gives the data rate of 4 kHz
for the RF carrier frequency of 128 kHz.
The default timing is MOD128 (FCLK/128), and this
mode is used for contact and contactless program-
ming. Once the array is successfully programmed, the
lock bit CB12 is set. When the lock bit is set, program-
ming and erasing the device becomes permanently
disabled. The configuration register has no effect on
device timing until the EEPROM data array is
programmed (CB12 = 1).
2.2.2
DATA ENCODING OPTION
This logic acts upon the serial data being read from the
EEPROM. The logic encodes the data according to the
configuration bits CB6 and CB7. CB6 and CB7
determine the data encoding method. The available
choices are:
• Non-return to zero-level (NRZ_L)
• Biphase Differential, Biphase Manchester
• Inverted Manchester
2.2.3
MODULATION OPTION
CB8 and CB9 determine the modulation protocol of the
encoded data. The available choices are:
• ASK
•FSK
• PSK_1
• PSK_2
When ASK (direct) option is chosen, the encoded data
is fed into the modulation transistor without change.
When FSK option is chosen, the encoded data is
represented by:
a)
Sets of 10 RF carrier cycles (first 5 cycles
higher amplitude, the last 5 cycles
→ lower
amplitude) for logic “high” level.
b)
Sets of 8 RF carrier cycles (first 4 cycles
higher amplitude, the last 4 cycles
→ lower
amplitude) for logic “low” level.
For example, FSK signal for MOD40 is represented:
a)
4 sets of 10 RF carrier cycles for data ‘1’.
b)
5 sets of 8 RF carrier cycles for data ‘0’.
Refer to Figure 2-2 for the FSK signal with MOD40
option.
The PSK_1 represents change in the phase of the
modulation signal at the change of the encoded data.
For example, the phase changes when the encoded
data is changed from ‘1’ to ‘0’, or from ‘0’ to ‘1’.
The PSK_2 represents change in the phase at the
change on ‘1’. For example, the phase changes when
the encoded data is changed from ‘0’ to ‘1’, or from ‘1’
to ‘1’.
FIGURE 2-2:
ENCODED DATA AND FSK OUTPUT SIGNAL FOR MOD40 OPTION
Encoded Data ‘1’
Encoded Data ‘0’
40 RF cycles
40 RF cycles
5 cycles (HI)
5 cycles (LO)
4 cycles (HI)
4 cycles (LO)


Similar Part No. - MCRF200I1M08D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCRF202 MICROCHIP-MCRF202 Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
MCRF202-I/P MICROCHIP-MCRF202-I/P Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
MCRF202-I/S MICROCHIP-MCRF202-I/S Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
MCRF202-I/SB MICROCHIP-MCRF202-I/SB Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
MCRF202-I/SN MICROCHIP-MCRF202-I/SN Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
More results

Similar Description - MCRF200I1M08D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCRF250 MICROCHIP-MCRF250 Datasheet
395Kb / 24P
   125 kHz microID Passive RFID Device with Anti-Collision
2003
MCRF202 MICROCHIP-MCRF202 Datasheet
340Kb / 20P
   125 kHz Passive RFID Device with Sensor Input
2003
MCRF450 MICROCHIP-MCRF450 Datasheet
1Mb / 50P
   13.56 MHz Read/Write Passive RFID Device
2003
logo
ATMEL Corporation
AT88RF256-12 ATMEL-AT88RF256-12 Datasheet
190Kb / 12P
   125 kHz RFID Chip for Cards and Tags
logo
Abracon Corporation
ARRRN5-915.000MHZ ABRACON-ARRRN5-915.000MHZ Datasheet
3Mb / 2P
   RFID Reader (Passive)
11.17.14
ARRTN5-915.000MHZ ABRACON-ARRTN5-915.000MHZ Datasheet
4Mb / 2P
   RFID Reader (Passive)
11.24.14
ARRAN5-868.000MHZ ABRACON-ARRAN5-868.000MHZ Datasheet
2Mb / 2P
   RFID Reader (Passive)
11.17.14
ARRCN5-915.000MHZ ABRACON-ARRCN5-915.000MHZ Datasheet
1Mb / 2P
   RFID Reader (Passive)
11.17.14
ARRSN5-915.000MHZ ABRACON-ARRSN5-915.000MHZ Datasheet
4Mb / 2P
   RFID Reader (Passive)
11.24.14
ARRAN5-915.000MHZ ABRACON-ARRAN5-915.000MHZ Datasheet
2Mb / 2P
   RFID Reader (Passive)
11.17.14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com