Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM3808 Datasheet(PDF) 11 Page - Ramtron International Corporation

Part # FM3808
Description  256Kb Bytewide FRAM w/ Real-Time Clock
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM3808 Datasheet(HTML) 11 Page - Ramtron International Corporation

Back Button FM3808 Datasheet HTML 7Page - Ramtron International Corporation FM3808 Datasheet HTML 8Page - Ramtron International Corporation FM3808 Datasheet HTML 9Page - Ramtron International Corporation FM3808 Datasheet HTML 10Page - Ramtron International Corporation FM3808 Datasheet HTML 11Page - Ramtron International Corporation FM3808 Datasheet HTML 12Page - Ramtron International Corporation FM3808 Datasheet HTML 13Page - Ramtron International Corporation FM3808 Datasheet HTML 14Page - Ramtron International Corporation FM3808 Datasheet HTML 15Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
FM3808
Rev 1.1
May 2003
Page 11 of 28
Watchdog Timer
The Watchdog timer is a free running down counter
that uses the 32 Hz clock (31.25 ms) derived from the
crystal oscillator. The oscillator must be running
(/OSCEN=0) for the watchdog to function. It begins
counting down from the value loaded in the
Watchdog Timer register (7FF7h).
The counter consists of a loadable register and a free
running counter. On power up, the watchdog timeout
value in 7FF7h is loaded into the counter load
register. Counting begins on power up and restarts
from the loadable value any time the Watchdog
Strobe WDS bit (7FF7h bit D7) is set to 1. The
counter is compared to terminal value of 0. If the
counter reaches this value, it causes an internal flag
and an optional interrupt output (see interrupts
below). The user can prevent the timeout interrupt by
setting WDS bit to 1 prior to the counter reaching 0.
This causes the counter to be reloaded with the
watchdog timeout value and to be restarted. As long
as the user sets the WDS bit prior to the counter
reaching the terminal value, the interrupt and flag
never occurs.
New timeout values can be written by setting the
watchdog write bit (7FF7h bit D6) to 0. When the
/WDW bit is 0 (from a previous operation), new
writes to the watchdog timeout value 7FF7h bits D5-
D0 allow the timeout value to be modified. When
/WDW is a 1, then writes to bits 7FF7h bits D4-D0
will be ignored. The /WDW function allows a user to
set the WDS bit without concern that the watchdog
timer value will be modified. A logical diagram of the
watchdog timer is shown below. Note that setting the
watchdog timeout value to 0 would be otherwise
meaningless and therefore disables the watchdog
function.
The output of the watchdog timer is a flag bit WDF
(7FF0h bit D7) that is set if the watchdog is allowed
to timeout. The flag is set upon a watchdog timeout
and cleared when the Flags/Control register is read by
the user. The user can also enable an optional
interrupt source to drive the INT pin if the watchdog
timeout occurs. The interrupt function is described on
page 13.
Oscillator
Clock
Divider
Counter
Watchdog
register
32.768 kHz
1 Hz
32 Hz
WDS
WDW
7FF7.5-0
Zero
Compare
WDF
7FF0.7
Load Register
Q
Q
D
write to
Watchdog
register
Figure 3. Watchdog Timer Block Diagram


Similar Part No. - FM3808

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM3808-70-T RAMTRON-FM3808-70-T Datasheet
230Kb / 27P
   256Kb Bytewide FRAM w/ Real-Time Clock
FM3808DK RAMTRON-FM3808DK Datasheet
230Kb / 27P
   256Kb Bytewide FRAM w/ Real-Time Clock
FM3808 RAMTRON-FM3808_06 Datasheet
230Kb / 27P
   256Kb Bytewide FRAM w/ Real-Time Clock
More results

Similar Description - FM3808

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM3808 RAMTRON-FM3808_06 Datasheet
230Kb / 27P
   256Kb Bytewide FRAM w/ Real-Time Clock
logo
List of Unclassifed Man...
FM1808 ETC-FM1808 Datasheet
89Kb / 12P
   256Kb Bytewide FRAM Memory
logo
Ramtron International C...
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
logo
List of Unclassifed Man...
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com