Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

442NA4W105BDN Datasheet(PDF) 2 Page - CTS Corporation

Part # 442NA4W105BDN
Description  Commercial Linear Motion Carbon Composition Slide Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

442NA4W105BDN Datasheet(HTML) 2 Page - CTS Corporation

  442NA4W105BDN Datasheet HTML 1Page - CTS Corporation 442NA4W105BDN Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MOUNTING
STYLE
T – TOP MOUNT
B – BOTTOM
MOUNT
S – SIDE MOUNT
N – NO
MOUNTING
TABS
TRAVEL
A – 1.250"
(31.7mm)
ACTUATOR
LENGTH
2 – .250" (6.35mm)
3 – .375" (9.53mm)
4 – .500" (12.7mm)
6 – .750" (19.1mm)
8 – 1.000" (25.4mm)
R – .218" (5.54mm)
S – .313" (7.98mm)
T – .438" (11.13mm)
TERMINAL STYLE
T – SOLDER LUG
X – STRAIGHT P.C.
W– WIREWRAP
H – HOOK TYPE,SNAP-IN
SPECIALS
N – NO SPECIALS
C – CENTER DETENT
Ordering Information
CTS Series 442
442
103
DIMENSION:
mm
INCH
RESIST TOL
A – ±10%
B – ±20%
C – ±30%
TAPER
D – LINEAR
A – CW 10% AUD
B – CCW 10% AUD
RESISTANCE CODE
EXAMPLES
CODE
RESISTANCE
501
500 OHMS
102
1K
252
2.5K
502
5K
103
10K
253
25K
104
100K
105
1MEG
.063
2.11
Ø2.08
.082
5.16
1.586
OF ACTUATOR
Ø2.08
SUGGESTED PANEL PIERCING VIEWED
FROM TOP SIDE FOR TWIST TABS
AND ACTUATOR
FROM TOP SIDE FOR TWIST TABS
SUGGESTED PANEL PIERCING VIEWED
52.10
2.051
MAX.
1.250±.002
31.70±0.50
STROKE
3.56±0.13
.140±.005
5.59±0.13
.220±.005
L ±
.375±.008
9.53±0.20
0.38
.015
13.77±0.13
.542±.005
38.1
1.500
2.038
51.77
6.83
.269
3.18
.125
.164
4.17
.056
1.42
4.17
.164
2.038
51.77
.056
1.42
OF ACTUATOR
2.54
2.06
40.28
5.16
40.28
.203
.082
(3)
1.60
.083
1.586
.203
Ø2.08
.082
(3)
.100
.081
SUGGESTED PANEL PIERCING VIEWED FROM
CENTERLINE OF CONTROL FOR VERTICAL P.C. TERMINALS
CONTROL SIDE FOR STRAIGHT P.C. & WIREWRAP TERMINALS
SUGGESTED PANEL PIERCING VIEWED FROM
4.32
.170
±0.76
±.030
±0.76
10.16
.400 ±.030
±0.76
9.91
.390 ±.030
STRAIGHT P.C.
SOLDER LUG
WIRE WRAP
MOUNTING SURFACE
P.C. BOARD
Ø2.13
.084
CHECK CTS FOR
AVAILABILITY
CONSTRUCTION
NO MOUNT
.528±.010
13.41±0.25
4.32±0.76
.170±.030
5.54
.218
LOW END
.180±.030
4.57±0.76
7.29
.287
.439
11.15
.078
1.98
3.96±0.13
.156±.005
6.76
.266
.328
8.33
5.54±0.13
.218±.005
.156±.005
3.96±0.13
2.36±0.13
.093±.005
3.96
.156
20.88
.822
.604
15.34
.156 ±.005
3.96 ±0.13
.218±.005
5.54±0.13
5.54±0.13
.218±.005
BOTTOM MOUNTING
SURFACE
SURFACE
SIDE MOUNTING
L
C
L
C
B
D
N
T
2
A
T
±0.30
1.30
.051 ±.012
VERTICAL P.C.
VERTICAL P.C.(”U” style)
Ø2.08
.082
5.16
.203
40.28
1.586
8.45
.333
9.40
.370
CENTERLINE
2 - 2
© 2016 CTS Corporation. All rights reserved. I nformation subject to change.
01/12/16
CTS Electrocomponents
www.ctscorp.com
U – VERTICAL P.C.
CONTROL SIDE FOR SNAP-IN P.C. TERMINALS
SUGGESTED PANEL PIERCING VIEWED FROM
“X” Style
“T” Style
“W” Style
“U” Style
HOOK TYPE,SNAP-IN (”H” style)
Note:
Consult CTS for other common features not listed.


Similar Part No. - 442NA4W105BDN

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
442 CTS-442 Datasheet
292Kb / 2P
   Linear Motion 1/4 Watt Composition Slide Controls
logo
List of Unclassifed Man...
442 ETC2-442 Datasheet
379Kb / 1P
   Wiha Quality Tools
logo
All Sensors Corporation
442-1022-ND ASC-442-1022-ND Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
logo
List of Unclassifed Man...
442-987 ETC2-442-987 Datasheet
24Kb / 1P
   Tap Wrenches - Chuck Type
442-999 ETC2-442-999 Datasheet
24Kb / 1P
   Tap Wrenches - Chuck Type
More results

Similar Description - 442NA4W105BDN

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
448UE2102BD CTS-448UE2102BD_16 Datasheet
118Kb / 4P
   Commercial Linear Motion Carbon Composition Slide Potentiometer
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
   Commercial 9mm Carbon Composition Rotary Potentiometer
logo
Sharma Electro Componen...
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
   Carbon Composition Potentiometer
logo
CTS Corporation
201XR CTS-201XR Datasheet
2Mb / 2P
   Commercial 15 mmDiameter Carbon Composition Trimmer Potentiometer
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
448 CTS-448 Datasheet
110Kb / 4P
   Linear motion 0.2 watt composition slide control
442 CTS-442 Datasheet
292Kb / 2P
   Linear Motion 1/4 Watt Composition Slide Controls
logo
Sharma Electro Componen...
WS-2A SHARMA-WS-2A Datasheet
787Kb / 1P
   WS Series Hot-Molded Carbon Composition Potentiometer
logo
CTS Corporation
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
logo
Bourns Electronic Solut...
3048 BOURNS-3048 Datasheet
76Kb / 1P
   Linear Motion Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com