Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

448UF3502BBN Datasheet(PDF) 2 Page - CTS Corporation

Part # 448UF3502BBN
Description  Commercial Linear Motion Carbon Composition Slide Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

448UF3502BBN Datasheet(HTML) 2 Page - CTS Corporation

  448UF3502BBN Datasheet HTML 1Page - CTS Corporation 448UF3502BBN Datasheet HTML 2Page - CTS Corporation 448UF3502BBN Datasheet HTML 3Page - CTS Corporation 448UF3502BBN Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DIMENSION:
mm
INCH
DIMENSION:
mm
INCH
DIMENSION:
mm
INCH
K
A±0.03
5.12
Ø1.50±0.10 (4)
0.25
5.75
B
9.00
2.05
0.25
0.25(2)
1.80
6.60
L
1.05
1.50
1.80
2.50
2.50
2.5(4)
0.90±0.05(4)
2.70
11.59
2.50
4.54
0.5
3.35
15°
2.70
.106
.093
2.35
3.35
.132
.354
.041
.071
.059
.098
.098
.081
.226
.010
.098
.179
.456
.260
.100
.132
.020
.071
.106
.059±.004
.010
.010
±.001
.202
.035±.002
#1
CL
2
1
3
2
1
3
N/C
CTST
#2
#3
CIRCUIT
TYPE 448V MONO
Ø.059±.004
0.40±0.04(4)
Ø1.50±0.10 (4)HL'S
1.80
+0
-.003
.157
0.25
.010
0.25
A
B
4.55
.179
0.50
.020
2.05
.010
.081
.177
4.50
10.50
5.00
.197
16.09
.413
.633
.016±.002
-0.08
+.000
-.003
.065
.331
8.42
1.65
.071
.120
.098
2.50(4)
3.05
.035
0.90(4)
6.15
.242
.071
1.80
+.000
+0
-0.08
.260
4.00
6.60
.197
.059
1.50
12.40
.354
5.00
.488
9.00
.041
1.05
.010
N/C
0.25
3
.010
0.25
2
.331
8.42
A
1
TYPE 448U MONO
2
1
CTS
3
C
L
CIRCUIT
2
1
3
A
B
1
3
8.42
3.15(2)
2
3
Ø1.50±0.10 (6)HL'S
0.25
2
5
4
6
4.55
A
B
C
4.00
10.50
16.09
4.50
5.00
1.65
8.42
0.40±0.04(6)
6.15
1.80
1.05
1.50
6.60
5.00
9.00
12.40
3.05
0.90±0.05(6)
2.50(6)
6.05
0.25
2.05
.041
.071
.059
.242
.488
.354
.197
.260
.035±.002
.098
.120
.238
.179
.010
.081
.633
.177
.413
.197
+0
-0.08
-.003
+.000
.157
.071
+.000
-.003
-0.08
+0
1.80
0.50
.020
.016±.002
.065
.331
.059±.004
.010
.124
.331
1
4
6
5
C
L
3
6
5
4
1
2
CTS
TYPE 448U DUAL
CIRCUIT
MODEL
DIMENSIONS
L(Travel)
A
B
C
448U-20D
20/ .787
29.10/1.146
35.40/1.394
39.50/1.555
448U-30D
30/ 1.181 39.10/1.539
45.40/1.787
49.50/1.949
448U-45D
45/ 1.772 54.10/2.130
60.40/2.378
64.50/2.539
MODEL
DIMENSIONS
L(Travel)
A
B
448U-10M
10/ .394
19.60/ .772
23.70/ .933
448U-15M
15/ .591
24.60/ .969
28.70/1.130
448U-20M
20/ .787
29.60/1.165
33.70/1.327
448U-30M
30/ 1.181 39.60/1.559
43.70/1.720
448U-45M
45/ 1.772 54.60/2.149
58.70/2.311
448U-60M
60/ 2.362 69.60/2.740
73.70/2.902
MODEL
DIMENSIONS
L (Travel)
A
B
448V-10M
10/ .394
30.20/1.189 28.70/1.130
448V-15M
15/ .591
35.20/1.387 33.70/1.372
448V-25M
25/ .984
45.20/1.180 43.70/1.721
448V-40M
40/ 1.575
60.20/2.370 58.70/2.311
448V-55M
55/ 2.166
75.20/2.961 73.70/2.902
2 - 4
CTS Electrocomponents
www.ctscorp.com
07/29/15
© 2015 CTS Corporation. All rights reserved. Information subject to change.


Similar Part No. - 448UF3502BBN

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
448UA1102AAC CTS-448UA1102AAC Datasheet
110Kb / 4P
   Linear motion 0.2 watt composition slide control
448UA1102AAN CTS-448UA1102AAN Datasheet
110Kb / 4P
   Linear motion 0.2 watt composition slide control
448UA1102ADC CTS-448UA1102ADC Datasheet
110Kb / 4P
   Linear motion 0.2 watt composition slide control
448UA1102ADN CTS-448UA1102ADN Datasheet
110Kb / 4P
   Linear motion 0.2 watt composition slide control
448UA1102BAC CTS-448UA1102BAC Datasheet
110Kb / 4P
   Linear motion 0.2 watt composition slide control
More results

Similar Description - 448UF3502BBN

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
442TA2T103BDN CTS-442TA2T103BDN Datasheet
199Kb / 2P
   Commercial Linear Motion Carbon Composition Slide Potentiometer
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
   Commercial 9mm Carbon Composition Rotary Potentiometer
logo
Sharma Electro Componen...
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
   Carbon Composition Potentiometer
logo
CTS Corporation
201XR CTS-201XR Datasheet
2Mb / 2P
   Commercial 15 mmDiameter Carbon Composition Trimmer Potentiometer
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
448 CTS-448 Datasheet
110Kb / 4P
   Linear motion 0.2 watt composition slide control
442 CTS-442 Datasheet
292Kb / 2P
   Linear Motion 1/4 Watt Composition Slide Controls
logo
Sharma Electro Componen...
WS-2A SHARMA-WS-2A Datasheet
787Kb / 1P
   WS Series Hot-Molded Carbon Composition Potentiometer
logo
CTS Corporation
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
logo
Bourns Electronic Solut...
3048 BOURNS-3048 Datasheet
76Kb / 1P
   Linear Motion Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com