Electronic Components Datasheet Search |
|
ELH397M160AS1 Datasheet(PDF) 3 Page - Kemet Corporation |
|
ELH397M160AS1 Datasheet(HTML) 3 Page - Kemet Corporation |
3 / 26 page 3 © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com A4018_ELH • 2/10/2016 Snap-In Aluminum Electrolytic Capacitors – ELH Series, +85ºC Environmental Compliance As an environmentally conscious company, KEMET is working continuously with improvements concerning the environmental effects of both our capacitors and their production. In Europe (RoHS Directive) and in some other geographical areas like China, legislation has been put in place to prevent the use of some hazardous materials, such as lead (Pb), in electronic equipment. All products in this catalog are produced to help our customers’ obligations to guarantee their products and fulfill these legislative requirements. The only material of concern in our products has been lead (Pb), which has been removed from all designs to fulfill the requirement of containing less than 0.1% of lead in any homogeneous material. KEMET will closely follow any changes in legislation world wide and makes any necessary changes in its products, whenever needed. Some customer segments such as medical, military and automotive electronics may still require the use of lead in electrode coatings. To clarify the situation and distinguish products from each other, a special symbol is used on the packaging labels for RoHS compatible capacitors. Because of customer requirements, there may appear additional markings such as LF = Lead Free or LFW = Lead Free Wires on the label. Performance Characteristics Item Performance Characteristics Capacitance Range 820 – 120000 µF 47 – 2,200 µF Capacitance Tolerance ±20% at 120 Hz / 20°C Rated Voltage 6.3 – 100 VDC 160 – 500 VDC Life Test 2,000 hours (see conditions in Test Methods & Performance) Operating Temperature -40°C to +85°C -25°C to +85°C Leakage Current I = 0.02 CV (mA) or 3 mA, whichever is smaller C = rated capacitance (µF), V = rated voltage (VDC). Voltage applied for 5 minutes at 20°C. Impedance Z Characteristics at 120 Hz Rated Voltage (VDC) 6.3 – 16 25 35 50 – 63 80 – 100 160 – 400 420 – 500 Z (-25°C) / Z (20°C) 3 3 3 2 2 4 8 Z (-40°C) / Z (20°C) 12 10 8 6 5 Compensation Factor of Ripple Current (RC) vs. Frequency Rated Voltage (VDC) 50 Hz 60 Hz 120 Hz 1 kHz 10 kHz 6.3 – 100 0.88 0.90 1.00 1.15 1.16 160 – 250 0.75 0.78 1.00 1.30 1.50 350 – 450 0.74 0.76 1.00 1.35 1.45 500 0.72 0.74 1.00 1.20 1.30 |
Similar Part No. - ELH397M160AS1 |
|
Similar Description - ELH397M160AS1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |