Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C32AN-10SU-1.8 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT24C32AN-10SU-1.8
Description  2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C32AN-10SU-1.8 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT24C32AN-10SU-1.8 Datasheet HTML 1Page - ATMEL Corporation AT24C32AN-10SU-1.8 Datasheet HTML 2Page - ATMEL Corporation AT24C32AN-10SU-1.8 Datasheet HTML 3Page - ATMEL Corporation AT24C32AN-10SU-1.8 Datasheet HTML 4Page - ATMEL Corporation AT24C32AN-10SU-1.8 Datasheet HTML 5Page - ATMEL Corporation AT24C32AN-10SU-1.8 Datasheet HTML 6Page - ATMEL Corporation AT24C32AN-10SU-1.8 Datasheet HTML 7Page - ATMEL Corporation AT24C32AN-10SU-1.8 Datasheet HTML 8Page - ATMEL Corporation AT24C32AN-10SU-1.8 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
AT24C32A/64A
3054N–SEEPR–2/04
Note:
1. This parameter is characterized and is not 100% tested.
Note:
1. V
IL min and VIH max are reference only and are not tested.
Pin Capacitance
(1)
Applicable over recommended operating range from T
A = 25° C, f = 1.0 MHz, VCC = +1.8V.
Symbol
Test Condition
Max
Units
Conditions
C
I/O
Input/Output Capacitance (SDA)
8
pF
V
I/O = 0V
C
IN
Input Capacitance (A
0, A1, A2, SCL)
6
pF
V
IN = 0V
DC Characteristics
Applicable over recommended operating range from: T
AI = -40° C to +85° C, VCC = +1.8V to +5.5V, TAE = -40° C to +125° C,
VCC = +1.8V to +5.5V (unless otherwise noted).
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC1
Supply Voltage
1.8
5.5
V
V
CC2
Supply Voltage
2.5
5.5
V
V
CC3
Supply Voltage
2.7
5.5
V
VCC4
Supply Voltage
4.5
5.5
V
I
CC1
Supply Current
V
CC = 5.0V
READ at 400 kHz
0.4
1.0
mA
I
CC2
Supply Current
V
CC = 5.0V
WRITE at 400 kHz
2.0
3.0
mA
I
SB1
Standby Current
(1.8V option)
V
CC = 1.8V
V
IN = VCC or VSS
1.0
µA
I
SB2
Standby Current
(2.5V option)
V
CC = 2.5V
V
IN = VCC or VSS
2.0
µA
I
SB3
Standby Current
(2.7V option)
V
CC = 2.7V
V
IN = VCC or VSS
2.0
µA
ISB4
Standby Current
(5V option)
VCC = 4.5 - 5.5V
VIN = VCC or VSS
6.0
µA
I
LI
Input Leakage
Current
V
IN = VCC or VSS
0.10
3.0
µA
I
LO
Output Leakage
Current
V
OUT = VCC or VSS
0.05
3.0
µA
VIL
Input Low Level
(1)
-0.6
VCC x 0.3
V
V
IH
Input High Level
(1)
V
CC x 0.7
V
CC + 0.5
V
V
OL2
Output Low Level
V
CC = 3.0V
I
OL = 2.1 mA
0.4
V
VOL1
Output Low Level
VCC = 1.8V
IOL = 0.15 mA
0.2
V


Similar Part No. - AT24C32AN-10SU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32AN-10SU-1.8 ATMEL-AT24C32AN-10SU-1.8 Datasheet
687Kb / 22P
   Two-wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
More results

Similar Description - AT24C32AN-10SU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32C ATMEL-AT24C32C_08 Datasheet
812Kb / 28P
   2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32A ATMEL-AT24C32A_07 Datasheet
687Kb / 22P
   Two-wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32A ATMEL-AT24C32A_08 Datasheet
313Kb / 18P
   Two-wire Automotive Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT25320B ATMEL-AT25320B Datasheet
683Kb / 23P
   SPI Serial EEPROMs 32K (4096 x 8) 64K (8192 x 8)
AT24C64B ATMEL-AT24C64B_07 Datasheet
352Kb / 16P
   2-Wire Serial EEPROM 64K (8192 x 8)
logo
AiT Semiconductor Inc.
A24C32 AITSEMI-A24C32 Datasheet
811Kb / 21P
   MEMORY EEPROM 32K (4096 X 8) 2-WIRE SERIAL INTERFACE
REV4.1
A24C64 AITSEMI-A24C64 Datasheet
918Kb / 20P
   MEMORY EEPROM 64k BITS (8192 X 8) TWO-WIRE SERIAL
REV2.1
logo
Renesas Technology Corp
HN58X2432SI RENESAS-HN58X2432SI Datasheet
157Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword x 8-bit)/64k EEPROM (8-kword x 8-bit)
logo
Hitachi Semiconductor
HN58X2408I HITACHI-HN58X2408I Datasheet
71Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
HN58X2402 HITACHI-HN58X2402 Datasheet
89Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com