Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C346-30HC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C346-30HC
Description  USE ULTRA37000TM FOR ALL NEW DESIGNS(128-Macrocell MAX EPLD)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C346-30HC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C346-30HC Datasheet HTML 2Page - Cypress Semiconductor CY7C346-30HC Datasheet HTML 3Page - Cypress Semiconductor CY7C346-30HC Datasheet HTML 4Page - Cypress Semiconductor CY7C346-30HC Datasheet HTML 5Page - Cypress Semiconductor CY7C346-30HC Datasheet HTML 6Page - Cypress Semiconductor CY7C346-30HC Datasheet HTML 7Page - Cypress Semiconductor CY7C346-30HC Datasheet HTML 8Page - Cypress Semiconductor CY7C346-30HC Datasheet HTML 9Page - Cypress Semiconductor CY7C346-30HC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
CY7C346
USE ULTRA37000TM FOR
ALL NEW DESIGNS
Document #: 38-03005 Rev. *B
Page 6 of 21
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65
°C to+150°C
Ambient Temperature with
Power Applied............................................. –55
°C to+125°C
Maximum Junction Temperature
(under bias).................................................................. 150
°C
Supply Voltage to Ground Potential ............... –2.0V to +7.0V
Maximum Power Dissipation...................................2500 mW
DC VCC or GND Current ............................................500 mA
DC Output Current per Pin ...................... –25 mA to +25 mA
DC Input Voltage[1] .........................................–3.0V to +7.0V
DC Program Voltage..................................................... 13.0V
Static Discharge Voltage........................................... > 1100V
(per MIL-STD-883, Method 3015)
Operating Range
Range
Ambient Temperature
VCC
Commercial
0
°C to +70°C
5V
± 5%
Industrial
–40
°C to +85°C
5V
± 10%
Military
–55
°C to +125°C (Case)
5V
± 10%
Electrical Characteristics Over the Operating Range[2]
Parameter
Description
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.45
V
VIH
Input HIGH Voltage
2.2
VCC + 0.3
V
VIL
Input LOW Voltage
–0.3
0.8
V
IIX
Input Current
GND < VIN < VCC
–10
+10
µA
IOZ
Output Leakage Current
VO = VCC or GND
–40
+40
µA
IOS
Output Short Circuit Current
VCC = Max., VOUT = 0.5V
[3, 4]
–30
–90
mA
ICC1
Power Supply Current (Standby) VI = GND (No Load)
Commercial
225
mA
Military/Industrial
275
ICC2
Power Supply Current[5]
VI = VCC or GND (No Load)
f = 1.0 MHz[4]
Commercial
250
mA
Military/Industrial
320
tR
Recommended Input Rise Time
100
ns
tF
Recommended Input Fall Time
100
ns
Capacitance[6]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 2V, f = 1.0 MHz
10
pF
COUT
Output Capacitance
VOUT = 2V, f = 1.0 MHz
20
pF
AC Test Loads and Waveforms[6]
Notes:
1. Minimum DC input is –0.3V. During transitions, the inputs may undershoot to –3.0V for periods less than 20 ns.
2. Typical values are for TA = 25°C and VCC = 5V.
3. Not more than one output should be tested at a time. Duration of the short circuit should not be more than one second. VOUT = 0.5V has been chosen to avoid
test problems caused by tester ground degradation.
4. Guaranteed by design but not 100% tested.
5. This parameter is measured with device programmed as a 16-bit counter in each LAB.
6. Part (a) in AC Test Load and Waveforms is used for all parameters except tER and tXZ, which is used for part (b) in AC Test Load and Waveforms. All external
timing parameters are measured referenced to external pins of the device.
3.0V
5V
OUTPUT
R1 464
R2
250
50 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
≤ 6ns
≤ 6 ns
5V
OUTPUT
R1 464
R2
250
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
1.75V
Equivalent to:
THÉVENIN EQUIVALENT (Commercial/Military)
ALL INPUT PULSES
163


Similar Part No. - CY7C346-30HC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C346(B) CYPRESS-CY7C346(B) Datasheet
87Kb / 6P
   Multiple Array Matrix High-Density EPLDs
CY7C346B CYPRESS-CY7C346B Datasheet
282Kb / 16P
   128-Macrocell MAX EPLD
CY7C346B CYPRESS-CY7C346B Datasheet
426Kb / 15P
   USE ULTRA37000 FOR ALL NEW DESIGNS
CY7C346B-25HC/HI CYPRESS-CY7C346B-25HC/HI Datasheet
426Kb / 15P
   USE ULTRA37000 FOR ALL NEW DESIGNS
CY7C346B-25HCHI CYPRESS-CY7C346B-25HCHI Datasheet
435Kb / 15P
   128-Macrocell MAX EPLD
More results

Similar Description - CY7C346-30HC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C346B-25JC CYPRESS-CY7C346B-25JC Datasheet
435Kb / 15P
   128-Macrocell MAX EPLD
CY7C346B CYPRESS-CY7C346B Datasheet
282Kb / 16P
   128-Macrocell MAX EPLD
CY7C341B CYPRESS-CY7C341B Datasheet
334Kb / 12P
   192-Macrocell MAX EPLD
CY7C344B CYPRESS-CY7C344B Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C346B CYPRESS-CY7C346B_04 Datasheet
426Kb / 15P
   USE ULTRA37000 FOR ALL NEW DESIGNS
CY7C344 CYPRESS-CY7C344 Datasheet
475Kb / 15P
   32-Macrocell MAX EPLD
CY7C343B CYPRESS-CY7C343B Datasheet
173Kb / 12P
   64-Macrocell MAX EPLD
CY7C343 CYPRESS-CY7C343 Datasheet
214Kb / 19P
   64-Macrocell MAX EPLD
CY7C342B CYPRESS-CY7C342B Datasheet
350Kb / 14P
   128-Macrocell MAX EPLDs
logo
Lattice Semiconductor
PALCE610 LATTICE-PALCE610 Datasheet
287Kb / 14P
   USE GAL DEVICES FOR NEW DESIGNS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com