Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESW567M063AL6 Datasheet(PDF) 6 Page - Kemet Corporation

Part # ESW567M063AL6
Description  Single-Ended Aluminum Electrolytic Capacitors ESW Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESW567M063AL6 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button ESW567M063AL6 Datasheet HTML 2Page - Kemet Corporation ESW567M063AL6 Datasheet HTML 3Page - Kemet Corporation ESW567M063AL6 Datasheet HTML 4Page - Kemet Corporation ESW567M063AL6 Datasheet HTML 5Page - Kemet Corporation ESW567M063AL6 Datasheet HTML 6Page - Kemet Corporation ESW567M063AL6 Datasheet HTML 7Page - Kemet Corporation ESW567M063AL6 Datasheet HTML 8Page - Kemet Corporation ESW567M063AL6 Datasheet HTML 9Page - Kemet Corporation ESW567M063AL6 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4009_ESW • 1/6/2016
Single-Ended Aluminum Electrolytic Capacitors – ESW Series, +105ºC
Table 1 – Ratings & Part Number Reference
(1) Insert packaging code. See Ordering Options Table for available options.
1
When capacitance exceeds 1,000 µF, the DF value (%) is increased by 2% for every additional 1,000 µF.
* Dimension is down size, Endurance will be less 1,000 hours than standard.
VDC
VDC
Surge
Voltage
Rated
Capacitance
120 Hz 20°C
(µF)
Case Size
D x L (mm)
DF
120 Hz 20°C
(tan δ %)1
Z
100 kHZ
20ºC (Ω)
RC
100 kHz
105°C (mA)
LC 20ºC
2 Minutes
(µA)
Part Number
6.3
8
150
5 x 11
22
0.580
210
9.0
ESW157M6R3AC3(1)
6.3
8
330
6.3 x 11
22
0.220
340
21.0
ESW337M6R3AE3(1)
6.3
8
470
6.3 x 11
22
0.160
510
30.0
ESW477M6R3AE3(1)
6.3
8
680
8 x 11
22
0.130
640
43.0
ESW687M6R3AG3(1)
6.3
8
820
10 x 12.5
22
0.800
865
52.0
ESW827M6R3AH9(1)
6.3
8
1000
8 x 15
22
0.870
840
63.0
ESW108M6R3AG4(1)
6.3
8
1200
8 x 20
22
0.069
1050
76.0
ESW128M6R3AG6(1)
6.3
8
1200
10 x 16
22
0.060
1210
76.0
ESW128M6R3AH8(1)
6.3
8
1500
8 x 20
22
0.069
1050
94.0
ESW158M6R3AG6(1)
6.3
8
1500
*10 x 16
22
0.060
1210
94.0
ESW158M6R3AH8(1)
6.3
8
1500
10 x 20
22
0.046
1400
94.0
ESW158M6R3AH4(1)
6.3
8
1800
13 x 16
22
0.049
1450
114.0
ESW188M6R3AL2(1)
6.3
8
2200
*10 x 20
22
0.046
1400
139.0
ESW228M6R3AH4(1)
6.3
8
2200
10 x 25
22
0.042
1650
139.0
ESW228M6R3AH5(1)
6.3
8
2700
10 x 30
22
0.031
1910
170.0
ESW278M6R3AH6(1)
6.3
8
2700
16 x 16
22
0.042
1940
170.0
ESW278M6R3AM8(1)
6.3
8
3300
10 x 25
22
0.042
1650
208.0
ESW338M6R3AH5(1)
6.3
8
3300
13 x 20
22
0.035
1900
208.0
ESW338M6R3AL3(1)
6.3
8
3900
13 x 25
22
0.027
2230
246.0
ESW398M6R3AL4(1)
6.3
8
3900
18 x 16
22
0.043
2210
246.0
ESW398M6R3AN6(1)
6.3
8
4700
13 x 30
22
0.024
2650
296.0
ESW478M6R3AL8(1)
6.3
8
5600
13 x 35
22
0.020
2880
353.0
ESW568M6R3AL6(1)
6.3
8
5600
16 x 20
22
0.027
2530
353.0
ESW568M6R3AM5(1)
6.3
8
6800
13 x 40
22
0.017
3350
428.0
ESW688M6R3AL7(1)
6.3
8
6800
16 x 25
22
0.021
2930
428.0
ESW688M6R3AM7(1)
6.3
8
6800
18 x 20
22
0.026
2860
428.0
ESW688M6R3AN4(1)
6.3
8
8200
16 x 32
22
0.017
3450
517.0
ESW828M6R3AM2(1)
6.3
8
10000
16 x 36
22
0.015
3610
630.0
ESW109M6R3AM3(1)
6.3
8
10000
18 x 25
22
0.017
3140
630.0
ESW109M6R3AN5(1)
6.3
8
12000
18 x 32
22
0.015
4170
756.0
ESW129M6R3AN1(1)
6.3
8
15000
18 x 36
22
0.014
4220
945.0
ESW159M6R3AN2(1)
10
13
100
5 x 11
19
0.580
210
10.0
ESW107M010AC3(1)
10
13
220
6.3 x 11
19
0.220
340
22.0
ESW227M010AE3(1)
10
13
470
8 x 11
19
0.130
640
47.0
ESW477M010AG3(1)
10
13
680
8 x 15
19
0.087
840
68.0
ESW687M010AG4(1)
10
13
820
10 x 12.5
19
0.080
865
68.0
ESW827M010AH9(1)
10
13
1000
8 x 20
19
0.069
1050
100.0
ESW108M010AG6(1)
10
13
1000
10 x 16
19
0.060
1210
100.0
ESW108M010AH8(1)
10
13
1200
10 x 20
19
0.046
1400
120.0
ESW128M010AH4(1)
10
13
1500
10 x 25
19
0.042
1650
150.0
ESW158M010AH5(1)
10
13
1500
13 x 16
19
0.049
1450
150.0
ESW158M010AL2(1)
10
13
2200
10 x 30
19
0.031
1910
220.0
ESW228M010AH6(1)
10
13
2200
13 x 20
19
0.042
1900
220.0
ESW228M010AL3(1)
10
13
2200
16 x 16
19
0.042
1940
220.0
ESW228M010AM8(1)
10
13
2700
18 x 16
19
0.043
2210
270.0
ESW278M010AN6(1)
10
13
3300
10 x 30
19
0.031
1910
330.0
ESW338M010AH6(1)
10
13
3300
13 x 25
19
0.027
2230
330.0
ESW338M010AL4(1)
10
13
3900
13 x 30
19
0.024
2650
390.0
ESW398M010AL8(1)
10
13
3900
16 x 20
19
0.027
2530
390.0
ESW398M010AM5(1)
10
13
4700
13 x 35
19
0.020
2880
470.0
ESW478M010AL6(1)
10
13
5600
13 x 40
19
0.017
3350
560.0
ESW568M010AL7(1)
10
13
5600
16 x 25
19
0.021
2930
560.0
ESW568M010AM7(1)
10
13
5600
18 x 20
19
0.026
2860
560.0
ESW568M010AN4(1)
10
13
6800
16 x 32
19
0.017
2450
680.0
ESW688M010AM2(1)
10
13
6800
18 x 25
19
0.019
3140
680.0
ESW688M010AN5(1)
10
13
8200
16 x 36
19
0.015
3610
820.0
ESW828M010AM3(1)
VDC VDC Surge
Rated
Capacitance
Case Size
DF
Z
RC
LC
Part Number


Similar Part No. - ESW567M063AL6

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ESW KEMET-ESW Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
Baumer IVO GmbH & Co. K...
ESW-05S IVO-ESW-05S Datasheet
799Kb / 20P
   Accessories photoelectric sensors
ESW-05SP0200 IVO-ESW-05SP0200 Datasheet
799Kb / 20P
   Accessories photoelectric sensors
ESW-05SP0500 IVO-ESW-05SP0500 Datasheet
799Kb / 20P
   Accessories photoelectric sensors
ESW-08SH0200 IVO-ESW-08SH0200 Datasheet
799Kb / 20P
   Accessories photoelectric sensors
More results

Similar Description - ESW567M063AL6

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ESZ336M160AH4AA KEMET-ESZ336M160AH4AA Datasheet
4Mb / 19P
   Single-Ended Aluminum Electrolytic Capacitors
ESL106M016AC3AA KEMET-ESL106M016AC3AA Datasheet
4Mb / 26P
   Single-Ended Aluminum Electrolytic Capacitors
ESU336M160AH8AA KEMET-ESU336M160AH8AA Datasheet
4Mb / 19P
   Single-Ended Aluminum Electrolytic Capacitors
ETA157M6R3AC3AA KEMET-ETA157M6R3AC3AA Datasheet
4Mb / 21P
   Single-Ended Aluminum Electrolytic Capacitors
logo
TDK Electronics
B41863 TDK-B41863 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
B41888 TDK-B41888 Datasheet
544Kb / 32P
   Aluminum electrolytic capacitors Single-ended capacitors
B42824 TDK-B42824 Datasheet
416Kb / 21P
   Aluminum electrolytic capacitors Single-ended capacitors
B43896 TDK-B43896 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
EPCOS
B41851A7477M EPCOS-B41851A7477M Datasheet
725Kb / 37P
   Aluminum electrolytic capacitors Single-ended capacitors
B43821F2336M EPCOS-B43821F2336M Datasheet
713Kb / 36P
   Aluminum electrolytic capacitors Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com