Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F462RE223K1L2C Datasheet(PDF) 2 Page - Kemet Corporation

Part # F462RE223K1L2C
Description  General Purpose, Pulse and DC Transient Suppression Single Metallized Polypropylene Film
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F462RE223K1L2C Datasheet(HTML) 2 Page - Kemet Corporation

  F462RE223K1L2C Datasheet HTML 1Page - Kemet Corporation F462RE223K1L2C Datasheet HTML 2Page - Kemet Corporation F462RE223K1L2C Datasheet HTML 3Page - Kemet Corporation F462RE223K1L2C Datasheet HTML 4Page - Kemet Corporation F462RE223K1L2C Datasheet HTML 5Page - Kemet Corporation F462RE223K1L2C Datasheet HTML 6Page - Kemet Corporation F462RE223K1L2C Datasheet HTML 7Page - Kemet Corporation F462RE223K1L2C Datasheet HTML 8Page - Kemet Corporation F462RE223K1L2C Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3028_F461-464 • 5/3/2016
2
Film Capacitors
General Purpose, Pulse and DC Transient Suppression – F461 – 464 Series Single Metallized Polypropylene Film
Ordering Options Table
Lead Spacing
Nominal (mm)
Type of Leads and Packaging
Lead Length
(mm)
Lead and
Packaging
Code
5
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4 +2/-0
C
Bulk (Bag) – Long Leads
17 +0/-1
A
Tape & Reel (Standard Reel)
H0= 18.5 +/-0.5
L
Other Lead and Packaging Options
Bulk (Bag) – Max Length Leads
20 +5/-0
ALL0L
Ammo Pack
H0= 18.5 +/-0.5
R
7.5
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4 +2/-0
C
Bulk (Bag) – Long Leads
17 +0/-1
A
Tape & Reel (Standard Reel)
H0= 18.5 +/-0.5
L
Other Lead and Packaging Options
Bulk (Bag) – Max Length Leads
20 +5/-0
ALL0L
Ammo Pack
H0= 18.5 +/-0.5
R
10
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4 +2/-0
C
Bulk (Bag) – Long Leads
17 +0/-1
A
Tape & Reel (Standard Reel)
H0= 18.5 +/-0.5
L
Other Lead and Packaging Options
Bulk (Bag) – Max Length Leads
20 +5/-0
ALL0L
Ammo Pack
H0= 18.5 +/-0.5
R
Tape & Reel (Large Reel)
H0= 18.5 +/-0.5
P
15
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4 +2/-0
C
Bulk (Bag) – Long Leads
17 +0/-1
A
Pizza Pack
4 +2/-0
Z
Other Lead and Packaging Options
Pizza – Short Leads
3.2 +0.3/-0.2
ZL32K
Tape & Reel (Standard Reel)
H0= 18.5 +/-0.5
L
Tape & Reel (Large Reel)
H0= 18.5 +/-0.5
P
Bulk (Bag) – Max Length Leads
25 +5/-0
ALR0L
Ammo Pack
H0= 18.5 +/-0.5
R


Similar Part No. - F462RE223K1L2C

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F462RU225J1L2ZLH0J KEMET-F462RU225J1L2ZLH0J Datasheet
56Kb / 1P
   F462, Film, Metallized Polypropylene, Commercial Grade, 2.2 uF, 5%, 1,250 V, 85C, Lead Spacing = 37.5mm
More results

Similar Description - F462RE223K1L2C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
R75 KEMET-R75 Datasheet
2Mb / 34P
   R75, Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
3/26/2021
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
Kemet Corporation
R75PN2820AA30K KEMET-R75PN2820AA30K_16 Datasheet
1Mb / 27P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
R75PN2820AA30K KEMET-R75PN2820AA30K Datasheet
722Kb / 26P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
logo
Kemet Corporation
PHE844RD6100MR06L2 KEMET-PHE844RD6100MR06L2 Datasheet
1Mb / 14P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463N31500001M KEMET-R463N31500001M_16 Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com