Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1211 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TEA1211
Description  High efficiency auto-up/down DC/DC converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1211 Datasheet(HTML) 3 Page - NXP Semiconductors

  TEA1211 Datasheet HTML 1Page - NXP Semiconductors TEA1211 Datasheet HTML 2Page - NXP Semiconductors TEA1211 Datasheet HTML 3Page - NXP Semiconductors TEA1211 Datasheet HTML 4Page - NXP Semiconductors TEA1211 Datasheet HTML 5Page - NXP Semiconductors TEA1211 Datasheet HTML 6Page - NXP Semiconductors TEA1211 Datasheet HTML 7Page - NXP Semiconductors TEA1211 Datasheet HTML 8Page - NXP Semiconductors TEA1211 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
2003 Oct 13
3
Philips Semiconductors
Preliminary specification
High efficiency auto-up/down
DC/DC converter
TEA1211HN
1
FEATURES
• I2C-bus programmable output voltage range of
1.5 V to 5.5 V
• Single inductor topology
• High efficiency up to 94 % over wide load range
• Wide input range; functional from 2.55 V up to 5.5 V
• 1.7 A maximum input and output current
• Low quiescent power consumption
• 600 kHz switching frequency
• Four integrated very low RDS(on) power MOSFETs
• Synchronizable to external clock
• Externally adjustable current limit for protection and
efficient battery use in case of dynamic loads
• Under voltage lockout
• PWM-only option
• Shut-down current less than 1 µA
• 32-pin small body HVQFN package.
2
APPLICATIONS
• Stable output voltage from Lithium-Ion batteries
• Variable voltage source for PAs (Power Amplifiers) in
cellular phones
• Wireless handsets
• Hand-held instruments
• Portable computers.
3
GENERAL DESCRIPTION
The TEA1211HN is a fully integrated auto-up/down
DC/DC converter circuit with I2C-bus interface. Efficient,
compact and dynamic power conversion is achieved using
a digitally controlled pulse width and frequency modulation
like control concept, four integrated low RDS(on) power
switches with low parasitic capacitances and fully
synchronous rectification.
The combination of auto-up/down DC/DC conversion, high
efficiency and low switching noise makes the TEA1211HN
well suited to supply a power amplifier in a cellular phone.
The output voltage can be I2C-bus programmed to the
exact voltage needed to achieve a certain output power
level with optimal system efficiency, thus enlarging battery
lifetime.
The TEA1211HN operates at 600 kHz switching frequency
which enables the use of small size external components.
The switching frequency can be locked to an external high
frequency clock. Deadlock is prevented by an on-chip
under voltage lockout circuit. An adjustable current limit
enables efficient battery use even at high dynamic loads.
Optionally, the device can be kept in pulse width
modulation mode regardless of the load applied.
4
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TEA1211HN
HVQFN32
plastic thermal enhanced very thin quad flat package; no leads;
32 terminals; body 5
× 5 × 0.85 mm
SOT617-3


Similar Part No. - TEA1211

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1210 PHILIPS-TEA1210 Datasheet
83Kb / 20P
   High efficiency, high current DC/DC converter
1999 Mar 08
TEA1210TS PHILIPS-TEA1210TS Datasheet
83Kb / 20P
   High efficiency, high current DC/DC converter
1999 Mar 08
More results

Similar Description - TEA1211

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8625A MAXIM-MAX8625A_09 Datasheet
550Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 4; 4/09
MAX8625A_0812 MAXIM-MAX8625A_0812 Datasheet
488Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 3; 12/08
MAX8625 MAXIM-MAX8625 Datasheet
609Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
19-1006; Rev 4; 4/09
MAX8625A MAXIM-MAX8625A_08 Datasheet
478Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 2; 10/08
MAX8625A MAXIM-MAX8625A Datasheet
470Kb / 15P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 0; 3/08
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
   High Efficiency Step Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com