Electronic Components Datasheet Search |
|
TEA1211 Datasheet(PDF) 8 Page - NXP Semiconductors |
|
TEA1211 Datasheet(HTML) 8 Page - NXP Semiconductors |
8 / 23 page 2003 Oct 13 8 Philips Semiconductors Preliminary specification High efficiency auto-up/down DC/DC converter TEA1211HN 7.8 Synchronous rectification For optimal efficiency over the whole load range, synchronous rectifiers inside the TEA1211HN ensure that in PFM mode during the phase where the coil current is decreasing, all inductor current will flow through the low ohmic power MOSFETs. Special circuitry is included which detects that the inductor current reaches zero. Following this detection, the digital controller switches off the power MOSFET and proceeds regulation. Negative currents are thus prevented. 7.9 PWM-only mode When pin SYNC/PWM is HIGH, the TEA1211HN will use PWM regulation independent of the load applied. As a result, the switching frequency does not vary over the whole load range. 7.10 External synchronisation If a high frequency clock is applied to pin SYNC/PWM, the switching frequency in PWM mode will be exactly that frequency divided by 22. PFM mode is not possible if an external clock is applied. The quiescent current of the device increases when an external clock is applied. In case no external synchronisation is necessary and the PWM-only option is not used, pin SYNC/PWM must be connected to ground. 7.11 Current limiter If the peak input current of the TEA1211HN exceeds its limit in PWM mode, current ramping is stopped immediately, and the next switching phase is entered. The current limitation protects the IC against overload conditions, inductor saturation, etc. The current limit level is user defined by the external resistor which must be connected between pin ILIM and pin GND. 7.12 I2C-bus serial interface The serial interface of the TEA1211HN is the I2C-bus. A detailed description of the I2C-bus specification, including applications, is given in the brochure: “The I2C-bus and how to use it”, order no. 9398 393 40011. 7.12.1 CHARACTERISTICS OF THE I2C-BUS The I2C-bus is for bidirectional, two-line communication between different ICs or modules. The two lines are a Serial Data line (SDA) and a Serial Clock Line (SCL). Both lines must be connected to a positive supply via a pull-up resistor (for best efficiency it is advised to use the input voltage of the convertor). Data transfer may be initiated only when the bus is not busy. In bus configurations with ICs on different supply voltages, the pull-up resistors shall be connected to the highest supply voltage. The I2C-bus supports incremental addressing. This enables the system controller to read or write multiple registers in only one I2C-bus action. The TEA1211HN supports the I2C-bus up to 400 kbit/s. The I2C-bus system configuration is shown in Fig.6. A device generating a message is a transmitter, a device receiving a message is a receiver. The device that controls the message is the master and the devices which are controlled by the master are the slaves. The TEA1211HN is a slave only device. handbook, full pagewidth MDB006 MASTER TRANSMITTER / RECEIVER SLAVE RECEIVER SLAVE TRANSMITTER / RECEIVER MASTER TRANSMITTER MASTER TRANSMITTER / RECEIVER SDA SCL Fig.6 I2C-bus system configuration. |
Similar Part No. - TEA1211 |
|
Similar Description - TEA1211 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |