Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELH398M063AS2 Datasheet(PDF) 7 Page - Kemet Corporation

Part # ELH398M063AS2
Description  Snap-In Aluminum Electrolytic Capacitors ELH Series
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ELH398M063AS2 Datasheet(HTML) 7 Page - Kemet Corporation

Back Button ELH398M063AS2 Datasheet HTML 3Page - Kemet Corporation ELH398M063AS2 Datasheet HTML 4Page - Kemet Corporation ELH398M063AS2 Datasheet HTML 5Page - Kemet Corporation ELH398M063AS2 Datasheet HTML 6Page - Kemet Corporation ELH398M063AS2 Datasheet HTML 7Page - Kemet Corporation ELH398M063AS2 Datasheet HTML 8Page - Kemet Corporation ELH398M063AS2 Datasheet HTML 9Page - Kemet Corporation ELH398M063AS2 Datasheet HTML 10Page - Kemet Corporation ELH398M063AS2 Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4018_ELH • 2/10/2016
Snap-In Aluminum Electrolytic Capacitors – ELH Series, +85ºC
VDC
VDC Surge
Voltage
Rated
Capacitance
120 Hz 20°C
(µF)
Case Size
D x L (mm)
DF
120 Hz 20°C
(tan δ %)*
RC
120 Hz 85°C
(A)
LC 20°C
5 Minutes
(mA)
Part Number
35
63
6800
22 x 40
35
2.85
3.0
ELH688M035AQ4(1)
35
63
6800
25 x 30
35
2.85
3.0
ELH688M035AR2(1)
35
63
6800
30 x 25
35
2.90
3.0
ELH688M035AS1(1)
35
63
8200
22 x 45
35
3.15
3.0
ELH828M035AQ5(1)
35
63
8200
25 x 35
35
3.10
3.0
ELH828M035AR3(1)
35
63
8200
30 x 30
35
3.15
3.0
ELH828M035AS2(1)
35
63
10000
22 x 50
35
3.55
3.0
ELH109M035AQ6(1)
35
63
10000
25 x 40
35
3.50
3.0
ELH109M035AR4(1)
35
63
10000
30 x 30
35
3.45
3.0
ELH109M035AS2(1)
35
63
10000
35 x 25
35
3.40
3.0
ELH109M035AT1(1)
35
63
12000
25 x 45
35
3.95
3.0
ELH129M035AR5(1)
35
63
12000
30 x 35
35
4.00
3.0
ELH129M035AS3(1)
35
63
12000
35 x 30
35
4.05
3.0
ELH129M035AT2(1)
35
63
15000
25 x 50
35
4.95
3.0
ELH159M035AR6(1)
35
63
15000
30 x 40
35
4.95
3.0
ELH159M035AS4(1)
35
63
15000
35 x 35
35
5.00
3.0
ELH159M035AT3(1)
35
63
18000
30 x 45
35
5.50
3.0
ELH189M035AS5(1)
35
63
18000
35 x 40
35
5.55
3.0
ELH189M035AT4(1)
35
63
22000
30 x 50
35
6.00
3.0
ELH229M035AS6(1)
35
63
22000
35 x 45
35
6.05
3.0
ELH229M035AT5(1)
35
63
27000
35 x 50
35
6.90
3.0
ELH279M035AT6(1)
50
63
2200
22 x 25
30
1.90
2.2
ELH228M050AQ1(1)
50
63
2700
22 x 30
30
2.10
2.7
ELH278M050AQ2(1)
50
63
2700
25 x 25
30
2.20
2.7
ELH278M050AR1(1)
50
63
3300
22 x 30
30
2.35
3.0
ELH338M050AQ2(1)
50
63
3300
25 x 25
30
2.35
3.0
ELH338M050AR1(1)
50
63
3900
22 x 35
30
2.65
3.0
ELH398M050AQ3(1)
50
63
3900
25 x 30
30
2.65
3.0
ELH398M050AR2(1)
50
63
3900
30 x 25
30
2.65
3.0
ELH398M050AS1(1)
50
63
4700
22 x 40
30
3.00
3.0
ELH478M050AQ4(1)
50
63
4700
25 x 35
30
3.00
3.0
ELH478M050AR3(1)
50
63
4700
30 x 25
30
2.95
3.0
ELH478M050AS1(1)
50
63
5600
22 x 45
30
3.35
3.0
ELH568M050AQ5(1)
50
63
5600
25 x 40
30
3.35
3.0
ELH568M050AR4(1)
50
63
5600
30 x 30
30
3.35
3.0
ELH568M050AS2(1)
50
63
5600
35 x 25
30
3.40
3.0
ELH568M050AT1(1)
50
63
6800
22 x 50
30
3.80
3.0
ELH688M050AQ6(1)
50
63
6800
25 x 40
30
3.80
3.0
ELH688M050AR4(1)
50
63
6800
30 x 30
30
3.80
3.0
ELH688M050AS2(1)
50
63
6800
30 x 35
30
3.85
3.0
ELH688M050AS3(1)
50
63
6800
35 x 30
30
3.85
3.0
ELH688M050AT2(1)
50
63
8200
25 x 50
30
4.35
3.0
ELH828M050AR6(1)
50
63
8200
30 x 40
30
4.35
3.0
ELH828M050AS4(1)
50
63
8200
35 x 30
30
4.40
3.0
ELH828M050AT2(1)
50
63
10000
30 x 45
30
5.00
3.0
ELH109M050AS5(1)
50
63
10000
35 x 35
30
4.95
3.0
ELH109M050AT3(1)
50
63
12000
30 x 50
30
5.60
3.0
ELH129M050AS6(1)
50
63
12000
35 x 40
30
5.55
3.0
ELH129M050AT4(1)
50
63
15000
35 x 45
30
6.45
3.0
ELH159M050AT5(1)
50
63
18000
35 x 50
30
6.70
3.0
ELH189M050AT6(1)
63
79
1800
22 x 25
25
1.85
2.3
ELH188M063AQ1(1)
63
79
2200
22 x 30
25
2.30
2.8
ELH228M063AQ2(1)
63
79
2200
25 x 25
25
2.30
2.8
ELH228M063AR1(1)
63
79
2700
22 x 35
25
2.45
3.0
ELH278M063AQ3(1)
63
79
2700
25 x 30
25
2.45
3.0
ELH278M063AR2(1)
63
79
2700
30 x 25
25
2.50
3.0
ELH278M063AS1(1)
63
79
3300
22 x 40
25
2.60
3.0
ELH338M063AQ4(1)
VDC
VDC Surge
Rated
Capacitance
Case Size
DF
RC
LC
Part Number
Table 1 – Ratings & Part Number Reference cont'd
(1) Insert packaging code. See Ordering Options Table for available options.
* When capacitance exceeds 1,000 µF, the DF value (%) is increased by 2% for every additional 1,000 µF.


Similar Part No. - ELH398M063AS2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ELH338M063AR2AA KEMET-ELH338M063AR2AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 85C, ELH, 3300 uF, 20%, 63 V, -40/85C
More results

Similar Description - ELH398M063AS2

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com