Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESW476M050AE3 Datasheet(PDF) 4 Page - Kemet Corporation

Part # ESW476M050AE3
Description  Single-Ended Aluminum Electrolytic Capacitors ESW Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESW476M050AE3 Datasheet(HTML) 4 Page - Kemet Corporation

  ESW476M050AE3 Datasheet HTML 1Page - Kemet Corporation ESW476M050AE3 Datasheet HTML 2Page - Kemet Corporation ESW476M050AE3 Datasheet HTML 3Page - Kemet Corporation ESW476M050AE3 Datasheet HTML 4Page - Kemet Corporation ESW476M050AE3 Datasheet HTML 5Page - Kemet Corporation ESW476M050AE3 Datasheet HTML 6Page - Kemet Corporation ESW476M050AE3 Datasheet HTML 7Page - Kemet Corporation ESW476M050AE3 Datasheet HTML 8Page - Kemet Corporation ESW476M050AE3 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4009_ESW • 1/6/2016
Single-Ended Aluminum Electrolytic Capacitors – ESW Series, +105ºC
Performance Characteristics
Item
Performance Characteristics
Capacitance Range
2.2 – 15,000 µF
Capacitance Tolerance
±20% at 120 Hz / 20°C
Rated Voltage
6.3 – 100 VDC
Life Test
3,000 – 6,000 hours (see conditions in Test Method & Performance)
Operating Temperature
-40°C to +105°C
Leakage Current
I≤0.01CVor3µA,whicheverisgreater
C = rated capacitance (µF), V = rated voltage (VDC). Voltage applied for 2 minutes at 20°C.
Impedance Z Characteristics at 120 Hz
Rated Voltage (VDC)
6
10
16
25
35
50
63
100
Z (-25°C)/Z (20°C)
4
3
2
2
2
2
2
2
Z (-40°C)/Z (20°C)
8
6
4
3
3
3
3
3
Compensation Factor of Ripple Current (RC) vs. Frequency
Capacitance Range (μF)
120 Hz
1 kHz
10 kHz
100 kHz
2.2 - 180
0.40
0.75
0.90
1.00
220 - 560
0.50
0.85
0.94
1.00
680 - 1800
0.60
0.87
0.95
1.00
2200 - 3900
0.75
0.90
0.95
1.00
4700 – 15000
0.85
0.95
0.98
1.00


Similar Part No. - ESW476M050AE3

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ESW476M100AH2AA KEMET-ESW476M100AH2AA Datasheet
235Kb / 1P
   ESW, Aluminum Electrolytic, 47 uF, 20%, 100 VDC, -40/105°C, Lead Spacing = 5mm
10/20/2022
More results

Similar Description - ESW476M050AE3

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ESZ336M160AH4AA KEMET-ESZ336M160AH4AA Datasheet
4Mb / 19P
   Single-Ended Aluminum Electrolytic Capacitors
ESL106M016AC3AA KEMET-ESL106M016AC3AA Datasheet
4Mb / 26P
   Single-Ended Aluminum Electrolytic Capacitors
ESU336M160AH8AA KEMET-ESU336M160AH8AA Datasheet
4Mb / 19P
   Single-Ended Aluminum Electrolytic Capacitors
ETA157M6R3AC3AA KEMET-ETA157M6R3AC3AA Datasheet
4Mb / 21P
   Single-Ended Aluminum Electrolytic Capacitors
logo
TDK Electronics
B41863 TDK-B41863 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
B41888 TDK-B41888 Datasheet
544Kb / 32P
   Aluminum electrolytic capacitors Single-ended capacitors
B42824 TDK-B42824 Datasheet
416Kb / 21P
   Aluminum electrolytic capacitors Single-ended capacitors
B43896 TDK-B43896 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
EPCOS
B41851A7477M EPCOS-B41851A7477M Datasheet
725Kb / 37P
   Aluminum electrolytic capacitors Single-ended capacitors
B43821F2336M EPCOS-B43821F2336M Datasheet
713Kb / 36P
   Aluminum electrolytic capacitors Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com