Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELH159M035AR6 Datasheet(PDF) 9 Page - Kemet Corporation

Part # ELH159M035AR6
Description  Snap-In Aluminum Electrolytic Capacitors ELH Series
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ELH159M035AR6 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button ELH159M035AR6 Datasheet HTML 5Page - Kemet Corporation ELH159M035AR6 Datasheet HTML 6Page - Kemet Corporation ELH159M035AR6 Datasheet HTML 7Page - Kemet Corporation ELH159M035AR6 Datasheet HTML 8Page - Kemet Corporation ELH159M035AR6 Datasheet HTML 9Page - Kemet Corporation ELH159M035AR6 Datasheet HTML 10Page - Kemet Corporation ELH159M035AR6 Datasheet HTML 11Page - Kemet Corporation ELH159M035AR6 Datasheet HTML 12Page - Kemet Corporation ELH159M035AR6 Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4018_ELH • 2/10/2016
Snap-In Aluminum Electrolytic Capacitors – ELH Series, +85ºC
VDC
VDC Surge
Voltage
Rated
Capacitance
120 Hz 20°C
(µF)
Case Size
D x L (mm)
DF
120 Hz 20°C
(tan δ %)*
RC
120 Hz 85°C
(A)
LC 20°C
5 Minutes
(mA)
Part Number
100
125
1800
25 x 35
25
3.15
3.0
ELH188M100AR3(1)
100
125
1800
30 x 30
25
3.15
3.0
ELH188M100AS2(1)
100
125
1800
35 x 25
25
3.15
3.0
ELH188M100AT1(1)
100
125
2200
22 x 50
25
3.50
3.0
ELH228M100AQ6(1)
100
125
2200
25 x 40
25
3.55
3.0
ELH228M100AR4(1)
100
125
2200
30 x 30
25
3.55
3.0
ELH228M100AS2(1)
100
125
2200
35 x 25
25
3.60
3.0
ELH228M100AT1(1)
100
125
2700
25 x 45
25
4.10
3.0
ELH278M100AR5(1)
100
125
2700
30 x 35
25
4.05
3.0
ELH278M100AS3(1)
100
125
2700
35 x 30
25
4.05
3.0
ELH278M100AT2(1)
100
125
3300
25 x 50
25
4.50
3.0
ELH338M100AR6(1)
100
125
3300
30 x 40
25
4.55
3.0
ELH338M100AS4(1)
100
125
3300
35 x 30
25
4.50
3.0
ELH338M100AT2(1)
100
125
3900
30 x 45
25
5.15
3.0
ELH398M100AS5(1)
100
125
3900
35 x 35
25
5.10
3.0
ELH398M100AT3(1)
100
125
4700
35 x 40
25
5.75
3.0
ELH478M100AT4(1)
100
125
5600
35 x 50
25
6.20
3.0
ELH568M100AT6(1)
160
200
270
22 x 25
15
1.15
0.9
ELH277M160AQ1(1)
160
200
330
22 x 25
15
1.40
1.0
ELH337M160AQ1(1)
160
200
330
25 x 20
15
1.35
1.0
ELH337M160AR7(1)
160
200
390
22 x 30
15
1.55
1.2
ELH397M160AQ2(1)
160
200
390
25 x 25
15
1.55
1.2
ELH397M160AR1(1)
160
200
390
30 x 25
15
1.50
1.2
ELH397M160AS1(1)
160
200
470
22 x 30
15
1.75
1.5
ELH477M160AQ2(1)
160
200
470
25 x 25
15
1.75
1.5
ELH477M160AR1(1)
160
200
470
30 x 25
15
1.70
1.5
ELH477M160AS1(1)
160
200
560
22 x 30
15
1.95
1.8
ELH567M160AQ2(1)
160
200
560
25 x 30
15
1.95
1.8
ELH567M160AR2(1)
160
200
560
30 x 25
15
1.90
1.8
ELH567M160AS1(1)
160
200
680
22 x 40
15
2.20
2.2
ELH687M160AQ4(1)
160
200
680
25 x 30
15
2.20
2.2
ELH687M160AR2(1)
160
200
680
30 x 25
15
2.15
2.2
ELH687M160AS1(1)
160
200
820
22 x 45
15
2.50
2.6
ELH827M160AQ5(1)
160
200
820
25 x 35
15
2.55
2.6
ELH827M160AR3(1)
160
200
820
30 x 30
15
2.50
2.6
ELH827M160AS2(1)
160
200
820
35 x 25
15
2.50
2.6
ELH827M160AT1(1)
160
200
1000
22 x 50
15
2.85
3.0
ELH108M160AQ6(1)
160
200
1000
25 x 40
15
2.80
3.0
ELH108M160AR4(1)
160
200
1000
30 x 30
15
2.80
3.0
ELH108M160AS2(1)
160
200
1000
30 x 35
15
2.80
3.0
ELH108M160AS3(1)
160
200
1000
35 x 25
15
2.80
3.0
ELH108M160AT1(1)
160
200
1200
25 x 45
15
3.15
3.0
ELH128M160AR5(1)
160
200
1200
30 x 35
15
3.15
3.0
ELH128M160AS3(1)
160
200
1200
35 x 30
15
3.20
3.0
ELH128M160AT2(1)
160
200
1500
30 x 45
15
3.75
3.0
ELH158M160AS5(1)
160
200
1500
35 x 30
15
3.70
3.0
ELH158M160AT2(1)
160
200
1500
35 x 35
15
3.70
3.0
ELH158M160AT3(1)
160
200
1800
30 x 50
15
4.20
3.0
ELH188M160AS6(1)
160
200
1800
35 x 40
15
4.20
3.0
ELH188M160AT4(1)
160
200
2200
35 x 40
15
4.60
3.0
ELH228M160AT4(1)
160
200
2200
35 x 45
15
4.80
3.0
ELH228M160AT5(1)
160
200
2700
35 x 50
15
5.45
3.0
ELH278M160AT6(1)
180
225
180
22 x 20
15
1.00
0.6
ELH187M180AQ7(1)
180
225
220
22 x 25
15
1.10
0.8
ELH227M180AQ1(1)
180
225
270
22 x 25
15
1.25
1.0
ELH277M180AQ1(1)
180
225
270
25 x 20
15
1.25
1.0
ELH277M180AR7(1)
180
225
330
22 x 25
15
1.40
1.2
ELH337M180AQ1(1)
VDC
VDC Surge
Rated
Capacitance
Case Size
DF
RC
LC
Part Number
Table 1 – Ratings & Part Number Reference cont'd
(1) Insert packaging code. See Ordering Options Table for available options.
* When capacitance exceeds 1,000 µF, the DF value (%) is increased by 2% for every additional 1,000 µF.


Similar Part No. - ELH159M035AR6

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ELH157M400AR2AA KEMET-ELH157M400AR2AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 85C, ELH, 150 uF, 20%, 400 V, -25/85C
ELH158M200AT4AA KEMET-ELH158M200AT4AA Datasheet
56Kb / 1P
   Aluminum Electrolytic, 85C, ELH, 1500 uF, 20%, 200 V, -25/85C
More results

Similar Description - ELH159M035AR6

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com