Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESW336M035AC3 Datasheet(PDF) 5 Page - Kemet Corporation

Part # ESW336M035AC3
Description  Single-Ended Aluminum Electrolytic Capacitors ESW Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESW336M035AC3 Datasheet(HTML) 5 Page - Kemet Corporation

  ESW336M035AC3 Datasheet HTML 1Page - Kemet Corporation ESW336M035AC3 Datasheet HTML 2Page - Kemet Corporation ESW336M035AC3 Datasheet HTML 3Page - Kemet Corporation ESW336M035AC3 Datasheet HTML 4Page - Kemet Corporation ESW336M035AC3 Datasheet HTML 5Page - Kemet Corporation ESW336M035AC3 Datasheet HTML 6Page - Kemet Corporation ESW336M035AC3 Datasheet HTML 7Page - Kemet Corporation ESW336M035AC3 Datasheet HTML 8Page - Kemet Corporation ESW336M035AC3 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4009_ESW • 1/6/2016
Single-Ended Aluminum Electrolytic Capacitors – ESW Series, +105ºC
Test Method & Performance
Conditions
Load Life Test
Shelf Life Test
Temperature
105°C
105°C
Test Duration
CanØ≤6.3mm
3,000 hours
1,000 hours
Can Ø = 8.0 mm
4,000 hours
Can Ø = 10.0 mm
5,000 hours
CanØ≥13.0mm
6,000 hours
If dimension is down size, endurance will be 1,000 hours less than standard
Ripple Current
Maximumripplecurrentspecifiedat100kHz105°C
No ripple current applied
Voltage
The sum of DC voltage and the peak AC voltage must not exceed the
rated voltage of the capacitor
No voltage applied
Performance
The following specifications will be satisfied when the capacitor is restored to 20°C:
Capacitance Change
Within ±25% of the initial value
Dissipation Factor
Doesnotexceed200%ofthespecifiedvalue
Leakage Current
Doesnotexceedspecifiedvalue
Shelf Life
Thecapacitance,ESRandimpedanceofacapacitorwillnotchangesignificantlyafterextendedstorageperiods,howevertheleakage
current will very slowly increase.
KEMET's E-series aluminum electrolytic capacitors should not be stored in high temperatures or where there is a high level of humidity.
The suitable storage condition for KEMET's E-series aluminum electrolytic capacitors is +5 to +35ºC and less than 75% in relative
humidity.
KEMET's E-series aluminum electrolytic capacitors should not be stored in damp conditions such as water, saltwater spray or oil spray.
KEMET's E-series aluminum electrolytic capacitors should not be stored in an environment full of hazardous gas (hydrogen sulphide ,
sulphurous acid gas, nitrous acid, chlorine gas, ammonium, etc.)
KEMET's E-series aluminum electrolytic capacitors should not be stored under exposure to ozone, ultraviolet rays or radiation.
If a capacitor has been stored for more than 18 months under these conditions and it shows increased leakage current, then a
treatment by voltage application is recommended.
Re-age (Reforming) Procedure
Apply the rated voltage to the capacitor at room temperature for a period of one hour, or until the leakage current has fallen to a steady
valuebelowthespecifiedlimit.Duringre-agingamaximumchargingcurrentoftwicethespecifiedleakagecurrentor5mA(whichever
is greater) is suggested.


Similar Part No. - ESW336M035AC3

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ESW KEMET-ESW Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
Baumer IVO GmbH & Co. K...
ESW-05S IVO-ESW-05S Datasheet
799Kb / 20P
   Accessories photoelectric sensors
ESW-05SP0200 IVO-ESW-05SP0200 Datasheet
799Kb / 20P
   Accessories photoelectric sensors
ESW-05SP0500 IVO-ESW-05SP0500 Datasheet
799Kb / 20P
   Accessories photoelectric sensors
ESW-08SH0200 IVO-ESW-08SH0200 Datasheet
799Kb / 20P
   Accessories photoelectric sensors
More results

Similar Description - ESW336M035AC3

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ESZ336M160AH4AA KEMET-ESZ336M160AH4AA Datasheet
4Mb / 19P
   Single-Ended Aluminum Electrolytic Capacitors
ESL106M016AC3AA KEMET-ESL106M016AC3AA Datasheet
4Mb / 26P
   Single-Ended Aluminum Electrolytic Capacitors
ESU336M160AH8AA KEMET-ESU336M160AH8AA Datasheet
4Mb / 19P
   Single-Ended Aluminum Electrolytic Capacitors
ETA157M6R3AC3AA KEMET-ETA157M6R3AC3AA Datasheet
4Mb / 21P
   Single-Ended Aluminum Electrolytic Capacitors
logo
TDK Electronics
B41863 TDK-B41863 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
B41888 TDK-B41888 Datasheet
544Kb / 32P
   Aluminum electrolytic capacitors Single-ended capacitors
B42824 TDK-B42824 Datasheet
416Kb / 21P
   Aluminum electrolytic capacitors Single-ended capacitors
B43896 TDK-B43896 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
EPCOS
B41851A7477M EPCOS-B41851A7477M Datasheet
725Kb / 37P
   Aluminum electrolytic capacitors Single-ended capacitors
B43821F2336M EPCOS-B43821F2336M Datasheet
713Kb / 36P
   Aluminum electrolytic capacitors Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com