Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6204A54AMR Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6204A54AMR
Description  (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204A54AMR Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6204A54AMR Datasheet HTML 5Page - Torex Semiconductor XC6204A54AMR Datasheet HTML 6Page - Torex Semiconductor XC6204A54AMR Datasheet HTML 7Page - Torex Semiconductor XC6204A54AMR Datasheet HTML 8Page - Torex Semiconductor XC6204A54AMR Datasheet HTML 9Page - Torex Semiconductor XC6204A54AMR Datasheet HTML 10Page - Torex Semiconductor XC6204A54AMR Datasheet HTML 11Page - Torex Semiconductor XC6204A54AMR Datasheet HTML 12Page - Torex Semiconductor XC6204A54AMR Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
XC6204
Series
265
3
Dropout Voltage 1
SYMBOL
Dropout Voltage1(mV)
(IOUT=30mA)
Dropout Voltage2(mV)
(IOUT=100mA)
PARAMETER
OUTPUT
VOLTAGE
Output Voltage
(V)
Ta=25℃
Ta=25℃
VOUT
Vdif1V
Vdif1
Vdif1V
Vdif1
Vdif2V
Vdif2
Vdif2V
Vdif2
VOUT(T)
MI N
MAX
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
1. 80
1. 764
1. 836
200
210
210
230
300
400
340
480
1. 85
1. 813
1. 887
200
210
210
230
300
400
340
480
1. 90
1. 862
1. 938
120
150
130
170
280
380
320
460
1. 95
1. 911
1. 989
120
150
130
170
280
380
320
460
2. 00
1. 960
2. 040
80
120
90
140
240
350
280
430
2. 05
2. 009
2. 091
80
120
90
140
240
350
280
430
2. 10
2. 058
2. 142
80
120
90
140
240
330
280
410
2. 15
2. 107
2. 193
80
120
90
140
240
330
280
410
2. 20
2. 156
2. 244
80
120
90
140
240
330
280
410
2. 25
2. 205
2. 295
80
120
90
140
240
330
280
410
2. 30
2. 254
2. 346
80
120
90
140
240
310
280
390
2. 35
2. 303
2. 397
80
120
90
140
240
310
280
390
2. 40
2. 352
2. 448
80
120
90
140
240
310
280
390
2. 45
2. 401
2. 499
80
120
90
140
240
310
280
390
2. 50
2. 450
2. 550
70
100
80
120
220
290
260
370
2. 55
2. 499
2. 601
70
100
80
120
220
290
260
370
2. 60
2. 548
2. 652
70
100
80
120
220
290
260
370
2. 65
2. 597
2. 703
70
100
80
120
220
290
260
370
2. 70
2. 646
2. 754
70
100
80
120
220
290
260
370
2. 75
2. 695
2. 805
70
100
80
120
220
290
260
370
2. 80
2. 744
2. 856
70
100
80
120
220
270
260
350
2. 85
2. 793
2. 907
70
100
80
120
220
270
260
350
2. 90
2. 842
2. 958
70
100
80
120
220
270
260
350
2. 95
2. 891
3. 009
70
100
80
120
220
270
260
350
3. 00
2. 940
3. 060
60
90
70
110
200
270
240
350
3. 05
2. 989
3. 111
60
90
70
110
200
270
240
350
3. 10
3. 038
3. 162
60
90
70
110
200
250
240
330
3. 15
3. 087
3. 213
60
90
70
110
200
250
240
330
3. 20
3. 136
3. 264
60
90
70
110
200
250
240
330
E–0E–1E–2
-40℃
≤Topr≤85℃
-40℃
≤Topr≤85℃
03S_04XC6204 02.9.12 2:57 PM ページ 265


Similar Part No. - XC6204A54AMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6204A54AMR TOREX-XC6204A54AMR Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
More results

Similar Description - XC6204A54AMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com