Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1041CV33-15VC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1041CV33-15VC
Description  256K x 16 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1041CV33-15VC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1041CV33-15VC Datasheet HTML 1Page - Cypress Semiconductor CY7C1041CV33-15VC Datasheet HTML 2Page - Cypress Semiconductor CY7C1041CV33-15VC Datasheet HTML 3Page - Cypress Semiconductor CY7C1041CV33-15VC Datasheet HTML 4Page - Cypress Semiconductor CY7C1041CV33-15VC Datasheet HTML 5Page - Cypress Semiconductor CY7C1041CV33-15VC Datasheet HTML 6Page - Cypress Semiconductor CY7C1041CV33-15VC Datasheet HTML 7Page - Cypress Semiconductor CY7C1041CV33-15VC Datasheet HTML 8Page - Cypress Semiconductor CY7C1041CV33-15VC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CY7C1041CV33
Document #: 38-05134 Rev. *D
Page 4 of 11
AC Switching Characteristics[4] Over the Operating Range
Parameter
Description
-8
-10
-12
-15
-20
Unit
Min. Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Read Cycle
tpower
[5]
VCC(typical) to the first access
1
11
1
1
µs
tRC
Read Cycle Time
8
10
12
15
20
ns
tAA
Address to Data Valid
810
12
15
20
ns
tOHA
Data Hold from Address Change
3
33
3
3
ns
tACE
CE LOW to Data Valid
810
12
15
20
ns
tDOE
OE LOW to Data Valid
45
6
7
8
ns
tLZOE
OE LOW to Low-Z
0
00
0
0
ns
tHZOE
OE HIGH to High-Z[6, 7]
45
6
7
8
ns
tLZCE
CE LOW to Low-Z[7]
3
33
3
3
ns
tHZCE
CE HIGH to High-Z[6, 7]
45
6
7
8
ns
tPU
CE LOW to Power-Up
0
00
0
0
ns
tPD
CE HIGH to Power-Down
810
12
15
20
ns
tDBE
Byte Enable to Data Valid
45
6
7
8
ns
tLZBE
Byte Enable to Low-Z
0
00
0
0
ns
tHZBE
Byte Disable to High-Z
66
6
7
8
ns
Write Cycle[8, 9]
tWC
Write Cycle Time
8
10
12
15
20
ns
tSCE
CE LOW to Write End
6
7
8
10
10
ns
tAW
Address Set-Up to Write End
6
7
8
10
10
ns
tHA
Address Hold from Write End
0
00
0
0
ns
tSA
Address Set-Up to Write Start
0
00
0
0
ns
tPWE
WE Pulse Width
6
7
8
10
10
ns
tSD
Data Set-Up to Write End
4
56
7
8
ns
tHD
Data Hold from Write End
0
00
0
0
ns
tLZWE
WE HIGH to Low-Z[7]
3
33
3
3
ns
tHZWE
WE LOW to High-Z[6, 7]
45
6
7
8
ns
tBW
Byte Enable to End of Write
6
7
8
10
10
ns
Shaded areas contain advance information.
Notes:
4.
Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V.
5.
tPOWER gives the minimum amount of time that the power supply should be at typical VCC values until the first memory access can be performed.
6.
tHZOE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (d) of AC Test Loads. Transition is measured ±500 mV from steady-state voltage.
7.
At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
8.
The internal Write time of the memory is defined by the overlap of CE LOW, and WE LOW. CE and WE must be LOW to initiate a Write, and the transition of
either of these signals can terminate the Write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates
the Write.
9.
The minimum Write cycle time for Write Cycle No. 3 (WE controlled, OE LOW) is the sum of tHZWE and tSD.


Similar Part No. - CY7C1041CV33-15VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041CV33-15VC CYPRESS-CY7C1041CV33-15VC Datasheet
601Kb / 12P
   4-Mbit (256K x 16) Static RAM
More results

Similar Description - CY7C1041CV33-15VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33 Datasheet
414Kb / 8P
   256K x 16 Static RAM
CY7C1041BN CYPRESS-CY7C1041BN Datasheet
483Kb / 10P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33_09 Datasheet
405Kb / 8P
   256K x 16 Static RAM
CY62147CV33 CYPRESS-CY62147CV33 Datasheet
301Kb / 14P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18 Datasheet
272Kb / 12P
   256K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS4016V1C WEIDA-WCFS4016V1C Datasheet
219Kb / 9P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com