Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C32A Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT24C32A
Description  2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C32A Datasheet(HTML) 5 Page - ATMEL Corporation

  AT24C32A Datasheet HTML 1Page - ATMEL Corporation AT24C32A Datasheet HTML 2Page - ATMEL Corporation AT24C32A Datasheet HTML 3Page - ATMEL Corporation AT24C32A Datasheet HTML 4Page - ATMEL Corporation AT24C32A Datasheet HTML 5Page - ATMEL Corporation AT24C32A Datasheet HTML 6Page - ATMEL Corporation AT24C32A Datasheet HTML 7Page - ATMEL Corporation AT24C32A Datasheet HTML 8Page - ATMEL Corporation AT24C32A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
AT24C32A/64A
3054N–SEEPR–2/04
Notes:
1. This parameter is characterized and is not 100% tested (T
A = 25° C).
2. This parameter is characterized and is not 100% tested.
3. The Write Cycle Time of 5 ms only applies to the AT24C32A/64A devices bearing the process letter “A” on the package (the
mark is located in the lower right corner on the top side of the package).
AC Characteristics
Applicable over recommended operating range from T
AI = -40° C to +85° C, TAE = -40° C to +125° C, VCC = +1.8V to +5.5V,
CL = 1 TTL Gate and
100 pF (unless otherwise noted).
Symbol
Parameter
AT24C32A
AT24C64A
Units
1.8V
2.5V – 5.0V
1.8V – 3.6V
5.0V
Min
Max
Min
Max
Min
Max
Min
Max
fSCL
Clock Frequency, SCL
100
400
400
400
kHz
t
LOW
Clock Pulse Width Low
4.7
1.3
1.3
1.2
µs
t
HIGH
Clock Pulse Width High
4.0
0.6
0.6
0.6
µs
tI
Noise Suppression Time
(1)
100
50
100
50
ns
t
AA
Clock Low to Data Out Valid
0.1
4.5
0.1
0.9
0.2
0.9
0.1
0.9
µs
tBUF
Time the bus must be free
before a new transmission
can start
(2)
4.7
1.3
1.3
1.2
µs
t
HD.STA
Start Hold Time
4.0
0.6
0.6
0.6
µs
tSU.STA
Start Set-up Time
4.7
0.6
0.6
0.6
µs
t
HD.DAT
Data In Hold Time
0
0
0
0
µs
t
SU.DAT
Data In Set-up Time
200
100
100
100
ns
tR
Inputs Rise Time
(2)
1.0
0.3
0.3
0.3
µs
t
F
Inputs Fall Time
(2)
300
300
300
300
ns
t
SU.STO
Stop Set-up Time
4.7
0.6
0.6
0.6
µs
tDH
Data Out Hold Time
100
50
200
50
ns
t
WR
Write Cycle Time
20 or 5
(3)
10 or 5
(3)
20 or 5
(3)
10 or 5
(3)
ms
Endurance
(1)
5.0V, 25
° C, Page Mode
1M
1M
1M
1M
Write
Cycles


Similar Part No. - AT24C32A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32A ATMEL-AT24C32A Datasheet
687Kb / 22P
   Two-wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32A ATMEL-AT24C32A Datasheet
281Kb / 17P
   Two-wire Automotive Serial EEPROM
AT24C32A ATMEL-AT24C32A Datasheet
313Kb / 18P
   Two-wire Automotive Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32A-10PU-1.8 ATMEL-AT24C32A-10PU-1.8 Datasheet
687Kb / 22P
   Two-wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32A-10PU-2.7 ATMEL-AT24C32A-10PU-2.7 Datasheet
687Kb / 22P
   Two-wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
More results

Similar Description - AT24C32A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32C ATMEL-AT24C32C_08 Datasheet
812Kb / 28P
   2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32A ATMEL-AT24C32A_07 Datasheet
687Kb / 22P
   Two-wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32A ATMEL-AT24C32A_08 Datasheet
313Kb / 18P
   Two-wire Automotive Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT25320B ATMEL-AT25320B Datasheet
683Kb / 23P
   SPI Serial EEPROMs 32K (4096 x 8) 64K (8192 x 8)
AT24C64B ATMEL-AT24C64B_07 Datasheet
352Kb / 16P
   2-Wire Serial EEPROM 64K (8192 x 8)
logo
AiT Semiconductor Inc.
A24C32 AITSEMI-A24C32 Datasheet
811Kb / 21P
   MEMORY EEPROM 32K (4096 X 8) 2-WIRE SERIAL INTERFACE
REV4.1
A24C64 AITSEMI-A24C64 Datasheet
918Kb / 20P
   MEMORY EEPROM 64k BITS (8192 X 8) TWO-WIRE SERIAL
REV2.1
logo
Renesas Technology Corp
HN58X2432SI RENESAS-HN58X2432SI Datasheet
157Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword x 8-bit)/64k EEPROM (8-kword x 8-bit)
logo
Hitachi Semiconductor
HN58X2408I HITACHI-HN58X2408I Datasheet
71Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
HN58X2402 HITACHI-HN58X2402 Datasheet
89Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com