Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CER0183A Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0183A
Description  Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0183A Datasheet(HTML) 2 Page - CTS Corporation

  CER0183A Datasheet HTML 1Page - CTS Corporation CER0183A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0183A
3285 MHz BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
0.00
0.76
1.70
2.31
3.81
4.24
5.75
5.99
2.03
Input
Output
-0.17
Solder Resist Over Conductor
Solder Resist Over Dielectric
Exposed Conductor
Filter Outline
0.37
1.66
Dim
Nominal
(mm)
Tolerance (mm)
+/- or max
A
B
11.75
Max
C
D
2.41
0.13
E
6.6
0.13
F
G
1.02
0.13
H
0.51
0.13
I
0.51
0.13
J
1.02
0.13
K
6.9
Max
L
5.9
Max
N
1.03
0.13
M
4.6
Max
-80
-70
-60
-50
-40
-30
-20
-10
0
3000 3100 3200 3300 3400 3500 3600 3700 3800 3900 4000
-40
-30
-20
-10
0
10
20
30
40
Rev 1 – Origin Date: February 3, 2006 – Revision Date: April 7, 2006
Wo
Ao
Bo
Ko
Po
Inches/mm
Inches/mm
Inches/mm
Inches/mm
Inches/mm
0.945"/24
0.280"/7.10 0.474"/12.05
0.189"/4.8
0.472"/12.00
DIMENSION
UNITS SPECIFICATION
REEL DIAMETER
mm
330
REEL WEIGHT
kg
1.7
REEL QUANTITY
ea.
1000
Customer Feed Direction
Product Marking
CTS
183
YWW


Similar Part No. - CER0183A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0184A CTS-CER0184A Datasheet
103Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0185A CTS-CER0185A Datasheet
101Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0186A CTS-CER0186A Datasheet
103Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0187A CTS-CER0187A Datasheet
103Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0188A CTS-CER0188A Datasheet
103Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
More results

Similar Description - CER0183A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0293B CTS-CER0293B Datasheet
56Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0312A CTS-CER0312A Datasheet
201Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0273B CTS-CER0273B Datasheet
116Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0279B CTS-CER0279B Datasheet
71Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0293A CTS-CER0293A Datasheet
104Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0307B CTS-CER0307B Datasheet
88Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0311B CTS-CER0311B Datasheet
68Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0342A CTS-CER0342A Datasheet
208Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0373B CTS-CER0373B Datasheet
83Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
CER0309B CTS-CER0309B Datasheet
218Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter for use in broadband applications.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com