Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R24P22005D Datasheet(PDF) 3 Page - Recom International Power

Part # R24P22005D
Description  DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R24P22005D Datasheet(HTML) 3 Page - Recom International Power

  R24P22005D Datasheet HTML 1Page - Recom International Power R24P22005D Datasheet HTML 2Page - Recom International Power R24P22005D Datasheet HTML 3Page - Recom International Power R24P22005D Datasheet HTML 4Page - Recom International Power R24P22005D Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DC/DC Converter
Specifications (measured at TA= 25°C, nominal Input and full load after warm-up time unless otherwise noted)
RxxP22005D
Series
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
free air convection, with derating
-40°C to +95°C
Operating Humidity
non-condensing
5% - 95% RH max.
Vibration
MIL-STD-202G
MTBF
according to MIL-HDBK-217F
+25°C
+90°C
2079 x 103 hours
723.5 x 10³ hours
ECO-3
REV.: 1/2016
www.recom-power.com
100
80
60
40
20
0
-40
0
60
40
20
-20
100
90
95
120
80
Ambient Temperature [°C]
Safe Operating Area
Derating Graph
(@ nominal Vin at chamber and free air convection)
SAFETY AND CERTIFICATIONS
Certificate Type
Report / File Number
Standard
UL General Safety
E358085-A8
UL60950-1, 1st Edition, 2007
CAN/CSA General Safety
CSA C22.2 No. 60950-1-03, 2nd Edition, 2006
IEC/EN General Safety
LVD1602031
IEC/EN60950-1, 2nd Edition, 2013
EMI Compliance
Condition
Standard / Criterion
EMI
with external components (see filter suggestions)
EN55022, Class B
L1
DC
DC
C1
+Vin
-Vin
+Vout
COM
-Vout
EMC Filtering - Suggestions for Class B
Input Voltage
C1
L1
5VDC
10µF
4.7µH
12VDC
4.7µF
22µH
15VDC
4.7µF
22µH
24VDC
2.2µF
47µH


Similar Part No. - R24P22005D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R24P22005D RECOM-R24P22005D Datasheet
321Kb / 5P
   high 5.2kVDC/1minute Isolation
R24P22005D RECOM-R24P22005D Datasheet
524Kb / 6P
   2 Watt SIP7 for SiC and IGBT Application`s
More results

Similar Description - R24P22005D

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com