Electronic Components Datasheet Search |
|
ELH189M025AR5 Datasheet(PDF) 1 Page - Kemet Corporation |
|
ELH189M025AR5 Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 26 page 1 © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com A4018_ELH • 2/10/2016 One world. One KEMET Benefits • Suited for high quality, high reliability applications • Low impedance • Operating temperature of up to 85°C • 2,000 hour operating life • RoHS Compliant and lead-free Overview KEMET's ELH Series of aluminum electrolytic snap-in capacitors are designed with snap-lock terminals for printed circuit board mounting. The case is aluminum with an insulated sleeve and safety vent at the bottom. Applications Typical applications include general purpose power electronics, UPS, SMPS and battery chargers. Snap-In Aluminum Electrolytic Capacitors ELH Series, +85ºC Part Number System ELH 159 M 6R3 A Q1 AA Series Capacitance Code (pF) Tolerance Rated Voltage (VDC) Electrical Parameters Size Code Packaging Snap-In Aluminum Electrolytic First two digits represent significant figures for capacitance values. Last digit specifies the number of zeros to be added. M = ±20% 6R3 = 6.3 010 = 10 016 = 16 025 = 25 035 = 35 050 = 50 063 = 63 080 = 80 100 = 100 160 = 160 180 = 180 200 = 200 250 = 250 350 = 350 400 = 400 420 = 420 450 = 450 500 = 500 A = Standard See Dimension Table See Ordering Options Table Ordering Options Table Packaging Type Lead Length (mm) Lead and Packaging Code Standard Bulk Packaging Options Bulk (box) 5.8 ± 1.0 AA Bulk (box) 4.0 ± 0.2 AV Click image above for interactive 3D content Open PDF in Adobe Reader for full functionality |
Similar Part No. - ELH189M025AR5 |
|
Similar Description - ELH189M025AR5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |