Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWAE227M125SBEZ0700 Datasheet(PDF) 2 Page - AVX Corporation

Part # TWAE227M125SBEZ0700
Description  COTS-Plus Wet Electrolytic Tantalum Capacitor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TWAE227M125SBEZ0700 Datasheet(HTML) 2 Page - AVX Corporation

  TWAE227M125SBEZ0700 Datasheet HTML 1Page - AVX Corporation TWAE227M125SBEZ0700 Datasheet HTML 2Page - AVX Corporation TWAE227M125SBEZ0700 Datasheet HTML 3Page - AVX Corporation TWAE227M125SBEZ0700 Datasheet HTML 4Page - AVX Corporation TWAE227M125SBEZ0700 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
96
^
Termination Finish
0 = Sn/Pb 60/40
7 = Matte tin
TWA Series
COTS-Plus Wet Electrolytic Tantalum Capacitor
*
Capacitance
Tolerance
K = ±10%
M = ±20%
B
Packaging
B = Tray Pack
TWA
Type
E
Case
Size
Insulation Sleeve
C = Without Sleeve
S = With Sleeve
S
Qualification
E = Extended range
S = COTS+
L = Group A
Z
Reliability
Z = Non-ER
0
Qualification
Level
0 = N/A
HOW TO ORDER
AVX PART NUMBER:
100
Voltage
Code
407
Capacitance
Code
pF code:
1st two digits
represent
significant
figures 3rd
digit represents
multiplier
(number of
zeros to follow)
00
Custom Test
Options
00 = Standard
01 = Random
vibration*
Frequency of
Applied
120Hz
800Hz
1kHz
Ripple Current
Ambient Still Air
≤55
85
105
125
≤55
85
105
125
≤55
85
105
125
Temperature (ºC)
% of
100%
0.60
0.39
0.71
0.43
0.72
0.45
85ºC
90%
0.60
0.46
0.71
0.55
_
0.72
0.55
Rated
80%
0.60
0.52
0.35
0.71
0.62
0.42
0.72
0.62
0.42
Peak
70%
0.60
0.58
0.44
0.71
0.69
0.52
0.72
0.70
0.52
Voltage 66-2/3%
0.60
0.60
0.46
0.27
0.71
0.71
0.55
0.32
0.72
0.72
0.55
0.32
Frequency of
Applied
10kHz
40kHz
100kHz
Ripple Current
Ambient Still Air
≤55
85
105
125
≤55
85
105
125
≤55
85
105
125
Temperature (ºC)
% of
100%
0.88
0.55
1.00
0.63
1.10
0.69
85ºC
90%
0.88
0.67
1.00
0.77
_
1.10
0.85
Rated
80%
0.88
0.76
0.52
1.00
0.87
0.59
1.10
0.96
0.65
Peak
70%
0.88
0.85
0.64
1.00
0.97
0.73
1.10
1.07
0.80
Voltage 66-2/3%
0.88
0.88
0.68
0.40
1.00
1.00
0.77
0.45
1.10
1.10
0.85
0.50
1/ At 125ºC the rated voltage of the capacitors decreases to 66 2/3 of the 85ºC rated voltage.
2/ The peak of the applied ac ripple voltage plus the applied dc voltage must not exceed the dc voltage rating of the capacitors.
RIPPLE CURRENT MULTIPLIERS vs. Frequency, temperature and applied voltage1/ 2/
LEAD-FREE COMPATI-
BLE
COMPONENT
For RoHS compliant products,
please select correct termination style.
* Please contact the factory for additional details and availability.
REV 01


Similar Part No. - TWAE227M125SBEZ0700

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TWAE687K050CBSZ0000 AVX-TWAE687K050CBSZ0000 Datasheet
156Kb / 4P
   TWA Wet Electrolytic Tantalum Capacitor
More results

Similar Description - TWAE227M125SBEZ0700

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TWA-Y AVX-TWA-Y Datasheet
178Kb / 4P
   Wet Electrolytic Tantalum Capacitor
TWASERIES AVX-TWASERIES Datasheet
128Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWAD227K35CBDZ0000 AVX-TWAD227K35CBDZ0000 Datasheet
120Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWAE687K050CBSZ0000 AVX-TWAE687K050CBSZ0000 Datasheet
156Kb / 4P
   TWA Wet Electrolytic Tantalum Capacitor
TWC AVX-TWC Datasheet
123Kb / 2P
   TWC-Y High Temperature Series COTS-Plus 200쨘C Wet Tantalum
logo
DB Lectro Inc
CA30 DBLECTRO-CA30 Datasheet
242Kb / 2P
   Wet Tantalum Capacitor
logo
Cornell Dubilier Electr...
TAT306M00611 CDE-TAT306M00611 Datasheet
284Kb / 12P
   Wet Tantalum Capacitor
logo
AVX Corporation
TCB AVX-TCB Datasheet
535Kb / 4P
   COTS-Plus Polymer Capacitor
logo
Vishay Siliconix
211D VISHAY-211D Datasheet
81Kb / 3P
   Type 211D Wet Tantalum Capacitor Array with Tantalum Cased
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com