Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZN448E Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ZN448E
Description  8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ZN448E Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ZN448E Datasheet HTML 1Page - List of Unclassifed Manufacturers ZN448E Datasheet HTML 2Page - List of Unclassifed Manufacturers ZN448E Datasheet HTML 3Page - List of Unclassifed Manufacturers ZN448E Datasheet HTML 4Page - List of Unclassifed Manufacturers ZN448E Datasheet HTML 5Page - List of Unclassifed Manufacturers ZN448E Datasheet HTML 6Page - List of Unclassifed Manufacturers ZN448E Datasheet HTML 7Page - List of Unclassifed Manufacturers ZN448E Datasheet HTML 8Page - List of Unclassifed Manufacturers ZN448E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ZN448/9
3
ELECTRICAL CHARACTERISTICS (Cont.)
V
IN = +4V, VCC = MAX
V
IN = +0.8V, VCC = MAX
V
IN = +2.4V, VCC = MAX
V
IN = +0.4V, VCC = MAX
V
IN = +2.4V, VCC = MAX
V
IN = +0.4V, VCC = MAX
I
OH = +2.4V, VCC = MAX
I
OL = +0.4V, VCC = MAX
V
OUT = +2V
-
-
-
0.9
500
4
-
-
-
2
-
-
-
2
-
-
-
2.4
-
-
-
-
-
-
180
60
80
60
200
-
-
+0.5
-
-
-
-
-
-
-
-
-
300
±10
-
-
+150
-300
-
-
-
-
-
-
180
210
80
110
80
-
-
1
-
2
1
-
-
0.8
800
-500
-
0.8
-
-
-
0.8
-
-
-
0.4
-100
1.6
2
-1.5
250
260
100
140
100
-
250
Min.
Typ.
Max.
MHz
%/
°C
k
MHz
ns
V
V
µA
µA
V
V
µA
µA
V
V
µA
µA
V
V
µA
mA
µA
V
ns
ns
ns
ns
ns
ns
ns
Parameter
Units
Conditions
Clock
On-chip clock frequency
Clock frequency temperature coefficient
Clock resistor
Maximum external clock frequency
Clock pulse width
High level input voltage VIH
Low level input voltage VIL
High level input current IIH
Low level input current IIL
Logic (over operating temperature range)
Convert input
High level input voltage VIH
Low level input voltage VIL
High level input current IIH
Low level input current IIL
RD input
High level input voltage VIH
Low level input voltage VIL
High level input current IIH
Low level input current IIL
High level output voltage VOH
Low level output voltage VOL
High level output current IOH
Low level output current IOL
Three-state disable output leakage
Input clamp diode voltage
RD input to data output
Enable/disable delay times TE1
TE0
TD1
TD0
Convert pulse width tWR
WR input to BUSY output
GENERAL CIRCUIT OPERATION
The ZN448/9 utilises the successive approximation
technique. Upon receipt of a negative-going pulse at the
WR
input the
BUSY output goes low, the MSB is set to 1 and all
other bits are set to 0, which produces an output voltage of
V
REF/2 from the DAC. This is compared to the input voltage VIN;
a decision is made on the next negative clock edge to reset the
MSB to 0 if
< V
IN or leave it set to 1 if
< V
IN.
Bit 2 is set to 1 on the same clock edge, producing an output
from the DAC of
or
+
depending on the state
of the MSB. This voltage is compared to V
IN and on the next
clock edge a decision is made regarding bit 2, whilst bit 3 is set
to 1. This procedure is repeated for all eight bits. On the eighth
negative clock edge
BUSY goes high indicating that the
conversion is complete.
V
REF
2
V
REF
2
V
REF
4
V
REF
2
V
REF
4
During a conversion the RD input will normally be held high to
keep the three-state buffers in their high impedance state.
Data can be read out by taking
RD low, thus enabling the
three-state output. Readout is non-destructive.
CONVERSION TIMING
The ZN448/9 will accept a low-going CONVERT pulse, which
can be completely asynchronous with respect to the clock,
and will produce valid data between 7.5 and 8.5 clock pulses
later depending on the relative timing of the clock and
CONVERT signals. Timing diagrams for the conversion are
shown in Fig.3.
The converter is cleared by a low-going CONVERT pulse,
which sets the most significant bit and results all the other bits
and the
BUSY flag. Whilst the CONVERT input is low the MSB
output of the DAC is continuously compared with the analogue
input, but otherwise the converter is inhibited.


Similar Part No. - ZN448E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZN404 ETC1-ZN404 Datasheet
78Kb / 4P
   2.45V PRECISION REFERENCE REGULATOR
ZN404D ETC1-ZN404D Datasheet
78Kb / 4P
   2.45V PRECISION REFERENCE REGULATOR
logo
General Electric Compan...
ZN409CE GEC-ZN409CE Datasheet
32Kb / 5P
   PRECISION SERVO INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
ZN414 ETC-ZN414 Datasheet
306Kb / 11P
   AM RADIO RECEIVERS
ZN414Z ETC-ZN414Z Datasheet
306Kb / 11P
   AM RADIO RECEIVERS
More results

Similar Description - ZN448E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADC-847 ETC2-ADC-847 Datasheet
184Kb / 4P
   MICROPROCESSOR-COMPATIBLE 8-BIT A/D CONVERTER
ADC-8208 ETC-ADC-8208 Datasheet
185Kb / 1P
   MICROPROCESSOR-COMPATIBLE 8-BIT CMOS A/D CONVERTER
Rev. A
logo
Zarlink Semiconductor I...
ZN427E8 ZARLINK-ZN427E8 Datasheet
311Kb / 17P
   MICROPROCESSOR COMPATIBLE 8-BIT SUCCESSIVE APPROXIMATION A-D CONVERTER
logo
List of Unclassifed Man...
ADC-908 ETC1-ADC-908 Datasheet
859Kb / 12P
   CMOS MICROPROCESSOR - COMPATIBLE FAST 8 - BIT A/D CONVERTER
logo
DATEL, Inc.
ADC-830 DATEL-ADC-830 Datasheet
287Kb / 6P
   ADC-830 Microprocessor-Compatible 8-Bit A/D Converter
logo
Analog Devices
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SD AD-AD667SD Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767 AD-AD767 Datasheet
289Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com