Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1847612445P5 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MKP1847612445P5
Description  Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1847612445P5 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MKP1847612445P5 Datasheet HTML 2Page - Vishay Siliconix MKP1847612445P5 Datasheet HTML 3Page - Vishay Siliconix MKP1847612445P5 Datasheet HTML 4Page - Vishay Siliconix MKP1847612445P5 Datasheet HTML 5Page - Vishay Siliconix MKP1847612445P5 Datasheet HTML 6Page - Vishay Siliconix MKP1847612445P5 Datasheet HTML 7Page - Vishay Siliconix MKP1847612445P5 Datasheet HTML 8Page - Vishay Siliconix MKP1847612445P5 Datasheet HTML 9Page - Vishay Siliconix MKP1847612445P5 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MKP1847 AC Filtering
www.vishay.com
Vishay Roederstein
Revision: 22-Sep-14
6
Document Number: 28172
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Intermediate capacitance values available on request
(2) Standard dimension
(3) Rated voltage pulse slope (dU/dt) R at voltage UNDC
(4) Maximum RMS current at 10 kHz, +85 °C, capacitance tolerance specified
(5) The ESR (Equivalent Series Resistance) can be calculated as tan
 (f)/(2 x  x f x C)
(6) Change the * symbol with special code for the terminals
440
UNDC = 1000 V; URMS AT 85 °C = 440 VAC; URMS AT 105 °C = 300 VAC
1.0
15.7
28.5
41.5
37.5
10.2
80
80
5
-
7
-
25
-
MKP1847510444P*
1.5
18.5
35.5
43.0
37.5
10.2
80
120
7
-
7
-
25
-
MKP1847515444P*
2.0
21.5
38.5
43.0
37.5
10.2
80
160
9
10
7
6
25
20
MKP1847520444P*
2.2
21.5
38.5
43.0
37.5
10.2
80
176
9
10
7
6
25
20
MKP1847522444P*
3
24.0
44.0
42.0
37.5
10.2 / 20.3
80
240
12
13
7
6
25
20
MKP1847530444P*
3.3
24.0
44.0
42.0
37.5
10.2 / 20.3
80
264
12
13
7
6
25
20
MKP1847533444P*
4
30.0
45.0
42.0
37.5
10.2 / 20.3
80
320
14
15
7
6
25
20
MKP1847540444P*
5
30.0
57.0
42.0
37.5
20.3
80
400
17
18
7
6
25
20
MKP1847550444P*
5
25.0
45.0
57.5
52.5
10.2
35
175
13
14
12
10
50
40
MKP1847550444Y*
6
30.0
45.0
57.5
52.5
20.3
35
210
14
15
12
10
50
40
MKP1847560444Y*
7
35.0
50.0
57.5
52.5
20.3
35
245
17
18
12
10
50
40
MKP1847570444Y*
8
35.0
50.0
57.5
52.5
20.3
35
280
18
19
12
10
50
40
MKP1847580444Y*
9
35.0
50.0
57.5
52.5
20.3
35
315
19
20
12
10
50
40
MKP1847580444Y*
10
35.0
50.0
57.5
52.5
20.3
35
350
20
21
12
10
50
40
MKP1847610444Y*
12
45.0
45.0
57.5
52.5
20.3
35
420
-
24
-
10
-
40
MKP1847612444Y5
PACKAGING INFORMATION
URMS
(V)
CAP. (1)
(μF)
Ø dt
ORDERING CODE (2)
MASS
(g)
SPQ (3)
(pcs)
230
1
0.8
MKP1847510234K2
6
160
2
0.8
MKP1847520234K2
9
130
3
0.8
MKP1847530234K2
11
115
4
0.8
MKP1847540234K2
12
100
5
0.8
MKP1847550234K2
17
80
6
0.8
MKP1847560234K2
16
80
7
0.8
MKP1847570234K2
15
80
8
0.8
MKP1847580234K2
22
65
9
0.8
MKP1847590234K2
21
65
10
0.8
MKP1847610234K2
21
70
10
1.0
MKP1847610234P*
32
105
12
1.0
MKP1847612234P*
30
105
15
1.0
MKP1847615234P*
37
91
20
1.0
MKP1847620234P*
48
77
22
1.0
MKP1847622234P*
45
77
25
1.0
MKP1847625234P*
62
63
30
1.0
MKP1847630234P*
56
63
30
1.2
MKP1847630234Y*
69
55
35
1.2
MKP1847635234Y*
65
55
40
1.2
MKP1847640234Y*
91
45
45
1.2
MKP1847645234Y*
86
45
50
1.2
MKP1847650234Y*
107
40
55
1.2
MKP1847655234Y*
101
40
60
1.2
MKP1847660234Y*
96
40
65
1.2
MKP1847665234Y5
121
30
70
1.2
MKP1847670235Y5
120
30
ELECTRICAL DATA AND ORDERING CODE
URAC
(V)
CAP. (1)
(μF)
DIMENSION (2)
(mm)
P1
(mm)
P2
(mm)
dV/dt (3)
(V/μs)
IPEAK
(A)
IRMS (4)
(A)
tan
1 kHz
(< 10-4) (5)
tan
10 kHz
(< 10-4) (5)
ORDERING CODE (6)
wh
l
2
PINS
4
PINS
2
PINS
4
PINS
2
PINS
4
PINS


Similar Part No. - MKP1847612445P5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847612444Y5 VISHAY-MKP1847612444Y5 Datasheet
177Kb / 17P
   Metallized Polypropylene Film Capacitor
Revision: 31-Jan-17
More results

Similar Description - MKP1847612445P5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847C VISHAY-MKP1847C Datasheet
179Kb / 16P
   AC Filtering Metalized Polypropylene Film Capacitor Radial Type
MKP386M VISHAY-MKP386M Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
MKP1847H VISHAY-MKP1847H Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MMKP386 VISHAY-MMKP386 Datasheet
149Kb / 13P
   Double Metallized Polypropylene Film Capacitor Radial Snubber Type
logo
List of Unclassifed Man...
CBB60 ETC-CBB60 Datasheet
194Kb / 2P
   Metallized Polypropylene Film AC Motor Capacitor
Ver. 2005
logo
Cornell Dubilier Electr...
ACF CDE-ACF Datasheet
222Kb / 3P
   Type ACF, Metallized Polypropylene Capacitors for AC Filtering
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
jb Capacitors Company
JFT JBCAPACITORS-JFT_15 Datasheet
298Kb / 2P
   Metallized Polypropylene Film AC Capacitor Class-X1
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com