Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFVI6K0189K Datasheet(PDF) 1 Page - AVX Corporation

Part # FFVI6K0189K
Description  Medium Power Film Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FFVI6K0189K Datasheet(HTML) 1 Page - AVX Corporation

  FFVI6K0189K Datasheet HTML 1Page - AVX Corporation FFVI6K0189K Datasheet HTML 2Page - AVX Corporation FFVI6K0189K Datasheet HTML 3Page - AVX Corporation FFVI6K0189K Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
24
JUNE 2015
Medium Power Film Capacitors
FFVE/FFVI (FFWE/FFWI RoHS Compliant)
PACKAGING MATERIAL
Self-extinguishing plastic case (V0 = in
accordance with UL 94) filled thermosetting
resin.
Self-extinguishing thermosetting resin (V0
= in accordance with UL 94; I3F1 = in
accordance with NF F 16-101).
*Mounting with Thermal Interface Grease
Dimensions: millimeters (inches)
General Tolerance:
±0.5 (0.020)
Tightening Torque
3 N.m max
Ø16 (0.63)min
Ø84
(3.307) max
Ø5.5 (0.217)
Ø20 (0.787)
±1 (0.039)
Plastic Case
Resin
Tinned Output
22
(0.866)
0.6
(0.024)
20
(0.787)
71.7 (2.822)
84.5 (3.327) max
71.7 (2.822)
84.5 (3.327) max
5 (0.197)
5 (0.197)
1.0
(0.039)
H±1
(0.039)
5 (0.197)
5 (0.197)
H±1
(0.039)
45±1
(1.772±0.039)
101
(3.976)
Max Torque 8.5 N.m for M8
Max Torque 2.5 N.m for M5
– – Male Threaded
Terminal Code
JE or 7X
Female Threaded
M8
M5x7.5
LABEL
LABEL
DIMENSIONS
GENERAL DESCRIPTION
The FFV capacitor is specifically designed for DC filtering, low reactive power.
The series uses a non-impregnated metallized polypropylene or polyester dielectric, which
features a controlled self-healing process, specially treated to have a very high dielectric
strength in operating conditions up to 105°C.
The FFV special design gives this series a very low level of stray inductance (18 nH to 40 nH).
Furthermore, the performance levels of the FFVE capacitor makes them a very interesting
alternative to electrolytic technology, because they can withstand much higher levels of
surge voltage, very high rms current ratings, and longer lifetimes.
FFVE capacitors meet the Level 2 requirement of the fire behavior standard NF F 16-102.
Rs(f) = (Rs-a) + k a
H=34: a 0.20
H=40: a 0.21
H=51: a 0.23
H=64: a 0.24
3.5
3.0
2.5
2.0
1.5
1.0
110
Frequency (kHz)
100
1000
Rs(f) vs FREQUENCY
For frequency higher than 1 kHz
use following curve
Also available with
threaded female
connections -
M5 x 7.5mm max
Torque 2.5Nm
HOW TO ORDER
FFVE
Series
FFVE = Standard
FFVI
= Standard
FFWE = RoHS Compliant
FFWI = RoHS Compliant
4
Dielectric
4 = Polyester
6 = Polypropylene
H
Voltage Code
0187
Capacitance
Code
0 + pF code
0187 = 180μF
0356 = 35μF
etc.
K
Capacitance
Tolerances
K = ±10%
––
Terminal Code
– – or J7 = Male Threaded
JE or 7X = Female Threaded
See Ratings and Part
Reference Tables for details
H = 300V
I = 400V
J = 500V
K = 600V
A = 700V
B = 800V
C = 900V
L = 1000V
(FFVE/FFWE)
L = 1100V
(FFVI/FFWI)
U = 1200V
N = 1900V
HOT SPOT CALCULATION
See Hot Spot Temperature, page 3.
θhot spot = θcase + (Pd + Pt) x Rth
with
Pd (Dielectric losses) = Q x tg
δ0
Q x tg
δ0 ⇒ [ 12 x Cn x (Vpeak to peak)2 x f ] x tgδ0
tg
δ0 (tan delta)
For polypropylene, tg
δ0 = 2 x 10-4 for frequencies up to
1MHz and is independent of temperatures. For polyester,
tg
δ0 values are shown in graph 4 on page 3.
Pt (Thermal losses) = Rs x (Irms)2
where
Cn in Farad
Irms in Ampere
f in Hertz
Vin Volt
Rs in Ohm
θ in °C
Rth in °C/W
θcase = bottom center of case
Not RoHS Compliant
Please select correct termination style.


Similar Part No. - FFVI6K0189K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFVI6K0187K AVX-FFVI6K0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FFVI6K0187K-- AVX-FFVI6K0187K-- Datasheet
162Kb / 4P
   Medium Power Film Capacitors
JUNE 2015
FFVI6K0187K7X AVX-FFVI6K0187K7X Datasheet
162Kb / 4P
   Medium Power Film Capacitors
JUNE 2015
FFVI6K0187KJ7 AVX-FFVI6K0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
JUNE 2015
FFVI6K0187KJE AVX-FFVI6K0187KJE Datasheet
162Kb / 4P
   Medium Power Film Capacitors
JUNE 2015
More results

Similar Description - FFVI6K0189K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com