Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1041L-17VC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1041L-17VC
Description  256K x 16 Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1041L-17VC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1041L-17VC Datasheet HTML 1Page - Cypress Semiconductor CY7C1041L-17VC Datasheet HTML 2Page - Cypress Semiconductor CY7C1041L-17VC Datasheet HTML 3Page - Cypress Semiconductor CY7C1041L-17VC Datasheet HTML 4Page - Cypress Semiconductor CY7C1041L-17VC Datasheet HTML 5Page - Cypress Semiconductor CY7C1041L-17VC Datasheet HTML 6Page - Cypress Semiconductor CY7C1041L-17VC Datasheet HTML 7Page - Cypress Semiconductor CY7C1041L-17VC Datasheet HTML 8Page - Cypress Semiconductor CY7C1041L-17VC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CY7C1041
4
Switching Characteristics[4] Over the Operating Range
7C1041-12
7C1041-15
7C1041-17
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
12
15
17
ns
tAA
Address to Data Valid
12
15
17
ns
tOHA
Data Hold from Address Change
3
33
ns
tACE
CE LOW to Data Valid
12
15
17
ns
tDOE
OE LOW to Data Valid
677
ns
tLZOE
OE LOW to Low Z
0
00
ns
tHZOE
OE HIGH to High Z[5, 6]
677
ns
tLZCE
CE LOW to Low Z[6]
3
33
ns
tHZCE
CE HIGH to High Z[5, 6]
677
ns
tPU
CE LOW to Power-Up
0
00
ns
tPD
CE HIGH to Power-Down
12
15
17
ns
tDBE
Byte Enable to Data Valid
677
ns
tLZBE
Byte Enable to Low Z
0
00
ns
tHZBE
Byte Disable to High Z
677
ns
WRITE CYCLE[7, 8]
tWC
Write Cycle Time
12
15
17
ns
tSCE
CE LOW to Write End
10
12
14
ns
tAW
Address Set-Up to Write End
10
12
14
ns
tHA
Address Hold from Write End
0
00
ns
tSA
Address Set-Up to Write Start
0
00
ns
tPWE
WE Pulse Width
10
12
14
ns
tSD
Data Set-Up to Write End
7
88
ns
tHD
Data Hold from Write End
0
00
ns
tLZWE
WE HIGH to Low Z[6]
3
33
ns
tHZWE
WE LOW to High Z[5, 6]
677
ns
tBW
Byte Enable to End of Write
10
12
12
ns
Shaded areas contain preliminary information.
Notes:
4.
Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOL/IOH and 30-pF load capacitance.
5.
tHZOE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (b) of AC Test Loads. Transition is measured ±500 mV from steady-state voltage.
6.
At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
7.
The internal write time of the memory is defined by the overlap of CE LOW, and WE LOW. CE and WE must be LOW to initiate a write, and the transition of either of
these signals can terminate the write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the write.
8.
The minimum write cycle time for Write Cycle No. 3 (WE controlled, OE LOW) is the sum of tHZWE and tSD.


Similar Part No. - CY7C1041L-17VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041AV33 CYPRESS-CY7C1041AV33 Datasheet
139Kb / 9P
   256K x 16 Static RAM
CY7C1041AV33-10VC CYPRESS-CY7C1041AV33-10VC Datasheet
139Kb / 9P
   256K x 16 Static RAM
CY7C1041AV33-10ZC CYPRESS-CY7C1041AV33-10ZC Datasheet
139Kb / 9P
   256K x 16 Static RAM
CY7C1041AV33-12VC CYPRESS-CY7C1041AV33-12VC Datasheet
139Kb / 9P
   256K x 16 Static RAM
CY7C1041AV33-12ZC CYPRESS-CY7C1041AV33-12ZC Datasheet
139Kb / 9P
   256K x 16 Static RAM
More results

Similar Description - CY7C1041L-17VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33 Datasheet
414Kb / 8P
   256K x 16 Static RAM
CY7C1041BN CYPRESS-CY7C1041BN Datasheet
483Kb / 10P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33_09 Datasheet
405Kb / 8P
   256K x 16 Static RAM
CY62147CV33 CYPRESS-CY62147CV33 Datasheet
301Kb / 14P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18 Datasheet
272Kb / 12P
   256K x 16 Static RAM
CY7C1041CV33 CYPRESS-CY7C1041CV33 Datasheet
226Kb / 11P
   256K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS4016V1C WEIDA-WCFS4016V1C Datasheet
219Kb / 9P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com