Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESW109M6R3AM3 Datasheet(PDF) 2 Page - Kemet Corporation

Part # ESW109M6R3AM3
Description  Single-Ended Aluminum Electrolytic Capacitors ESW Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESW109M6R3AM3 Datasheet(HTML) 2 Page - Kemet Corporation

  ESW109M6R3AM3 Datasheet HTML 1Page - Kemet Corporation ESW109M6R3AM3 Datasheet HTML 2Page - Kemet Corporation ESW109M6R3AM3 Datasheet HTML 3Page - Kemet Corporation ESW109M6R3AM3 Datasheet HTML 4Page - Kemet Corporation ESW109M6R3AM3 Datasheet HTML 5Page - Kemet Corporation ESW109M6R3AM3 Datasheet HTML 6Page - Kemet Corporation ESW109M6R3AM3 Datasheet HTML 7Page - Kemet Corporation ESW109M6R3AM3 Datasheet HTML 8Page - Kemet Corporation ESW109M6R3AM3 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4009_ESW • 1/6/2016
Single-Ended Aluminum Electrolytic Capacitors – ESW Series, +105ºC
Ordering Options Table
Diameter
Packaging Type
Lead Type
Lead Length
(mm)
Lead and
Packaging Code
Standard Bulk Packaging Options
4 – 22
Bulk (bag)
Straight
20/15 Minimum
AA
Standard Auto-Insertion Packaging Options
4 – 5
Tape & Reel
Formed to 2.5 mm
H
0 = 16 ±0.75
LA
6.3
Tape & Reel
2.5 mm Lead Spacing
H
0 = 18.5 ±0.75
KA
8
Tape & Reel
Formed to 5 mm
H
0 = 16 ±0.75
JA
10 – 13
Ammo
5 mm Lead Spacing
H
0 = 18.5 ±0.75
EA
16
Ammo
7.5 mm Lead Spacing
H
0 = 18.5 ±0.75
EA
Other Packaging Options
4 – 8
Ammo
Formed to 5 mm
H
0 = 16 ±0.75
DA
4 – 8
Ammo
Straight
H
0 = 18.5 ±0.75
EA
4 – 5
Ammo
Formed to 2.5 mm
H
0 = 16 ±0.75
FA
4 – 6.3
Tape & Reel
Formed to 5 mm
H
0 = 16 ±0.75
JA
4 – 5, 8 – 16
Tape & Reel
Straight
H
0 = 18.5 ±0.75
KA
Contact KEMET for other Lead and Packaging options
Environmental Compliance
As an environmentally conscious company, KEMET is working continuously with improvements concerning the environmental effects
of both our capacitors and their production. In Europe (RoHS Directive) and in some other geographical areas like China, legislation
has been put in place to prevent the use of some hazardous materials, such as lead (Pb), in electronic equipment. All products in this
catalogareproducedtohelpourcustomers’obligationstoguaranteetheirproductsandfulfilltheselegislativerequirements.Theonly
materialofconcerninourproductshasbeenlead(Pb),whichhasbeenremovedfromalldesignstofulfilltherequirementofcontaining
less than 0.1% of lead in any homogeneous material. KEMET will closely follow any changes in legislation world wide and makes any
necessary changes in its products, whenever needed.
Some customer segments such as medical, military and automotive electronics may still require the use of lead in electrode coatings.
To clarify the situation and distinguish products from each other, a special symbol is used on the packaging labels for RoHS compatible
capacitors.
Because of customer requirements, there may appear additional markings such as LF = Lead Free or LFW = Lead Free Wires on the
label.


Similar Part No. - ESW109M6R3AM3

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ESW105-A ADVANTECH-ESW105-A Datasheet
180Kb / 2P
   5FE Slim-type Unmanaged Industrial Ethernet Switch with Low Vac Power Input
15-Aug-2019
logo
List of Unclassifed Man...
ESW105-ML ETC2-ESW105-ML Datasheet
465Kb / 3P
   Ultra Compact Industrial Ethernet Switches
logo
Kemet Corporation
ESW107M016AE3EA KEMET-ESW107M016AE3EA Datasheet
97Kb / 1P
   ESW, Aluminum Electrolytic, 105C LowZ, 100 uF, 20%, 16 V, -40/105C, Lead Spacing = 2.5mm
logo
Advantech Co., Ltd.
ESW108-A ADVANTECH-ESW108-A Datasheet
191Kb / 2P
   8FE Slim-type Unmanaged Industrial Ethernet Switch with Low Vac Power Input
15-Aug-2019
More results

Similar Description - ESW109M6R3AM3

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ESZ336M160AH4AA KEMET-ESZ336M160AH4AA Datasheet
4Mb / 19P
   Single-Ended Aluminum Electrolytic Capacitors
ESL106M016AC3AA KEMET-ESL106M016AC3AA Datasheet
4Mb / 26P
   Single-Ended Aluminum Electrolytic Capacitors
ESU336M160AH8AA KEMET-ESU336M160AH8AA Datasheet
4Mb / 19P
   Single-Ended Aluminum Electrolytic Capacitors
ETA157M6R3AC3AA KEMET-ETA157M6R3AC3AA Datasheet
4Mb / 21P
   Single-Ended Aluminum Electrolytic Capacitors
logo
TDK Electronics
B41863 TDK-B41863 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
B41888 TDK-B41888 Datasheet
544Kb / 32P
   Aluminum electrolytic capacitors Single-ended capacitors
B42824 TDK-B42824 Datasheet
416Kb / 21P
   Aluminum electrolytic capacitors Single-ended capacitors
B43896 TDK-B43896 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
EPCOS
B41851A7477M EPCOS-B41851A7477M Datasheet
725Kb / 37P
   Aluminum electrolytic capacitors Single-ended capacitors
B43821F2336M EPCOS-B43821F2336M Datasheet
713Kb / 36P
   Aluminum electrolytic capacitors Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com