Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDBCA1390GC5N0 Datasheet(PDF) 7 Page - Kemet Corporation

Part # LDBCA1390GC5N0
Description  LDB Series Unencapsulated Stacked Chip, Size 1206 ??1812, 16 and 50 VDC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

LDBCA1390GC5N0 Datasheet(HTML) 7 Page - Kemet Corporation

Back Button LDBCA1390GC5N0 Datasheet HTML 3Page - Kemet Corporation LDBCA1390GC5N0 Datasheet HTML 4Page - Kemet Corporation LDBCA1390GC5N0 Datasheet HTML 5Page - Kemet Corporation LDBCA1390GC5N0 Datasheet HTML 6Page - Kemet Corporation LDBCA1390GC5N0 Datasheet HTML 7Page - Kemet Corporation LDBCA1390GC5N0 Datasheet HTML 8Page - Kemet Corporation LDBCA1390GC5N0 Datasheet HTML 9Page - Kemet Corporation LDBCA1390GC5N0 Datasheet HTML 10Page - Kemet Corporation LDBCA1390GC5N0 Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3082_LDB • 5/20/2015
7
Surface Mount Metallized PPS Film Capacitors
LDB Series Unencapsulated Stacked Chip, Size 1206 – 1812, 16 and 50 VDC
Soldering Process
Reflow Recommendations
Preheating
Maximum Preheating Time
180 seconds
Minimum Temperature
150°C
Maximum Temperature
200°C
Maximum Time within T
max and
T
max–5°C(∆T5)
30 seconds (T
max≤250°C)
10 seconds (250 °C < T
max≤260°C)
Maximum Time Over 217°C
(∆T
217)
150 seconds
Maximum Temperature Ramp Rate
3°C/seconds (heating)
6°C/seconds (cooling)
Secondreflow
Iftworeflowprocessesareneeded,besurethatbeforethesecondreflow,
the temperature on the capacitor’s surface is lower than 50°C.
* For LDB series this value is 260 °C.
Maximum Temperature on Component Body (T
max)
Capacitor
Capacitor Volume (mm3)
H
max (mm)
< 350
350 – 2,000
> 2,000
< 1.6
255°C *
255°C *
255°C *
1.6 – 2.5
255°C *
250°C
245°C
> 2.5
250°C
245°C
245°C
*In line with JEDEC STD 020D ed. June 2007 with some limitations.
* For LDB series this value is 260 °C.
Flux/Cleaning/Storage and Moisture
Flux suggestions
Wesuggesttouseano-cleanfluxwithahalogencontentlowerthan0.1%.
Cleaning suggestions
To clean the PCB assembly we suggest to use a suitable solvent like Isopropyl Alcohol, deionized water or neutral pH detergents.
Solvents like Toluene, Xylene and Trichloroethylene should not be used.


Similar Part No. - LDBCA1390GC5N0

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LDBCA1470JC5N0 KEMET-LDBCA1470JC5N0_17 Datasheet
57Kb / 1P
   Film, Metallized PPS Stacked, Commercial Grade, LDB, 4700 pF, 5%, 50 V, 40 V, 125C, 1206, 1.1mm
More results

Similar Description - LDBCA1390GC5N0

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LDBAA2120GC5N0 KEMET-LDBAA2120GC5N0_16 Datasheet
841Kb / 12P
   LDB Series Unencapsulated Stacked Chip, Size 1206 ??1812, 16 and 50 VDC
LDBCC2820JC5N0 KEMET-LDBCC2820JC5N0 Datasheet
57Kb / 1P
   Film, Metallized PPS Stacked, Commercial Grade, LDB, 0.082 F, 5%, 50 V, 40 V, 125C, 1812, 1.7mm
LDBCA1470JC5N0 KEMET-LDBCA1470JC5N0_17 Datasheet
57Kb / 1P
   Film, Metallized PPS Stacked, Commercial Grade, LDB, 4700 pF, 5%, 50 V, 40 V, 125C, 1206, 1.1mm
logo
Littelfuse
04661.75NR LITTELFUSE-04661.75NR Datasheet
253Kb / 1P
   SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
0466004.NR LITTELFUSE-0466004.NR Datasheet
253Kb / 1P
   SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
04661.25NR LITTELFUSE-04661.25NR Datasheet
253Kb / 1P
   SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
0466005.NR LITTELFUSE-0466005.NR Datasheet
253Kb / 1P
   SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
046601.5NR LITTELFUSE-046601.5NR Datasheet
253Kb / 1P
   SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
046602.5NR LITTELFUSE-046602.5NR Datasheet
253Kb / 1P
   SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
0466002.NR LITTELFUSE-0466002.NR Datasheet
253Kb / 1P
   SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com