Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1847612315P5 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MKP1847612315P5
Description  Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1847612315P5 Datasheet(HTML) 4 Page - Vishay Siliconix

  MKP1847612315P5 Datasheet HTML 1Page - Vishay Siliconix MKP1847612315P5 Datasheet HTML 2Page - Vishay Siliconix MKP1847612315P5 Datasheet HTML 3Page - Vishay Siliconix MKP1847612315P5 Datasheet HTML 4Page - Vishay Siliconix MKP1847612315P5 Datasheet HTML 5Page - Vishay Siliconix MKP1847612315P5 Datasheet HTML 6Page - Vishay Siliconix MKP1847612315P5 Datasheet HTML 7Page - Vishay Siliconix MKP1847612315P5 Datasheet HTML 8Page - Vishay Siliconix MKP1847612315P5 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MKP1847 AC Filtering
www.vishay.com
Vishay Roederstein
Revision: 22-Sep-14
4
Document Number: 28172
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
250
UNDC = 500 V; URMS AT 85 °C = 250 VAC; URMS AT 105 °C = 175 VAC
20
30.0
45.0
42.0
37.5
10.2 / 20.3
25
500
10
11
10
8
70
65
MKP1847620254P*
22
30.0
45.0
42.0
37.5
10.2 / 20.3
25
550
15
16
10
8
70
65
MKP1847622254P*
25
30.0
45.0
42.0
37.5
10.2 / 20.3
25
625
16
17
10
8
70
65
MKP1847625254P*
15
25.0
45.0
57.5
52.5
10.2
12
180
12
13
16
14
135
125
MKP1847615254Y*
20
25.0
45.0
57.5
52.5
10.2
12
240
12
13
16
14
135
125
MKP1847620254Y*
22
25.0
45.0
57.5
52.5
10.2
12
264
12
13
16
14
135
125
MKP1847622254Y*
25
25.0
45.0
57.5
52.5
10.2
12
300
13
14
16
14
135
125
MKP1847625254Y*
30
30.0
45.0
57.5
52.5
20.3
12
360
15
16
16
14
135
125
MKP1847630254Y*
35
30.0
45.0
57.5
52.5
20.3
12
420
16
17
16
14
135
125
MKP1847635254Y*
40
35.0
50.0
57.5
52.5
20.3
12
480
19
20
16
14
135
125
MKP1847640254Y*
45
35.0
50.0
57.5
52.5
20.3
12
540
20
21
16
14
135
125
MKP1847645254Y*
50
35.0
50.0
57.5
52.5
20.3
12
600
21
22
16
14
135
125
MKP1847650254Y*
55
45.0
45.0
57.5
52.5
20.3
12
660
-
24
-
14
-
125
MKP1847655254Y5
60
45.0
45.0
57.5
52.5
20.3
12
720
-
25
-
14
-
125
MKP1847660255Y5
275
UNDC = 600 V; URMS AT 85 °C = 275 VAC; URMS AT 105 °C = 190 VAC
1
9.0
19.0
32.0
27.5
-
55
55
2.5
-
5
-
25
-
MKP1847510274K2
2
13.0
23.0
32.0
27.5
-
55
110
4.5
-
5
-
25
-
MKP1847520274K2
3
15.0
25.0
32.0
27.5
-
55
165
5.5
-
5
-
25
-
MKP1847530274K2
4
18.0
28.0
32.0
27.5
-
55
220
7
-
5
-
25
-
MKP1847540274K2
5
21.0
31.0
32.0
27.5
-
55
275
8
-
5
-
25
-
MKP1847550274K2
6
21.0
31.0
32.0
27.5
-
55
330
7
-
5
-
25
-
MKP1847560274K2
7
20.0
35.0
32.0
27.5
-
55
385
10
-
5
-
25
-
MKP1847570274K2
5
18.5
35.5
43.0
37.5
10.2
30
150
7
8
8
7
65
55
MKP1847550274P*
6
18.5
35.5
43.0
37.5
10.2
30
180
7
8
8
7
65
55
MKP1847560274P*
7
18.5
35.5
43.0
37.5
10.2
30
210
8
9
8
7
65
55
MKP1847570274P*
8
18.5
35.5
43.0
37.5
10.2
30
240
8
9
8
7
65
55
MKP1847580274P*
9
18.5
35.5
43.0
37.5
10.2
30
270
9
10
8
7
65
55
MKP1847590274P*
10
21.5
38.5
43.0
37.5
10.2
30
300
10
11
8
7
65
55
MKP1847610274P*
12
21.5
38.5
43.0
37.5
10.2
30
360
11
12
8
7
65
55
MKP1847612274P*
15
24.0
44.0
42.0
37.5
10.2
30
450
13
14
8
7
65
55
MKP1847615274P*
20
30.0
45.0
42.0
37.5
10.2 / 20.3
30
600
16
17
8
7
65
55
MKP1847620274P*
15
25.0
45.0
57.5
52.5
10.2
13
195
11
12
15
12
125
105
MKP1847615274Y*
20
25.0
45.0
57.5
52.5
10.2
13
260
12
13
15
12
125
105
MKP1847620274Y*
22
25.0
45.0
57.5
52.5
10.2
13
286
13
14
15
12
125
105
MKP1847622274Y*
25
30.0
45.0
57.5
52.5
20.3
13
325
15
16
15
12
125
105
MKP1847625274Y*
30
30.0
45.0
57.5
52.5
20.3
13
390
16
17
15
12
125
105
MKP1847630274Y*
35
35.0
50.0
57.5
52.5
20.3
13
455
19
20
15
12
125
105
MKP1847635274Y*
40
35.0
50.0
57.5
52.5
20.3
13
520
20
21
15
12
125
105
MKP1847640274Y*
45
45.0
45.0
57.5
52.5
20.3
13
585
-
23
-
12
-
105
MKP1847645274Y5
50
45.0
45.0
57.5
52.5
20.3
13
650
-
24
-
12
-
105
MKP1847650275Y5
ELECTRICAL DATA AND ORDERING CODE
URAC
(V)
CAP. (1)
(μF)
DIMENSION (2)
(mm)
P1
(mm)
P2
(mm)
dV/dt (3)
(V/μs)
IPEAK
(A)
IRMS (4)
(A)
tan
1 kHz
(< 10-4) (5)
tan
10 kHz
(< 10-4) (5)
ORDERING CODE (6)
wh
l
2
PINS
4
PINS
2
PINS
4
PINS
2
PINS
4
PINS


Similar Part No. - MKP1847612315P5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847612314P VISHAY-MKP1847612314P Datasheet
177Kb / 17P
   Metallized Polypropylene Film Capacitor
Revision: 31-Jan-17
MKP1847612314Y VISHAY-MKP1847612314Y Datasheet
177Kb / 17P
   Metallized Polypropylene Film Capacitor
Revision: 31-Jan-17
More results

Similar Description - MKP1847612315P5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847C VISHAY-MKP1847C Datasheet
179Kb / 16P
   AC Filtering Metalized Polypropylene Film Capacitor Radial Type
MKP386M VISHAY-MKP386M Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
MKP1847H VISHAY-MKP1847H Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MMKP386 VISHAY-MMKP386 Datasheet
149Kb / 13P
   Double Metallized Polypropylene Film Capacitor Radial Snubber Type
logo
List of Unclassifed Man...
CBB60 ETC-CBB60 Datasheet
194Kb / 2P
   Metallized Polypropylene Film AC Motor Capacitor
Ver. 2005
logo
Cornell Dubilier Electr...
ACF CDE-ACF Datasheet
222Kb / 3P
   Type ACF, Metallized Polypropylene Capacitors for AC Filtering
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
jb Capacitors Company
JFT JBCAPACITORS-JFT_15 Datasheet
298Kb / 2P
   Metallized Polypropylene Film AC Capacitor Class-X1
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com