Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDBAB3100GC5N0 Datasheet(PDF) 10 Page - Kemet Corporation

Part # LDBAB3100GC5N0
Description  LDB Series Unencapsulated Stacked Chip, Size 1206 ??1812, 16 and 50 VDC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

LDBAB3100GC5N0 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button LDBAB3100GC5N0 Datasheet HTML 4Page - Kemet Corporation LDBAB3100GC5N0 Datasheet HTML 5Page - Kemet Corporation LDBAB3100GC5N0 Datasheet HTML 6Page - Kemet Corporation LDBAB3100GC5N0 Datasheet HTML 7Page - Kemet Corporation LDBAB3100GC5N0 Datasheet HTML 8Page - Kemet Corporation LDBAB3100GC5N0 Datasheet HTML 9Page - Kemet Corporation LDBAB3100GC5N0 Datasheet HTML 10Page - Kemet Corporation LDBAB3100GC5N0 Datasheet HTML 11Page - Kemet Corporation LDBAB3100GC5N0 Datasheet HTML 12Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3082_LDB • 5/20/2015 10
Surface Mount Metallized PPS Film Capacitors
LDB Series Unencapsulated Stacked Chip, Size 1206 – 1812, 16 and 50 VDC
Carrier Taping & Packaging (IEC 60286–2)
Horizontal Taping Orientation
Chip Size (EIA)
Horizontal
Mounting
Dimensions in mm
Taping Specification
W
H
L
W
P
1
A
0
B
0
K
0
D
W
1
W
2
Nominal
Nominal
Nominal
-0.1/+0.3
+/-0.1
Nominal
Nominal
Nominal
-/+2.0
-0/+2
Maximum
1206
1.7
All
3.3
8
4
2
3.8
1.3
180
8
12
1210
2.5
All
3.3
8
4
3
3.8
2.1
180
8
12
1812
3.3
≤1.9
4.7
12
8
3.8
5.3
2
330
12
16
1812
3.3
2.1 – 2.6
4.7
12
8
3.9
5.2
2.6
330
12
16
In accordance with IEC 60286-3
Materials:
- carrier tape: antistatic material
- cover tape: polyester + polythene
- reel: recyclable polystyrene
All parts in reels are packed in hermetically sealed Moisture Barrier Bag (MBB) Class 1.


Similar Part No. - LDBAB3100GC5N0

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LDBAB2820JC5N0 KEMET-LDBAB2820JC5N0 Datasheet
57Kb / 1P
   Film, Metallized PPS Stacked, Commercial Grade, LDB, 0.082 uF, 5%, 16 V, 125C, 1210, 1.7mm
More results

Similar Description - LDBAB3100GC5N0

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LDBAA2120GC5N0 KEMET-LDBAA2120GC5N0_16 Datasheet
841Kb / 12P
   LDB Series Unencapsulated Stacked Chip, Size 1206 ??1812, 16 and 50 VDC
LDBCC2820JC5N0 KEMET-LDBCC2820JC5N0 Datasheet
57Kb / 1P
   Film, Metallized PPS Stacked, Commercial Grade, LDB, 0.082 F, 5%, 50 V, 40 V, 125C, 1812, 1.7mm
LDBCA1470JC5N0 KEMET-LDBCA1470JC5N0_17 Datasheet
57Kb / 1P
   Film, Metallized PPS Stacked, Commercial Grade, LDB, 4700 pF, 5%, 50 V, 40 V, 125C, 1206, 1.1mm
logo
Littelfuse
04661.75NR LITTELFUSE-04661.75NR Datasheet
253Kb / 1P
   SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
0466004.NR LITTELFUSE-0466004.NR Datasheet
253Kb / 1P
   SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
04661.25NR LITTELFUSE-04661.25NR Datasheet
253Kb / 1P
   SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
0466005.NR LITTELFUSE-0466005.NR Datasheet
253Kb / 1P
   SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
046601.5NR LITTELFUSE-046601.5NR Datasheet
253Kb / 1P
   SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
046602.5NR LITTELFUSE-046602.5NR Datasheet
253Kb / 1P
   SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
0466002.NR LITTELFUSE-0466002.NR Datasheet
253Kb / 1P
   SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com