Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F461DE223K160C Datasheet(PDF) 8 Page - Kemet Corporation

Part # F461DE223K160C
Description  General Purpose, Pulse and DC Transient Suppression Single Metallized Polypropylene Film
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F461DE223K160C Datasheet(HTML) 8 Page - Kemet Corporation

Back Button F461DE223K160C Datasheet HTML 4Page - Kemet Corporation F461DE223K160C Datasheet HTML 5Page - Kemet Corporation F461DE223K160C Datasheet HTML 6Page - Kemet Corporation F461DE223K160C Datasheet HTML 7Page - Kemet Corporation F461DE223K160C Datasheet HTML 8Page - Kemet Corporation F461DE223K160C Datasheet HTML 9Page - Kemet Corporation F461DE223K160C Datasheet HTML 10Page - Kemet Corporation F461DE223K160C Datasheet HTML 11Page - Kemet Corporation F461DE223K160C Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3028_F461-464 • 5/3/2016
8
Film Capacitors
General Purpose, Pulse and DC Transient Suppression – F461 – 464 Series Single Metallized Polypropylene Film
Environmental Test Data
Test
IEC Publication
Procedure
Requirements
Voltage Proof
60384–1 Clause 4.6
1.6 x VR after 60 seconds
The capacitors must withstand the voltage without
breakdowns or flashovers and without decreased insulation
resistance below the value in each detail specification.
No visible damage
Clause 4.6 2.3
2 x VR (minimum 400 VDC to case) after 60
seconds
As above
Vibration
60068–2–6 Test Fc
6 hours with 10 – 500 Hz and 0.75 mm
amplitude or 98 m/s2 depending on
frequency
No visible damage
tanδ ≤ 1.2 x stated value at 100 kHz
Δ C/C ≤ ±0.5%
Bump
60068–2–29 Test Eb
4,000 bumps with 390 m/s2 mounted on PCB
Δ C/C ≤ ±0.5%
tanδ ≤ 1.2 x stated value at 100 kHz
Insulation resistance:
≥ 100,000 MΩ for CR ≤ 0.33 µF
≥ 30,000 MΩ • µF for CR > 0.33 µF
Resistance to
Soldering Heat
60068–2–20 Method 1A Solder bath at + 260°C ±5°C with screening
Immersion of the terminations into the solder bath shall
be completed in a time not exceeding 1 second and the
terminations shall remain immersed to the specified depth
for 10 + 1 second and then be withdrawn.
Δ C/C ≤ ±1.0%
tanδ increase < 0.001
No visible damage
Climatic Sequence
60384–1
Paragraph 4:21
60068–2.2 dry heat 16 hours
60068–2–34 damp heat, one cycle,
60068–2–1 Test Aa 2 hours
Insulation resistance:
≥ 100,000 MΩ for CR ≤ 0.33 µF
≥ 30,000 MΩ • µF for CR > 0.33 µF
Δ C/C ≤ ±0.5%
tanδ ≤ 1.2 x stated value at 100 kHz
Damp Heat
Steady State
60068–2–3 Test Ca
+40°C and 90 – 95% RH
56 days no visible damage
Insulation resistance:
≥ 50,000 MΩ for CR ≤ 0.33 µF
≥ 15,000 MΩ • µF for CR > 0.33 µF
Δ C/C ≤ ±1%
tanδ ≤ 1.2 x stated value at 100 kHz
Endurance, AC
1,000 hours at +85°C and 1.25 x VR AC
No visible damage
Δ C/C ≤ ±3%
tanδ ≤ 1.5 x stated value at 100 kHz
Insulation resistance:
≥ 100,000 MΩ for CR ≤ 0.33 µF
≥ 30,000 MΩ • µF for CR > 0.33 µF
Charge and
Discharge
60384–17
Paragraph 4.13
10,000 pulses and with (2 x) dV/dt according
to detail specification
tanδ (100 kHz) ≤ 2 x stated value (100 kHz)
Δ C/C ≤ ±0.5%
Insulation resistance:
≥ 50,000 MΩ for CR ≤ 0.33 µF
≥ 15,000 MΩ • µF for CR > 0.33 µF
Environmental Compliance
All KEMET MKP capacitors are RoHS Compliant and Halogen Free.


Similar Part No. - F461DE223K160C

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F461DY105J630ZLH0J KEMET-F461DY105J630ZLH0J Datasheet
56Kb / 1P
   F461, Film, Metallized Polypropylene, Commercial Grade, 1 uF, 5%, 630 V, 85C, Lead Spacing = 22.5mm
F461DY225K400ZLH0J KEMET-F461DY225K400ZLH0J Datasheet
56Kb / 1P
   F461, Film, Metallized Polypropylene, Commercial Grade, 2.2 uF, 10%, 400 V, 85C, Lead Spacing = 22.5mm
F461DY475J250ZLH0J KEMET-F461DY475J250ZLH0J Datasheet
56Kb / 1P
   F461, Film, Metallized Polypropylene, Commercial Grade, 4.7 uF, 5%, 250 V, 85C, Lead Spacing = 22.5mm
More results

Similar Description - F461DE223K160C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
R75 KEMET-R75 Datasheet
2Mb / 34P
   R75, Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
3/26/2021
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
Kemet Corporation
R75PN2820AA30K KEMET-R75PN2820AA30K_16 Datasheet
1Mb / 27P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
R75PN2820AA30K KEMET-R75PN2820AA30K Datasheet
722Kb / 26P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
logo
Kemet Corporation
PHE844RD6100MR06L2 KEMET-PHE844RD6100MR06L2 Datasheet
1Mb / 14P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463N31500001M KEMET-R463N31500001M_16 Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com