Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP386M268250KT6 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # MKP386M268250KT6
Description  Metallized Polypropylene Film Capacitor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP386M268250KT6 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button MKP386M268250KT6 Datasheet HTML 7Page - Vishay Siliconix MKP386M268250KT6 Datasheet HTML 8Page - Vishay Siliconix MKP386M268250KT6 Datasheet HTML 9Page - Vishay Siliconix MKP386M268250KT6 Datasheet HTML 10Page - Vishay Siliconix MKP386M268250KT6 Datasheet HTML 11Page - Vishay Siliconix MKP386M268250KT6 Datasheet HTML 12Page - Vishay Siliconix MKP386M268250KT6 Datasheet HTML 13Page - Vishay Siliconix MKP386M268250KT6 Datasheet HTML 14Page - Vishay Siliconix MKP386M268250KT6 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MKP386M Snubber
www.vishay.com
Vishay Roederstein
Revision: 11-Jun-15
11
Document Number: 28170
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MAXIMUM RMS VOLTAGE (SINEWAVE) AS A FUNCTION OF FREQUENCY
10
100
1000
100
1000
10 000
100 000
1 000 000
f (Hz)
T
amb ≤ 85 °C, 1000 VDC
Capacitance in μF
0.47
1.0
1.5
3.3
4.7
7.0
10
100
1000
100
1000
10 000
100 000
1 000 000
f (Hz)
85 °C < T
amb ≤ 105 °C, 1000 VDC
Capacitance in μF
0.47
1.0
1.5
3.3
4.7
7.0
10
100
1000
100
1000
10 000
100 000
1 000 000
f (Hz)
T
amb ≤ 85 °C, 1250 VDC
Capacitance in μF
0.39
0.68
1.5
2.2
3.0
4.7
10
100
1000
100
1000
10 000
100 000
1 000 000
f (Hz)
85 °C < T
amb ≤ 105 °C, 1250 VDC
Capacitance in μF
0.39
0.68
1.5
2.2
3.0
4.7
10
100
1000
100
1000
10 000
100 000
1 000 000
f (Hz)
T
amb ≤ 85 °C, 1600 VDC
Capacitance in μF
0.22
0.47
1.0
1.5
2.0
2.5
10
100
1000
100
1000
10 000
100 000
1 000 000
f (Hz)
85 °C < T
amb ≤ 105 °C, 2000 VDC
Capacitance in μF
0.047
0.10
0.22
0.47
0.68
1.5


Similar Part No. - MKP386M268250KT6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP386M268200JT1 VISHAY-MKP386M268200JT1 Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
MKP386M268200JT2 VISHAY-MKP386M268200JT2 Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
MKP386M268200JT3 VISHAY-MKP386M268200JT3 Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
MKP386M268200JT5 VISHAY-MKP386M268200JT5 Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
MKP386M268200KT1 VISHAY-MKP386M268200KT1 Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
More results

Similar Description - MKP386M268250KT6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com