Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T55A476M004C0500 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # T55A476M004C0500
Description  vPolyTanTM Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Performance Polymer Type
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T55A476M004C0500 Datasheet(HTML) 5 Page - Vishay Siliconix

  T55A476M004C0500 Datasheet HTML 1Page - Vishay Siliconix T55A476M004C0500 Datasheet HTML 2Page - Vishay Siliconix T55A476M004C0500 Datasheet HTML 3Page - Vishay Siliconix T55A476M004C0500 Datasheet HTML 4Page - Vishay Siliconix T55A476M004C0500 Datasheet HTML 5Page - Vishay Siliconix T55A476M004C0500 Datasheet HTML 6Page - Vishay Siliconix T55A476M004C0500 Datasheet HTML 7Page - Vishay Siliconix T55A476M004C0500 Datasheet HTML 8Page - Vishay Siliconix T55A476M004C0500 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
T55
www.vishay.com
Vishay Polytech
Revision: 16-Nov-15
5
Document Number: 40174
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
4 VDC AT +105 °C
22
A
T55A226M004C0500
8.8
10
500
0.48
22
A
T55A226M004C0300
8.8
10
300
0.61
22
A
T55A226M004C0200
8.8
10
200
0.76
22
B
T55B226M004C0150
8.8
8
150
0.93
22
B
T55B226M004C0200
8.8
8
200
0.81
33
A
T55A336M004C0500
13.2
10
500
0.48
33
A
T55A336M004C0300
13.2
10
300
0.61
33
A
T55A336M004C0200
13.2
10
200
0.76
33
B
T55B336M004C0200
13.2
8
200
0.81
47
A
T55A476M004C0500
18.8
10
500
0.48
47
A
T55A476M004C0200
18.8
10
200
0.76
47
A
T55A476M004C0180
18.8
10
180
0.79
47
T
T55T476M004C0200
18.8
10
200
0.72
47
T
T55T476M004C0080
18.8
10
80
1.15
47
T
T55T476M004C0070
18.8
10
70
1.22
47
B
T55B476M004C0150
18.8
8
150
0.93
47
B
T55B476M004C0070
18.8
8
70
1.36
68
A
T55A686M004C0500
27.2
10
500
0.48
68
A
T55A686M004C0250
27.2
10
250
0.67
68
A
T55A686M004C0200
27.2
10
200
0.76
68
T
T55T686M004C0200
27.2
10
200
0.72
68
T
T55T686M004C0180
27.2
10
180
0.76
68
T
T55T686M004C0080
27.2
10
80
1.15
68
T
T55T686M004C0070
27.2
10
70
1.22
68
B
T55B686M004C0150
27.2
8
150
0.93
68
B
T55B686M004C0070
27.2
8
70
1.36
100
A
T55A107M004C0200
40.0
10
200
0.75
100
A
T55A107M004C0100
40.0
10
100
1.07
100
T
T55T107M004C0150
40.0
10
150
0.84
100
T
T55T107M004C0070
40.0
10
70
1.22
100
B
T55B107M004C0070
40.0
8
70
1.36
100
B
T55B107M004C0055
40.0
8
55
1.53
100
B
T55B107M004C0045
40.0
8
45
1.70
100
B
T55B107M004C0040
40.0
8
40
1.80
100
B
T55B107M004C0035
40.0
8
35
1.92
150
B
T55B157M004C0070
60.0
8
70
1.36
150
B
T55B157M004C0055
60.0
8
55
1.53
150
B
T55B157M004C0045
60.0
8
45
1.69
150
B
T55B157M004C0040
60.0
8
40
1.80
150
B
T55B157M004C0035
60.0
8
35
1.93
150
V
T55V157M004C0045
60.0
10
45
2.03
150
V
T55V157M004C0025
60.0
10
25
2.73
220
B
T55B227M004C0070
88.0
8
70
1.36
220
B
T55B227M004C0060
88.0
8
60
1.47
220
B
T55B227M004C0055
88.0
8
55
1.53
220
B
T55B227M004C0045
88.0
8
45
1.70
220
B
T55B227M004C0035
88.0
8
35
1.93
220
V
T55V227M004C0055
88.0
10
55
1.84
220
V
T55V227M004C0045
88.0
10
45
2.03
220
V
T55V227M004C0040
88.0
10
40
2.16
220
V
T55V227M004C0035
88.0
10
35
2.31
220
V
T55V227M004C0025
88.0
10
25
2.73
220
V (1)
T55V227M004C0018
88.0
10
18
3.22
220
V (1)
T55V227M004C0015
88.0
10
15
3.53
220
D
T55D227M004C0055
88.0
10
55
2.02
220
D
T55D227M004C0040
88.0
10
40
2.37
220
D
T55D227M004C0025
88.0
10
25
3.00
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT 25 °C
(μA)
MAX. DF
AT 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(m
)
MAX. RIPPLE, AT 45 °C
100 kHz IRMS
(A)
Notes
• Termination code “C”: cases J, P: 100 % tin, case A: 100 % tin or Ni/Pd/Au, cases T, B, V, D: Ni/Pd/Au.
(1) In development.


Similar Part No. - T55A476M004C0500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T55A476M004C0500 VISHAY-T55A476M004C0500 Datasheet
585Kb / 22P
   vPolyTanTM Polymer Surface Mount Chip Capacitors,
Revision: 02-Nov-16
More results

Similar Description - T55A476M004C0500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T55 VISHAY-T55_17 Datasheet
595Kb / 23P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, High Performance Type
Revision: 25-Oct-17
T50 VISHAY-T50_V01 Datasheet
647Kb / 17P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
01-Jan-2023
T55 VISHAY-T55_V01 Datasheet
706Kb / 27P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
01-Jan-2023
T51 VISHAY-T51 Datasheet
648Kb / 17P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance, Vishay Automotive Grade
01-Jan-2023
DLA04051 VISHAY-DLA04051 Datasheet
1Mb / 19P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, DLA Approved
01-Jan-2023
T56 VISHAY-T56_V01 Datasheet
658Kb / 19P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, Hi-Rel COTS
01-Jan-2023
TMCH VISHAY-TMCH Datasheet
280Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Revision: 26-Oct-17
TP3 VISHAY-TP3 Datasheet
135Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Revision: 04-Jun-08
T58 VISHAY-T58_17 Datasheet
565Kb / 16P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
Revision: 05-Oct-17
T58 VISHAY-T58_V01 Datasheet
665Kb / 19P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com