Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCN4477M016S0100 Datasheet(PDF) 1 Page - AVX Corporation

Part # TCN4477M016S0100
Description  Conductive Polymer Solid Electrolytic Chip Capacitors Undertab Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCN4477M016S0100 Datasheet(HTML) 1 Page - AVX Corporation

  TCN4477M016S0100 Datasheet HTML 1Page - AVX Corporation TCN4477M016S0100 Datasheet HTML 2Page - AVX Corporation TCN4477M016S0100 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
118
120715
TCN
Type
L
Case Size
See table
above
157
Capacitance Code
pF code: 1st two digits
represent significant figures,
3rd digit represents multiplier
(number of zeros to follow)
M
Tolerance
M = ±20%
006
Rated DC Voltage
006 = 6.3Vdc
016 = 16Vdc
025 = 25Vdc
035 = 35Vdc
HOW TO ORDER
R
Packaging
R = Pure Tin 7" Reel
S = Pure Tin 13" Reel
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
1.0 μF to 1500 μF
Capacitance Tolerance:
±20%
Leakage Current DCL:
0.1CV
Rated Voltage (VR)
+85ºC:
4
6.3
10
16
25
35
Category Voltage (VC)
+105ºC:
3.2
5
8
13
20
28
Surge Voltage (VS)
+85ºC:
5.2
8
13
21
33
46
Surge Voltage (VS)
+105ºC:
4
6
10
16
25
35
Temperature Range:
-55°C to +105°C
Reliability:
1% per 1000 hours at 85°C, VR with 0.1Ω/V series impedance 60% confidence level
TECHNICAL SPECIFICATIONS
0200
ESR in mΩ
FEATURES
• Conductive polymer electrode
• Benign failure mode under recommended use conditions
• Lower ESR
• Undertab terminations layout:
- High Volumetric Efficiency
- High PCB assembly density
- High capacitance in smaller dimensions
• 3x reflow 260°C compatible
• 7 case sizes available
APPLICATIONS
• Consumer applications (e.g. mobiles, MP3 etc.)
CASE DIMENSIONS: millimeters (inches)
Code
EIA
EIA
L±0.20
W+0.20 (0.008)
H max.
W
1±0.20
A+0.30 (0.012)
Code
Metric
(0.008)
-0.10 (0.004)
(0.008)
-0.20 (0.008)
K
1206
3216-10
3.20 (0.126)
1.60 (0.063)
1.00 (0.039)
1.20 (0.047)
0.80 (0.031)
S
1206
3216-12
3.20 (0.126)
1.60 (0.063)
1.20 (0.047)
1.20 (0.047)
0.80 (0.031)
W1 dimension applies to the termination width for A dimensional area only.
LEAD-FREE COMPATIBLE
COMPONENT
TCN Series
Conductive Polymer Solid Electrolytic Chip Capacitors Undertab Series
K, L, S, T, X CASE
XXXXX
156 J
AVX LOGO
Polymer
Capacitance Value in pF
156 = 15µF
Rated Voltage
J = 6.3V
ID Code
Polarity
Band
(Anode+)
N CASE
AVX LOGO
Polymer
J
1 0 6
Capacitance Value in pF
106 = 10µF
Rated Voltage Code
J = 6.3V
Polarity
Band
(Anode+)
MARKING
W
_
+
H
WP
AN
AP
SWN
L
Polarity Band (Anode+)
W
L, T, X, 3, 4 CASE
Code
EIA
EIA
L±0.20
W+0.20 (0.008)
H max.
W
P+0.50 (0.020)
W
N±0.20
A
P+0.30 (0.012)
A
N+0.30 (0.012)
Code Metric
(0.008)
-0.10 (0.004)
-0.10 (0.004)
(0.008)
-0.20 (0.008)
-0.20 (0.008)
L
1210 3528-10 3.50 (0.138)
2.80 (0.110)
1.00 (0.039)
2.10 (0.083)
2.10 (0.083)
1.15 (0.045)
1.35 (0.053)
T
1210 3528-12 3.50 (0.138)
2.80 (0.110)
1.20 (0.047)
2.10 (0.083)
2.10 (0.083)
1.15 (0.045)
1.35 (0.053)
X
2917 7343-15 7.30 (0.287)
4.30 (0.169)
1.50 (0.059)
3.25 ± 0.20
3.25 (0.128)
2.00 (0.079)
3.20 (0.126)
(0.128±0.008)
W1 dimension applies to the termination width for A dimensional area only.
Code
EIA
EIA
L±0.30
W+0.30
H max.
W
P±0.20
W
N±0.20
A
P+0.30 (0.012)
A
N+0.30 (0.012)
Code Metric
(0.012)
(0.012)
(0.008)
(0.008)
-0.20 (0.008)
-0.20 (0.008)
3
2924 7360-15 7.30 (0.287)
6.00 (0.240)
1.50 (0.059)
4.75 (0.187)
4.75 (0.187)
2.00 (0.079)
3.20 (0.126)
4
2924 7360-20 7.30 (0.287)
6.00 (0.240)
2.00 (0.079)
4.75 (0.187)
4.75 (0.187)
2.00 (0.079)
3.20 (0.126)
W1 dimension applies to the termination width for A dimensional area only.
3, 4 CASE
XXXXX
158 J
AVX LOGO
Polymer
Capacitance Value in pF
158 = 1500µF
Rated Voltage
J = 6.3V
Lot Code
Polarity
Band
(Anode+)
Engineering samples


Similar Part No. - TCN4477M016S0100

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCN4-13 MINI-TCN4-13 Datasheet
234Kb / 1P
   Ceramic RF Transformer
TCN4-13++ MINI-TCN4-13+ Datasheet
234Kb / 1P
   Ceramic RF Transformer
TCN4-162 MINI-TCN4-162 Datasheet
343Kb / 1P
   RF Transformer
TCN4-162++ MINI-TCN4-162+ Datasheet
343Kb / 1P
   RF Transformer
TCN4-22 MINI-TCN4-22 Datasheet
226Kb / 1P
   Ceramic Balun RF Transformer
More results

Similar Description - TCN4477M016S0100

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F381A225MMAAXE AVX-F381A225MMAAXE Datasheet
103Kb / 3P
   Conductive Polymer, Miniature, Undertab Solid Electrolytic Chip Capacitors
F38 AVX-F38 Datasheet
668Kb / 4P
   Conductive Polymer, Miniature, Undertab Solid Electrolytic Chip Capacitors
TCJ AVX-TCJ Datasheet
1Mb / 11P
   Conductive Polymer Solid Electrolytic Chip Capacitors
TCM AVX-TCM Datasheet
610Kb / 4P
   Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
TCN AVX-TCN Datasheet
990Kb / 6P
   Highest CV/cc Conductive Polymer Chip Capacitors Undertab
F380J106MMA AVX-F380J106MMA Datasheet
250Kb / 3P
   Conductive Polymer, Miniature, Undertab
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com