Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWAD477K030CBEZ0000 Datasheet(PDF) 4 Page - AVX Corporation

Part # TWAD477K030CBEZ0000
Description  COTS-Plus Wet Electrolytic Tantalum Capacitor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TWAD477K030CBEZ0000 Datasheet(HTML) 4 Page - AVX Corporation

  TWAD477K030CBEZ0000 Datasheet HTML 1Page - AVX Corporation TWAD477K030CBEZ0000 Datasheet HTML 2Page - AVX Corporation TWAD477K030CBEZ0000 Datasheet HTML 3Page - AVX Corporation TWAD477K030CBEZ0000 Datasheet HTML 4Page - AVX Corporation TWAD477K030CBEZ0000 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
98
TWA Series
COTS-Plus Wet Electrolytic Tantalum Capacitor
RATINGS & PART NUMBER REFERENCE
Cap (μF)
DC Rated
ESR Max
DC Leakage max (μA)
TANG Max
Impedance
Maximum Capacitance Change
AC Ripple
Case Size
AVX Part Number
25ºC
Votage (V)
(ohms)
+25ºC
+85 &
+25ºC (%)
max (Ohms)
(%)
(mA rms)
at 120Hz
at 85ºC
at 120Hz
+125ºC
-55ºC at 120Hz
-55ºC
+85ºC
+125ºC
85ºC at 40kHZ
AVX
DSCC
25 VDC at 85°C 15 VDC at 125°C
TWAA226*025 BEZ0^00
22
25
4.0
1
2
6.6
140
-20
10.5
12
825
A
T1
TWAA686*025 BEZ0^00
68
25
2.5
0.6
3
12
45
-40
12
15
850
A
T1
TWAA127*025 BSZ0000
120
25
1.3
1
5
25
-42
8
12
1250
A
T1
TWAB337*025 BEZ0^00
330
25
1.3
2
20
30
25
-60
10
15
1550
B
T2
TWAB567*025 BSZ0000
560
25
0.83
2
10
12
-65
10
15
2100
B
T2
TWAD567*025 BEZ0^00
560
25
0.9
7
28
38
24
-72
20
25
1750
D
T3
TWAD687*025 BEZ0^00
680
25
0.62
8
32
31.5
19
-72
25
30
2100
D
T3
TWAE687*025 BEZ0^00
680
25
0.75
3
12
45
12
-50
8
15
2100
E
T4
TWAD757*025 BEZ0^00
750
25
1
3
25
45
15
-50
8
15
2000
D
T3
TWAE757*025 BEZ0^00
750
25
0.75
3.5
16
50
9
-55
10
18
2200
E
T4
TWAD108*025 BEZ0^00
1000
25
1
4
30
45
15
-50
8
15
2300
D
T3
TWAE108*025 BEZ0^00
1000
25
0.7
4
20
60
9
-55
10
18
2400
E
T4
TWAD128*025 BSZ0000
1200
25
0.65
5
20
7
-70
12
18
2600
D
T3
TWAE158*025 BEZ0^00
1500
25
0.5
6
24
65
7
-65
15
20
2850
E
T4
TWAE188*025 BSZ0000
1800
25
0.5
6
25
7
-75
12
20
3100
E
T4
TWAE228*025 BSZ0000
2200
25
0.5
10
80
10
-90
30
50
3200
E
T4
TWAE478*025 BEZ0^00
4700
25
0.5
30
180
90
5
-90
60
80
4250
E
T4
TWAE568*025 BEZ0^00
5600
25
0.3
35
200
120
3
-90
40
60
5700
E
T4
30 VDC at 85°C 20 VDC at 125°C
TWAA107*030 BSZ0000
100
30
1.3
1
5
25
-38
8
12
1200
A
T1
TWAB227*030 BEZ0^00
220
30
2
1.9
10
15
30
-40
8
15
1200
B
T2
TWAD337*030 BEZ0^00
330
30
2.6
3
12
50
52
-65
25
25
1400
D
T3
TWAB477*030 BSZ0000
470
30
0.85
2
10
15
-65
10
18
1800
B
T2
TWAD477*030 BEZ0^00
470
30
2
8
32
64
25
-65
20
25
1600
D
T3
TWAD567*030 BEZ0^00
560
30
1.5
9
35
55
20
-65
25
30
1750
D
T3
TWAD687*030 BEZ0^00
680
30
1
3.3
25
45
15
-50
8
15
1900
D
T3
TWAE687*030 BEZ0^00
680
30
0.8
4.5
18
45
10
-60
8
15
2100
E
T4
TWAD757*030 BEZ0^00
750
30
1
3.6
30
45
15
-50
8
15
2000
D
T3
TWAE757*030 BEZ0^00
750
30
0.8
5
20
45
10
-65
10
18
2200
E
T4
TWAD108*030 BSZ0000
1000
30
0.7
7
25
7
-70
10
18
2500
D
T3
TWAE108*030 BEZ0^00
1000
30
0.7
5
20
55
7
-70
10
18
2500
E
T4
TWAE158*030 BSZ0000
1500
30
0.6
12
35
6
-72
10
20
3000
E
T4
50 VDC at 85°C 30 VDC at 125°C
TWAA106*050 BEZ0^00
10
50
5.3
1
2
4
250
-24
8
9
715
A
T1
TWAA476*050 BEZ0^00
47
50
2
1
5
9
35
-25
8
15
850
A
T1
TWAA686*050 BSZ0000
68
50
1.5
1
5
35
-25
8
15
1050
A
T1
TWAA127*050 BEZ0^00
120
50
1.8
1.5
8
14
30
-40
30
40
1100
A
T1
TWAB127*050 BEZ0^00
120
50
2
2
10
14
30
-45
8
15
1200
B
T2
TWAB157*050 BEZ0^00
150
50
2
2
10
16
25
-50
8
15
1400
B
T2
TWAB227*050 BSZ0000
220
50
0.9
2
10
17.5
-50
8
15
1800
B
T2
TWAD337*050 BEZ0^00
330
50
0.85
3
25
25
15
-50
8
15
1650
D
T3
TWAE337*050 BEZ0^00
330
50
0.8
2.5
25
24
15
-50
8
15
1900
E
T4
TWAD477*050 BSZ0000
470
50
0.75
3
25
10
-50
8
15
2100
D
T3
TWAD477*050 BEZ0^00*
470
50
1
3
25
35
11
-50
8
15
2100
D
T3
TWAE477*050 BEZ0^00
470
50
0.75
3
30
32
10
-50
8
15
2200
E
T4
TWAE687*050 BSZ0000
680
50
0.7
5
40
8
-58
10
20
2750
E
T4
TWAE687*050 BEZ0^00*
680
50
0.7
5
40
42
8
-58
10
20
2750
E
T4
TWAE757*050 BEZ0^00
750
50
0.6
12
60
35
8
-50
15
20
2800
E
T4
TWAD108*050 BEZ0^00
1000
50
1.5
20
125
80
12
-90
100
140
2500
D
T3
TWAE108*050 BEZ0^00
1000
50
0.7
11
110
45
20
-70
30
40
3200
E
T4
TWAE308*050 BEZ0^00
3000
50
0.3
30
150
80
3.5
-80
60
85
3100
E
T4
60 VDC at 85°C 40 VDC at 125°C
TWAA226*060 BEZ0^00
22
60
5
3
12
10.2
144
-24
10
12
500
A
T1
TWAA476*060 BSZ0000
47
60
2
1
5
44
-25
8
12
1050
A
T1
TWAB107*060 BEZ0^00
100
60
2.5
1.7
10
12
30
-40
8
15
1100
B
T2
TWAB157*060 BSZ0000
150
60
1.1
2
10
20
-40
8
15
1650
B
T2
TWAD227*060 BEZ0^00
220
60
0.9
8
32
15
29
-40
16
20
1400
D
T3
TWAE337*060 BEZ0^00
330
60
1.5
5
25
40
31
-72
25
25
1850
E
T4
TWAD397*060 BSZ0000
390
60
0.9
3
25
15
-60
8
15
2100
D
T3
TWAE567*060 BSZ0000
560
60
0.8
5
40
10
-58
8
15
2750
E
T4
TWAE687*060 BEZ0^00
680
60
0.6
13
65
35
8
-50
15
20
2800
E
T4
TWAE757*060 BEZ0^00
750
60
0.6
15
75
35
8
-50
15
20
2800
E
T4
TWAE108*060 BSZ0000
1000
60
1
12
90
20
-90
30
50
3200
E
T4
TWAE228*060 BEZ0^00
2200
60
0.5
30
150
80
3.5
-80
60
85
3000
E
T4
REV 01


Similar Part No. - TWAD477K030CBEZ0000

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TWAD227K35CBDZ0000 AVX-TWAD227K35CBDZ0000 Datasheet
120Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWAD227K35CBSZ0000 AVX-TWAD227K35CBSZ0000 Datasheet
120Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWAD227K35SBDZ0000 AVX-TWAD227K35SBDZ0000 Datasheet
120Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWAD227K35SBSZ0000 AVX-TWAD227K35SBSZ0000 Datasheet
120Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWAD227M35CBDZ0000 AVX-TWAD227M35CBDZ0000 Datasheet
120Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
More results

Similar Description - TWAD477K030CBEZ0000

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TWA-Y AVX-TWA-Y Datasheet
178Kb / 4P
   Wet Electrolytic Tantalum Capacitor
TWASERIES AVX-TWASERIES Datasheet
128Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWAD227K35CBDZ0000 AVX-TWAD227K35CBDZ0000 Datasheet
120Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWAE687K050CBSZ0000 AVX-TWAE687K050CBSZ0000 Datasheet
156Kb / 4P
   TWA Wet Electrolytic Tantalum Capacitor
TWC AVX-TWC Datasheet
123Kb / 2P
   TWC-Y High Temperature Series COTS-Plus 200쨘C Wet Tantalum
logo
DB Lectro Inc
CA30 DBLECTRO-CA30 Datasheet
242Kb / 2P
   Wet Tantalum Capacitor
logo
Cornell Dubilier Electr...
TAT306M00611 CDE-TAT306M00611 Datasheet
284Kb / 12P
   Wet Tantalum Capacitor
logo
AVX Corporation
TCB AVX-TCB Datasheet
535Kb / 4P
   COTS-Plus Polymer Capacitor
logo
Vishay Siliconix
211D VISHAY-211D Datasheet
81Kb / 3P
   Type 211D Wet Tantalum Capacitor Array with Tantalum Cased
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com