Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCQD226M020R0070 Datasheet(PDF) 3 Page - AVX Corporation

Part # TCQD226M020R0070
Description  Automotive Conductive Polymer Chip Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCQD226M020R0070 Datasheet(HTML) 3 Page - AVX Corporation

  TCQD226M020R0070 Datasheet HTML 1Page - AVX Corporation TCQD226M020R0070 Datasheet HTML 2Page - AVX Corporation TCQD226M020R0070 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
101215
TCQ Series
Automotive Conductive Polymer Chip Capacitors
TEST
TCQ series (Temperature range -55ºC to +105ºC/125ºC)
Condition
Characteristics
Visual examination
no visible damage
DCL
2 x initial limit
Endurance
ΔC/C
within +10/-20% of initial value for Vr ≤ 10V
within +20/-30% of initial value for Vr ≥ 16V
DF
2 x initial limit
ESR
2 x initial limit
Visual examination
no visible damage
DCL
2x initial limit
Storage Life
ΔC/C
within +10/-20% of initial value for Vr ≤ 10V
within +20/-30% of initial value for Vr ≥ 16V
DF
2 x initial limit
ESR
2 x initial limit
Visual examination
no visible damage
Biased
DCL
2 x initial limit
Humidity
ΔC/C
within +35/-5% of initial value
DF
1.5 x initial limit
ESR
2 x initial limit
+20ºC -55ºC +20ºC
+85ºC
+125ºC +20ºC
Temperature
DCL
IL*
n/a
IL*
10 x IL*
12.5 x IL*
IL*
Stability
ΔC/C
n/a
±20% ±5%
±20%
±30%
±5%
DF
IL*
IL*
IL*
1.2 x IL*
1.5 x IL*
IL*
Visual examination
no visible damage
DCL
initial limit
ΔC/C
within +10/-20% of initial value for Vr ≤ 10V
within +20/-30% of initial value for Vr ≥ 16V
DF
initial limit for Vr ≤ 10V
1.25x initial limit for Ur ≥ 16V
ESR
1.25 x initial limit
Determine after application of 125ºC temperature,
2/3 rated voltage for 1000 +48/-0 hours and then
leaving 1-2 hours at room temperature. Power sup-
ply impedance to be ≤ 0.1Ω/V.
125°C, 0V, 1000h
Determine after leaving for 1000 hours at 85±2ºC,
85% relative humidity and rated voltage and then
recovery 1-2 hours at room temperature.
Test temperature: 125ºC +3/0ºC
Surge voltage: 1.3x 2/3x rated voltage at 125°C
Charge/Discharge resistance: 1000±100Ω
Number of cycles: 1000x
Cycle duration: 6 min; 30 sec charge,
5 min 30 sec discharge
Step
Temperature°C
Duration(min)
1
+20±2
15
2
-55+0/-3
15
3
+20±2
15
4
+85+3/-0
15
5
+125+3/-0
15
6
+20±2
15
*Initial Limit
For use outside of recommended conditions and special request, please contact manufacturer.
QUALIFICATION TABLE
RECOMMENDED DERATING FACTOR
Voltage and temperature
derating as percentage of Vr.
100%
90%
80%
70%
60%
50%
40%
-55ºC
85ºC
105ºC
Rated Voltage
Recommended Application Voltage
125ºC
For Vr ≤ 10V
100%
90%
80%
70%
60%
50%
40%
-55ºC
85ºC
105ºC
Rated Voltage
Recommended Application Voltage
125ºC
For Vr ≥ 16V
Rated
Operating Temperature
voltage
≤85°C
105°C
125°C
≤10V
90%
90%
67%
≥16V
80%
80%
50%
Surge
Voltage


Similar Part No. - TCQD226M020R0070

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCQ AVX-TCQ Datasheet
494Kb / 4P
   Automotive Conductive Polymer Chip Capacitors
logo
Christian Bürkert GmbH ...
TCQ001 BURKERT-TCQ001 Datasheet
284Kb / 5P
   Flow control switch – normally open or normally closed contact
17.06.2020
logo
Nihon Inter Electronics...
TCQ10A04 NIEC-TCQ10A04 Datasheet
168Kb / 1P
   Scokkty Barrier Diode
TCQ10A04-11A NIEC-TCQ10A04-11A Datasheet
279Kb / 1P
   Scokkty Barrier Diode
logo
National Instruments Co...
TCQ10A04-11A NI-TCQ10A04-11A_15 Datasheet
279Kb / 1P
   SBD
More results

Similar Description - TCQD226M020R0070

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCQ AVX-TCQ Datasheet
494Kb / 4P
   Automotive Conductive Polymer Chip Capacitors
logo
Kemet Corporation
T520 KEMET-T520 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T525 KEMET-T525 Datasheet
565Kb / 5P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T525 KEMET-T525_1 Datasheet
698Kb / 5P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520 KEMET-T520_1 Datasheet
807Kb / 8P
   CONDUCTIVE POLYMER CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B_12 Datasheet
133Kb / 7P
   Conductive polymer chip capacitors(Standard)
logo
AVX Corporation
TCJ AVX-TCJ Datasheet
1Mb / 11P
   Conductive Polymer Solid Electrolytic Chip Capacitors
logo
MERITEK ELECTRONICS COR...
PEVA MERITEK-PEVA Datasheet
805Kb / 2P
   Conductive Polymer Aluminum Solid Capacitors (V Chip)
logo
AVX Corporation
TCM AVX-TCM Datasheet
610Kb / 4P
   Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
logo
MERITEK ELECTRONICS COR...
PEV5 MERITEK-PEV5 Datasheet
972Kb / 5P
   Conductive Polymer Aluminum Solid Capacitors (V Chip)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com