Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F381A106MMA Datasheet(PDF) 1 Page - AVX Corporation

Part # F381A106MMA
Description  Conductive Polymer, Miniature, Undertab Solid Electrolytic Chip Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F381A106MMA Datasheet(HTML) 1 Page - AVX Corporation

  F381A106MMA Datasheet HTML 1Page - AVX Corporation F381A106MMA Datasheet HTML 2Page - AVX Corporation F381A106MMA Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
125
101215
F38 Series
Conductive Polymer, Miniature, Undertab Solid Electrolytic Chip Capacitors
LEAD-FREE COMPATIBLE
COMPONENT
MARKING
M CASE
S CASE
*Capacitance
Code
A
J s
Rated Voltage
Code
Rated Voltage
Code
Packaging
Special Code
AXE = Rated temperature 60ºC and H
dimension 1.0mm Max.
AXEH3 = Rated temperature 60°C and H
dimension 1.0mm Max., Low ESR
LZT = Rated temperature 60ºC only
AH1, AH2, AH3 = Low ESR
FEATURES
• Conductive polymer electrode
• Benign failure mode under recommended use conditions
• Compliant to the RoHS2 directive 2011/65/EU
• SMD facedown
• Small and low profile
• High volumetric efficiency
APPLICATIONS
• Smartphone
• Tablet PC
• Wireless module
• Portable game
CASE DIMENSIONS: millimeters (inches)
Code
L
W1
W2
HS1
S2
M
1.60
0.85
0.65±0.10
0.80±0.10*1
0.50±0.10
0.60±0.10
(0.063
)
(0.033
)
(0.026±0.004)
(0.031±0.004)
(0.020±0.004)
(0.024±0.004)
S
2.00
1.25
0.90±0.10
0.80±0.10
0.50±0.10
1.00±0.10
(0.079
)
(0.049
)
(0.035±0.004)
(0.031±0.004)
(0.020±0.004)
(0.039±0.004)
+0.20
-0.10
+0.008
-0.004
+0.20
-0.10
+0.008
-0.004
+0.20
-0.10
+0.008
-0.004
+0.20
-0.10
+0.008
-0.004
Reel Dia
Tape Width
(
φ180)
(mm)
A8
F38
Type
1A
Rated
Voltage
225
Capacitance
Code
pF code: 1st two digits
represent significant figures,
3rd digit represents multiplier
(number of zeros to follow)
M
Tolerance
M = ±20%
M
Case
Size
See
table
above
HOW TO ORDER
Category Temperature Range:
-55 to +105°C
Rated Temperature:
+85°C (*2)
Capacitance Tolerance:
±20% at 120Hz
Dissipation Factor:
Refer to next page (120Hz)
ESR 100kHz:
Refer to next page (120Hz)
Leakage Current:
Refer to next page
At 20ºC after application of rated voltage for 5 minutes
Provided that:
After 5 minute’s application of rated voltage, leakage current at 105°C
10 times or less than 20ºC specified value.
TECHNICAL SPECIFICATIONS
*1 F380J476MMAAXE: 1.0mm Max.
*2 F380J476MMAAXE: Rated temperature +60ºC Surge, endurance test temperature +60ºC


Similar Part No. - F381A106MMA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F38 AVX-F38 Datasheet
668Kb / 4P
   Conductive Polymer, Miniature, Undertab Solid Electrolytic Chip Capacitors
F380J106MMA AVX-F380J106MMA Datasheet
250Kb / 3P
   Conductive Polymer, Miniature, Undertab
logo
PETERMANN-TECHNIK
F3826C PETERMANN-F3826C Datasheet
90Kb / 5P
   HIGH RELIABILITY FOR LOW COST
logo
Fairchild Semiconductor
F3850 FAIRCHILD-F3850 Datasheet
1Mb / 24P
   Central Processing Unit (CPU)
F3850DC FAIRCHILD-F3850DC Datasheet
1Mb / 24P
   Central Processing Unit (CPU)
More results

Similar Description - F381A106MMA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F38 AVX-F38 Datasheet
668Kb / 4P
   Conductive Polymer, Miniature, Undertab Solid Electrolytic Chip Capacitors
TCNL157M006R0200 AVX-TCNL157M006R0200 Datasheet
241Kb / 3P
   Conductive Polymer Solid Electrolytic Chip Capacitors Undertab Series
F380J106MMA AVX-F380J106MMA Datasheet
250Kb / 3P
   Conductive Polymer, Miniature, Undertab
TCJ AVX-TCJ Datasheet
1Mb / 11P
   Conductive Polymer Solid Electrolytic Chip Capacitors
TCM AVX-TCM Datasheet
610Kb / 4P
   Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
TCN AVX-TCN Datasheet
990Kb / 6P
   Highest CV/cc Conductive Polymer Chip Capacitors Undertab
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com