Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC1966 Datasheet(PDF) 6 Page - IXYS Corporation

Part # CPC1966
Description  Zero-Crossing Detection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1966 Datasheet(HTML) 6 Page - IXYS Corporation

  CPC1966 Datasheet HTML 1Page - IXYS Corporation CPC1966 Datasheet HTML 2Page - IXYS Corporation CPC1966 Datasheet HTML 3Page - IXYS Corporation CPC1966 Datasheet HTML 4Page - IXYS Corporation CPC1966 Datasheet HTML 5Page - IXYS Corporation CPC1966 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
IXYS Integrated Circuits Division makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make
changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in IXYS Integrated
Circuits Division’s Standard Terms and Conditions of Sale, IXYS Integrated Circuits Division assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its
products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other
applications intended to support or sustain life, or where malfunction of IXYS Integrated Circuits Division’s product may result in direct physical harm, injury, or death to a person or severe
property or environmental damage. IXYS Integrated Circuits Division reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-CPC1966-R04
©Copyright 2013, IXYS Integrated Circuits Division
All rights reserved. Printed in USA.
10/18/2013
For additional information please visit our website at: www.ixysic.com
CPC1966
6
MECHANICAL DIMENSIONS
Dimensions
mm
(inches)
1.150 DIA. x4
(0.045 DIA. x4)
2.540
(0.100)
Pin 1
10.160
(0.400)
5.080
(0.200)
1.75
(0.069)
10.160±0.127
(0.400±0.005)
21.082±0.381
(0.830±0.015)
4.572±0.127
(0.180±0.005)
1.016±0.127
(0.040±0.005)
10.160±0.127
(0.400±0.005)
1.778
(0.070)
5.080±0.127
(0.200±0.005)
2.540±0.127
(0.100±0.005)
0.762±0.076
(0.030±0.003)
1.651±0.102
(0.065±0.004)
7º TYP
4 Places
7º TYP
4 Places
3.302±0.051
(0.130±0.002)
0.381±0.013
(0.015±0.0005)
1.778
(0.070)
PCB Hole Pattern
Pin 1
CPC1966Y


Similar Part No. - CPC1966

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1966 CLARE-CPC1966 Datasheet
116Kb / 6P
   AC Power Switch
logo
IXYS Corporation
CPC1966B IXYS-CPC1966B Datasheet
108Kb / 6P
   CPC1966B is an AC Solid State Switch utilizing dual power SCR outputs.
CPC1966BX8 IXYS-CPC1966BX8 Datasheet
115Kb / 5P
   800V, 3A, Rapid Turn-On AC Power Switch
logo
Clare, Inc.
CPC1966Y CLARE-CPC1966Y Datasheet
116Kb / 6P
   AC Power Switch
logo
IXYS Corporation
CPC1966YX6 IXYS-CPC1966YX6 Datasheet
116Kb / 6P
   TTL and CMOS Compatible
More results

Similar Description - CPC1966

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
PM1205 IXYS-PM1205 Datasheet
113Kb / 6P
   Zero-Crossing Detection
PS2401 IXYS-PS2401 Datasheet
97Kb / 5P
   Zero-Crossing Detection
PD2601 IXYS-PD2601 Datasheet
97Kb / 5P
   Zero-Crossing Detection
PM1204 IXYS-PM1204 Datasheet
113Kb / 6P
   Zero-Crossing Detection
PS2601 IXYS-PS2601 Datasheet
97Kb / 5P
   Zero-Crossing Detection
PM1206 IXYS-PM1206 Datasheet
113Kb / 6P
   Zero-Crossing Detection
PS1201 IXYS-PS1201 Datasheet
97Kb / 5P
   Zero-Crossing Detection
PD2401 IXYS-PD2401 Datasheet
97Kb / 5P
   Zero-Crossing Detection
logo
COSMO Electronics Corp...
KMOC3081S COSMO-KMOC3081S Datasheet
85Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3041 COSMO-KMOC3041_11 Datasheet
87Kb / 6P
   Zero Crossing Optoisolators TRIAC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com