Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP8SDR9LVA8 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SDR9LVA8
Description  8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SDR9LVA8 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button COP8SDR9LVA8 Datasheet HTML 7Page - National Semiconductor (TI) COP8SDR9LVA8 Datasheet HTML 8Page - National Semiconductor (TI) COP8SDR9LVA8 Datasheet HTML 9Page - National Semiconductor (TI) COP8SDR9LVA8 Datasheet HTML 10Page - National Semiconductor (TI) COP8SDR9LVA8 Datasheet HTML 11Page - National Semiconductor (TI) COP8SDR9LVA8 Datasheet HTML 12Page - National Semiconductor (TI) COP8SDR9LVA8 Datasheet HTML 13Page - National Semiconductor (TI) COP8SDR9LVA8 Datasheet HTML 14Page - National Semiconductor (TI) COP8SDR9LVA8 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
6.0 Architectural Overview (Continued)
examples. In many cases, the instruction set can simulta-
neously execute as many as three functions with the same
single-byte instruction.
JID: (Jump Indirect); Single byte instruction decodes exter-
nal events and jumps to corresponding service routines
(analogous to “DO CASE” statements in higher level lan-
guages).
LAID: (Load Accumulator-Indirect); Single byte look up table
instruction provides efficient data path from the program
memory to the CPU. This instruction can be used for table
lookup and to read the entire program memory for checksum
calculations.
RETSK: (Return Skip); Single byte instruction allows return
from subroutine and skips next instruction. Decision to
branch can be made in the subroutine itself, saving code.
AUTOINC/DEC: (Auto-Increment/Auto-Decrement); These
instructions use the two memory pointers B and X to effi-
ciently process a block of data (simplifying “FOR NEXT” or
other loop structures in higher level languages).
6.6.4 Bit-Level Control
Bit-level control over many of the microcontroller’s I/O ports
provides a flexible means to ease layout concerns and save
board space. All members of the COP8 family provide the
ability to set, reset and test any individual bit in the data
memory address space, including memory-mapped I/O ports
and associated registers.
6.6.5 Register Set
Three memory-mapped pointers handle register indirect ad-
dressing and software stack pointer functions. The memory
data pointers allow the option of post-incrementing or post-
decrementing with the data movement instructions (LOAD/
EXCHANGE). And 15 memory-mapped registers allow de-
signers to optimize the precise implementation of certain
specific instructions.
6.7 PACKAGING/PIN EFFICIENCY
Real estate and board configuration considerations demand
maximum space and pin efficiency, particularly given today’s
high integration and small product form factors. Microcon-
troller users try to avoid using large packages to get the I/O
needed. Large packages take valuable board space and
increase device cost, two trade-offs that microcontroller de-
signs can ill afford.
The COP8 family offers a wide range of packages and does
not waste pins.
www.national.com
11


Similar Part No. - COP8SDR9LVA8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
COP8SDR9 TI1-COP8SDR9 Datasheet
1Mb / 105P
[Old version datasheet]   COP8SBR9/COP8SCR9/COP8SDR9 8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
COP8SDR9HVA8/63SN TI1-COP8SDR9HVA8/63SN Datasheet
1Mb / 104P
[Old version datasheet]   8-Bit CMOS Flash Based Microcontroller with 32k Memory
COP8SDR9HVA8/NOPB TI1-COP8SDR9HVA8/NOPB Datasheet
1Mb / 104P
[Old version datasheet]   8-Bit CMOS Flash Based Microcontroller with 32k Memory
More results

Similar Description - COP8SDR9LVA8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
COP8SBR9 TI1-COP8SBR9_14 Datasheet
1Mb / 105P
[Old version datasheet]   COP8SBR9/COP8SCR9/COP8SDR9 8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
logo
National Semiconductor ...
COP8CBR9 NSC-COP8CBR9 Datasheet
1Mb / 84P
   8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
COP8SBE9 NSC-COP8SBE9 Datasheet
841Kb / 70P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM and Brownout Reset
COP8CBE9 NSC-COP8CBE9 Datasheet
921Kb / 75P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10-Bit A/D and Brownout Reset
logo
Texas Instruments
COP8CCE9 TI1-COP8CCE9_15 Datasheet
1Mb / 101P
[Old version datasheet]   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM
COP8SBR9 TI1-COP8SBR9_15 Datasheet
1Mb / 104P
[Old version datasheet]   8-Bit CMOS Flash Based Microcontroller with 32k Memory
COP8CCE9 TI1-COP8CCE9_14 Datasheet
1Mb / 103P
[Old version datasheet]   COP8CBE9/CCE9 8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10- Bit A/D and Brownout Reset
logo
National Semiconductor ...
COP8CFE9 NSC-COP8CFE9 Datasheet
771Kb / 63P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, and 10-Bit A/D
logo
Texas Instruments
COP8CBR9 TI1-COP8CBR9_15 Datasheet
2Mb / 111P
[Old version datasheet]   8-Bit CMOS Flash Microcontroller with 32k Memory
COP8AME9 TI1-COP8AME9_14 Datasheet
1Mb / 102P
[Old version datasheet]   COP8AME9 8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEPROM, Temperature Sensor, 10-Bit A/D and Brownout Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com