Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBI20D Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # GBI20D
Description  Silicon-Bridge-Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

GBI20D Datasheet(HTML) 2 Page - Diotec Semiconductor

  GBI20D Datasheet HTML 1Page - Diotec Semiconductor GBI20D Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GBI20A ... GBI20M
Characteristics
Kennwerte
Max. rectified current without cooling fin
Dauergrenzstrom ohne Kühlblech
TA = 50°C
R-load
C-load
IFAV
IFAV
3.6 A 1)
2.9 A 1)
Max. rectified current with forced cooling
Dauergrenzstrom mit forcierter Kühlung
TC = 100°C
R-load
C-load
IFAV
IFAV
20.0 A
15.0 A
Forward voltage – Durchlass-Spannung
Tj = 25°C
IF = 10.0 A
VF
< 1.1 V 2)
Leakage current – Sperrstrom
Tj = 25°C
VR = VRRM
IR
< 5 µA
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthJA
< 15 K/W 1)
Thermal resistance junction to case
Wärmewiderstand Sperrschicht – Gehäuse
RthJC
< 1.5 K/W
Type
Typ
Max. admissible load capacitor
Max. zulässiger Ladekondensator
CL [µF]
Min. required protective resistor
Min. erforderl. Schutzwiderstand
RL [Ω]
GBI20A
20000
0.2
GBI20B
10000
0.4
GBI20D
5000
0.8
GBI20G
2500
1.6
GBI20J
1500
2.4
GBI20K
1000
3.2
GBI20M
800
4.0
1
Valid, if leads are kept to ambient temperature at a distance of 5 mm from case
Gültig, wenn die Anschlüsse in 5 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
2
Valid per diode – Gültig pro Diode
2
http://www.diotec.com/
© Diotec Semiconductor AG
Rated forward current vs. temp. of the case
in Abh. v. d. Gehäusetemperatur
Zul. Richtstrom
120
100
80
60
40
20
0
I
FAV
[%]
[°C]
T
C
150
100
50
0
10
10
10
1
10
3
2
-1
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
T = 25°C
j
T = 125°C
j
240a-(10a-1,1v)


Similar Part No. - GBI20D

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI20D DIOTEC-GBI20D Datasheet
78Kb / 2P
   Silicon-Bridge Rectifiers
GBI20D DIOTEC-GBI20D Datasheet
115Kb / 2P
   Silicon-Bridge-Rectifiers
GBI20D DIOTEC-GBI20D Datasheet
118Kb / 2P
   Silicon-Bridge-Rectifiers
GBI20D DIOTEC-GBI20D Datasheet
169Kb / 2P
   Single Phase Bridge Rectifier
More results

Similar Description - GBI20D

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com