Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1847612385K4 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # MKP1847612385K4
Description  Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1847612385K4 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button MKP1847612385K4 Datasheet HTML 7Page - Vishay Siliconix MKP1847612385K4 Datasheet HTML 8Page - Vishay Siliconix MKP1847612385K4 Datasheet HTML 9Page - Vishay Siliconix MKP1847612385K4 Datasheet HTML 10Page - Vishay Siliconix MKP1847612385K4 Datasheet HTML 11Page - Vishay Siliconix MKP1847612385K4 Datasheet HTML 12Page - Vishay Siliconix MKP1847612385K4 Datasheet HTML 13Page - Vishay Siliconix MKP1847612385K4 Datasheet HTML 14Page - Vishay Siliconix MKP1847612385K4 Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MKP1847 AC Filtering
www.vishay.com
Vishay Roederstein
Revision: 22-Sep-14
11
Document Number: 28172
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power Dissipation and Maximum Component Temperature Rise
The power dissipation must be limited in order not to exceed the maximum allowed component temperature rise as a function
of the free air ambient temperature.
The component temperature rise (
T) can be measured or calculated by T = P/G:
T = component temperature rise (°C) with a maximum of 15 °C
• P = power dissipation of the component (mW)
• G = heat conductivity of the component (mW/°C)
MEASURING THE COMPONENT TEMPERATURE
The case temperature is measured in unloaded (Tamb) and maximum loaded condition (TC).
The temperature rise is given by
T = T
C - Tamb.
To avoid thermal radiation or convection, the capacitor must be tested in a closed area from air circulation.
APPLICATION NOTE AND LIMITING CONDITIONS
These capacitors are not suitable for mains applications as across-the-line capacitors without additional protection.
These mains applications are strictly regulated in safety standards and therefore electromagnetic interference suppression
capacitors conforming the standards must be used.
To select the capacitor for a certain application, the following conditions must be checked:
• The peak voltage (UP+) shall not be greater than 2 x URMS
• The peak-to-peak ripple voltage (UPP) shall not be greater than 2 x 2 x URMS
• The voltage pulse slope (dU/dt) shall not exceed the rated pulse slope at the DC voltage rating.
If the pulse voltage is lower than the rated DC voltage, the rated voltage pulse slope may be multiplied by UNDC and divided
by the applied voltage.
For all other pulses following equation must be fulfilled:
T is the pulse duration
• The maximum component surface temperature must be lower than 105 °C and maximum temperature rise between case and
free air ambient shall be lower than 15 °C.
HEAT CONDUCTIVITY
DIMENSIONS (mm)
HEAT CONDUCTIVITY (mW/°C)
w
h
l
PITCH 27.5 mm
PITCH 37.5 mm
PITCH 52.5 mm
9.0
19.0
32.0
16
-
-
11.0
21.0
32.0
19
-
-
13.0
23.0
32.0
22
-
-
15.0
25.0
32.0
25
-
-
18.0
28.0
32.0
30
-
-
21.0
31.0
32.0
35
-
-
18.5
35.5
43.0
-
45
-
21.5
38.5
43.0
-
51
-
24.0
44.0
42.0
-
59
-
30.0
45.0
42.0
-
68
-
25.0
45.0
57.5
-
-
77
30.0
45.0
57.5
-
-
85
35.0
50.0
57.5
-
-
100
45.0
45.0
57.5
-
-
108
Thermocouple
2 x
dU
dt
-------


2
x dt
U
NDC x
dU
dt
-------


rated
0
T


Similar Part No. - MKP1847612385K4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847612314P VISHAY-MKP1847612314P Datasheet
177Kb / 17P
   Metallized Polypropylene Film Capacitor
Revision: 31-Jan-17
MKP1847612314Y VISHAY-MKP1847612314Y Datasheet
177Kb / 17P
   Metallized Polypropylene Film Capacitor
Revision: 31-Jan-17
MKP1847612354P VISHAY-MKP1847612354P Datasheet
177Kb / 17P
   Metallized Polypropylene Film Capacitor
Revision: 31-Jan-17
MKP1847612354Y VISHAY-MKP1847612354Y Datasheet
177Kb / 17P
   Metallized Polypropylene Film Capacitor
Revision: 31-Jan-17
More results

Similar Description - MKP1847612385K4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847C VISHAY-MKP1847C Datasheet
179Kb / 16P
   AC Filtering Metalized Polypropylene Film Capacitor Radial Type
MKP386M VISHAY-MKP386M Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
MKP1847H VISHAY-MKP1847H Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
MMKP386 VISHAY-MMKP386 Datasheet
149Kb / 13P
   Double Metallized Polypropylene Film Capacitor Radial Snubber Type
logo
List of Unclassifed Man...
CBB60 ETC-CBB60 Datasheet
194Kb / 2P
   Metallized Polypropylene Film AC Motor Capacitor
Ver. 2005
logo
Cornell Dubilier Electr...
ACF CDE-ACF Datasheet
222Kb / 3P
   Type ACF, Metallized Polypropylene Capacitors for AC Filtering
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
jb Capacitors Company
JFT JBCAPACITORS-JFT_15 Datasheet
298Kb / 2P
   Metallized Polypropylene Film AC Capacitor Class-X1
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com