Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1300660050 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1300660050
Description  Mini-Change Brad Power Receptacle, 3 Poles, Male
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1300660050 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1300660050 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 07/06/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300660050
Status:
Active
Overview:
Brad® Mini-Change® Connectors
Description:
Mini-Change® Brad® Power Receptacle, 3 Poles, Male, 1/2" - 14 NPT, 14/1 AWG,
0.050m (1.97") Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E258922
General
Product Family
Industrial Receptacles
Series
130066
IP Rating
IP67
Overview
Brad® Mini-Change® Connectors
Product Name
Mini-Change®
Type
Single Ended (pigtail)
UPC
78678856636
Physical
Coupling Type
External Thread
Gender
Male
Keyway
Single
Length
0.050m
Material - Component
Black Annodized Aluminum
Mounting Thread Size
1/2" - 14 NPT
Orientation
Straight
Panel Mount
Back, Front
Poles
3
Temperature Range - Operating
-20°C to +90°C
Wire Size AWG
14
Wire/Cable Type
THHN
Electrical
Current - Maximum per Contact
15.0A
Voltage - Maximum
600V
Material Info
Old Part Number
1R3006A28M005G
Reference - Drawing Numbers
Sales Drawing
SD-130066-028
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Relevant
ELV
Not Relevant
Search Parts in this Series
130066 Series
This document was generated on 07/06/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1300660050

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300660035 MOLEX11-1300660035 Datasheet
30Kb / 1P
   Mini-Change Brad Power Receptacle, 3 Poles, Female
1300660069 MOLEX11-1300660069 Datasheet
29Kb / 1P
   Mini-Change Brad Power Receptacle, 4 Poles, Female
1300660078 MOLEX11-1300660078 Datasheet
29Kb / 1P
   Mini-Change Brad Power Receptacle, 4 Poles, Male
1300660090 MOLEX11-1300660090 Datasheet
29Kb / 1P
   Mini-Change Brad Power Receptacle, 4 Poles, Male
More results

Similar Description - 1300660050

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300660263 MOLEX11-1300660263 Datasheet
29Kb / 1P
   Mini-Change Brad Power Receptacle, 3 Poles
1300660090 MOLEX11-1300660090 Datasheet
29Kb / 1P
   Mini-Change Brad Power Receptacle, 4 Poles, Male
1300660078 MOLEX11-1300660078 Datasheet
29Kb / 1P
   Mini-Change Brad Power Receptacle, 4 Poles, Male
1300660035 MOLEX11-1300660035 Datasheet
30Kb / 1P
   Mini-Change Brad Power Receptacle, 3 Poles, Female
1300660255 MOLEX11-1300660255 Datasheet
30Kb / 1P
   Quick-Change Brad Power Receptacle, 3 Poles, Male,
1300660143 MOLEX11-1300660143 Datasheet
30Kb / 1P
   Quick-Change Brad Power Receptacle, 3 Poles, Male
1300660254 MOLEX11-1300660254 Datasheet
30Kb / 1P
   Mini-Change Brad Power Receptacle, 4 Poles
1300660069 MOLEX11-1300660069 Datasheet
29Kb / 1P
   Mini-Change Brad Power Receptacle, 4 Poles, Female
1300660170 MOLEX11-1300660170 Datasheet
30Kb / 1P
   Quick-Change Brad Power Receptacle, 4 Poles, Male
1300660203 MOLEX11-1300660203 Datasheet
30Kb / 1P
   Quick-Change Brad Power Receptacle, 4 Poles, Male
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com