Electronic Components Datasheet Search |
|
250U25L104BBNA Datasheet(PDF) 1 Page - CTS Corporation |
|
250U25L104BBNA Datasheet(HTML) 1 Page - CTS Corporation |
1 / 3 page Commercial 9mm Carbon Composition R • Miniature 9mm size • Vertical or horizontal PCB mount • Closed construction • Detent available Series 250 Electrical and Mechanical Specifications Resistance Range 500 ohms through 1 Megohms Resistance Tolerance Power Rating 0.05 watts @ 50°C Dielectric Strength 250 VAC for 1 minute Insulation Resistance 100 Megohms minimum @ 250 VDC Angle of Rotation 280° Rotational Torque 10 to 100 gf-cm Stop Strength 3 kgf-cm minimum Detent Detent @ 50% rotation Pull-Push Strength on shaft 5 kgs for 10 seconds Rotational Life Standard: 5 K cycles Features Maximum Operating Voltage 50 VAC, 20 VDC • RoHS compliant 1 - 3 © 2010 CTS Corporation. All rights reserved. Information subject to change. 05/14/10 CTS Electrocomponents www.ctscorp.com ® Electrocomponents Data Sheet Data Sheet Rotary Potentiometer • Snap-in structure Operating Temperature 0°C to 85°C Solder Heat Resistance 260°C for 5 seconds Mounting Information P.C. board mounting Type “X”, “Y”, “B” : shaft parallel to P.C. board Type “U” : shaft perpendicular to P.C. board Rotary Potentiometer ±30%, ±20%, ±10% • Low cost Special: 10 K, 100 K cycles |
Similar Part No. - 250U25L104BBNA |
|
Similar Description - 250U25L104BBNA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |